Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

300BS14-U Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 300BS14-U
Description  4 Matched NPN Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

300BS14-U Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  300BS14-U Datasheet HTML 1Page - List of Unclassifed Manufacturers 300BS14-U Datasheet HTML 2Page - List of Unclassifed Manufacturers 300BS14-U Datasheet HTML 3Page - List of Unclassifed Manufacturers 300BS14-U Datasheet HTML 4Page - List of Unclassifed Manufacturers 300BS14-U Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
THAT 300 Series Transistor Array ICs
Page 5 of 5
Document 600041 Rev 02
THAT Corporation; 45 Sumner Street; Milford, Massachusetts 01757-1656; USA
Tel: +1 508 478 9200; Fax: +1 508 478 0990; Web: www.thatcorp.com
Copyright © 2010, THAT Corporation. All rights reserved.
THAT Corporation believes all the information furnished in this data sheet is accurate and reliable. However we assume
no responsibility for its use nor for any infringements of third-party intellectual property which may result from its use.
LIFE SUPPORT POLICY
THAT Corporation ICs are not designed for use in life support equipment where a malfunction of our ICs might
reasonably result in injury or death. Customers who use or sell our ICs for such life suport application do so at their
own risk, and shall hold THAT Corporation harmless from any and all claims, damages, suits, or expenses resulting
from such use or sale.
CAUTION: THIS IS AN ESD (ELECTROSTATIC DISCHARGE) SENSITIVE DEVICE
Electrostatic charges in the range of several kV can accumulate on the human body as well as test and assembly equip-
ment. This device can be damaged by the currents generated by electrostatic discharge from bodies and equipment.
Moreover, the transistors in this device are unprotected in order to maximize performance and flexibility. Accordingly,
they are more sensitive to ESD damage than many other ICs which include protection devices at their inputs. Note that
all of the pins are susceptible.
Use ESD-preventative measures when storing and handling this device. Unused devices should be stored in conductive
packaging. Packaging should be discharged to the destination socket before the devices are removed from their
packages. ESD damage can occur to these devices even after they are installed in a board-level assembly. Circuits
should include specific and appropriate ESD protection.
Revision History
1
2
3
3
4
5
-Added high hfe versions Models 300A and 300B with
accompanying specifications and information.
-Revised Features, Applications, and Description sections
-Revised Maximum Rating section
-Added NPN Breakdown Voltage spec.
-Added PNP Breakdown Voltage spec.
-Added Packaging Characteristics Table.
-Revised disclaimer text
Sept. 2010
2460
02
2
Changed Max. Operating Temperature from 70 °C to
85 °C.
April 2010
2393
01
Release
April 2004
00
Page
Changes
Date
ECO
Revision
THAT and
c are registered trademarks of THAT Corporation.


Similar Part No. - 300BS14-U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
300BS14-U ETC2-300BS14-U Datasheet
99Kb / 5P
   4 Matched NPN Transistors
More results

Similar Description - 300BS14-U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
THAT300S14-U ETC2-THAT300S14-U Datasheet
99Kb / 5P
   4 Matched NPN Transistors
logo
NXP Semiconductors
BCM847BV NXP-BCM847BV Datasheet
127Kb / 15P
   NPN/NPN matched double transistors
Rev. 06-28 August 2009
PMP4201V NXP-PMP4201V Datasheet
123Kb / 14P
   NPN/NPN matched double transistors
Rev. 04-28 August 2009
logo
Nexperia B.V. All right...
PMP4501G NEXPERIA-PMP4501G Datasheet
122Kb / 14P
   NPN/NPN matched double transistors
Rev. 04 - 28 August 2009
logo
NXP Semiconductors
BCM847BV PHILIPS-BCM847BV_15 Datasheet
138Kb / 15P
   NPN/NPN matched double transistors
Rev. 06-28 August 2009
BCM847BV PHILIPS-BCM847BV Datasheet
115Kb / 15P
   NPN/NPN matched double transistors
Rev. 05-27 June 2006
PMP4501V NXP-PMP4501V Datasheet
123Kb / 14P
   NPN/NPN matched double transistors
Rev. 04-28 August 2009
logo
Diotec Semiconductor
BCM846BS DIOTEC-BCM846BS Datasheet
151Kb / 2P
   SMD Matched NPN Transistors
logo
Seme LAB
BFY81 SEME-LAB-BFY81 Datasheet
177Kb / 3P
   SILICON DUAL MATCHED NPN TRANSISTORS
logo
TT Electronics.
BFY81 TTELEC-BFY81 Datasheet
177Kb / 3P
   SILICON DUAL MATCHED NPN TRANSISTORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com