Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT28HC256-12TC Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT28HC256-12TC
Description  256 32K x 8 High Speed Parallel EEPROMs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT28HC256-12TC Datasheet(HTML) 1 Page - ATMEL Corporation

  AT28HC256-12TC Datasheet HTML 1Page - ATMEL Corporation AT28HC256-12TC Datasheet HTML 2Page - ATMEL Corporation AT28HC256-12TC Datasheet HTML 3Page - ATMEL Corporation AT28HC256-12TC Datasheet HTML 4Page - ATMEL Corporation AT28HC256-12TC Datasheet HTML 5Page - ATMEL Corporation AT28HC256-12TC Datasheet HTML 6Page - ATMEL Corporation AT28HC256-12TC Datasheet HTML 7Page - ATMEL Corporation AT28HC256-12TC Datasheet HTML 8Page - ATMEL Corporation AT28HC256-12TC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
AT28HC256
256 (32K x 8)
High Speed
CMOS
E
2PROM
Features
Fast Read Access Time - 70 ns
Automatic Page Write Operation
Internal Address and Data Latches for 64-Bytes
Internal Control Timer
Fast Write Cycle Times
Page Write Cycle Time: 3 ms or 10 ms Maximum
1 to 64-Byte Page Write Operation
Low Power Dissipation
80 mA Active Current
3 mA Standby Current
Hardware and Software Data Protection
DATA Polling for End of Write Detection
High Reliability CMOS Technology
Endurance: 10
4 or 105 Cycles
Data Retention: 10 Years
Single 5V ± 10% Supply
CMOS and TTL Compatible Inputs and Outputs
JEDEC Approved Byte-Wide Pinout
Full Military, Commercial, and Industrial Temperature Ranges
Description
The AT28HC256 is a high-performance Electrically Erasable and Programmable
Read Only Memory. Its 256K of memory is organized as 32,768 words by 8 bits.
Manufactured with Atmel’s advanced nonvolatile CMOS technology, the AT28HC256
offers access times to 70 ns with power dissipation of just 440 mW. When the
AT28HC256 is deselected, the standby current is less than 5 mA.
(continued)
Note: PLCC package pins 1 and
17 are DON’T CONNECT.
CERDIP, PDIP,
FLATPACK
Top View
LCC, PLCC
Top View
Pin Name
Function
A0 - A14
Addresses
CE
Chip Enable
OE
Output Enable
WE
Write Enable
I/O0 - I/O7
Data Inputs/Outputs
NC
No Connect
DC
Don’t Connect
Pin Configurations
TSOP
Top View
PGA
Top View
0007F
AT28HC256
2-279


Similar Part No. - AT28HC256-12TC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28HC256-12TC ATMEL-AT28HC256-12TC Datasheet
728Kb / 12P
   256 32K x 8 High Speed CMOS E2PROM
More results

Similar Description - AT28HC256-12TC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28HC256 ATMEL-AT28HC256_08 Datasheet
448Kb / 16P
   256 (32K x 8) High Speed Parallel Parallel
AT28HC256N ATMEL-AT28HC256N Datasheet
230Kb / 13P
   256 (32K x 8) High-speed Parallel EEPROM
AT28BV256 ATMEL-AT28BV256 Datasheet
251Kb / 16P
   256K (32K x 8) Battery-Voltage Parallel EEPROMs
AT28BV256 ATMEL-AT28BV256 Datasheet
307Kb / 18P
   256K (32K x 8) Battery-Voltage Parallel EEPROMs
AT28BV256 ATMEL-AT28BV256_09 Datasheet
301Kb / 17P
   256K (32K x 8) Battery-Voltage Parallel EEPROMs
AT28HC256 ATMEL-AT28HC256 Datasheet
728Kb / 12P
   256 32K x 8 High Speed CMOS E2PROM
logo
Cypress Semiconductor
CY14B256LA CYPRESS-CY14B256LA Datasheet
648Kb / 21P
   256 Kbit (32K x 8) nvSRAM
CY14E256L CYPRESS-CY14E256L_09 Datasheet
1Mb / 18P
   256 Kbit (32K x 8) nvSRAM
logo
ATMEL Corporation
AT16C16 ATMEL-AT16C16 Datasheet
176Kb / 12P
   16K (2K x 8) Parallel EEPROMs
logo
Cypress Semiconductor
CY14E256L CYPRESS-CY14E256L Datasheet
799Kb / 16P
   256-Kbit (32K x 8) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com