Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT27C256R-70 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT27C256R-70
Description  256K 32K x 8 OTP CMOS EPROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27C256R-70 Datasheet(HTML) 5 Page - ATMEL Corporation

  AT27C256R-70 Datasheet HTML 1Page - ATMEL Corporation AT27C256R-70 Datasheet HTML 2Page - ATMEL Corporation AT27C256R-70 Datasheet HTML 3Page - ATMEL Corporation AT27C256R-70 Datasheet HTML 4Page - ATMEL Corporation AT27C256R-70 Datasheet HTML 5Page - ATMEL Corporation AT27C256R-70 Datasheet HTML 6Page - ATMEL Corporation AT27C256R-70 Datasheet HTML 7Page - ATMEL Corporation AT27C256R-70 Datasheet HTML 8Page - ATMEL Corporation AT27C256R-70 Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Pin Capacitance (f = 1MHz, T = 25°C)
(1)
Typ
Max
Units
Conditions
CIN
46
pF
VIN = 0V
COUT
812
pF
VOUT = 0V
Note:
1. Typical values for nominal supply voltage. This parameter is only sampled and is not 100% tested.
AC Waveforms for Read Operation
(1)
Notes: 1. Timing measurement reference level is 1.5V for -45
and -55 devices. Input AC drive levels are VIL =
0.0V and VIH = 3.0V. Timing measurement refer-
ence levels for all other speed grades are VOL =
0.8V and VOH = 2.0V. Input AC drive levels are VIL
= 0.45V and VIH = 2.4V.
2. OE may be delayed up to tCE - tOE after the falling
edge of CE without impact on tCE.
3. OE may be delayed up to tACC - tOE after the address is valid
without impact on tACC.
4. This parameter is only sampled and is not 100% tested.
5. Output float is defined as the point when data is no longer
driven.
Input Test Waveforms and Measurement Levels
tR, tF < 5 ns (10% to 90%)
For -45 and -55 devices only:
For -70, -90, -12, and -15 devices:
Output Test Load
Note:
CL= 100 pF including jig
capacitance, except for
the -45 and -55 devices,
where CL= 30 pF.
tR, tF < 20 ns (10% to 90%)
AT27C256R
3-129


Similar Part No. - AT27C256R-70

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C256R-70JA ATMEL-AT27C256R-70JA Datasheet
415Kb / 15P
   256K (32K x 8) OTP EPROM
AT27C256R-70JI ATMEL-AT27C256R-70JI Datasheet
415Kb / 15P
   256K (32K x 8) OTP EPROM
AT27C256R-70PA ATMEL-AT27C256R-70PA Datasheet
415Kb / 15P
   256K (32K x 8) OTP EPROM
AT27C256R-70PI ATMEL-AT27C256R-70PI Datasheet
415Kb / 15P
   256K (32K x 8) OTP EPROM
AT27C256R-70PU ATMEL-AT27C256R-70PU Datasheet
833Kb / 14P
   256K (32K x 8) One-time Programmable, Read-only Memory
More results

Similar Description - AT27C256R-70

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C256R ATMEL-AT27C256R_07 Datasheet
415Kb / 15P
   256K (32K x 8) OTP EPROM
AT27LV256A ATMEL-AT27LV256A Datasheet
221Kb / 9P
   256K 32K x 8 Low Voltage OTP CMOS EPROM
logo
Maxwell Technologies
27C256T MAXWELL-27C256T Datasheet
126Kb / 14P
   256K (32K x 8-Bit) OTP EPROM
logo
AMIC Technology
A27020 AMICC-A27020_15 Datasheet
138Kb / 14P
   256K X 8 OTP CMOS EPROM
logo
Microchip Technology
27C256 MICROCHIP-27C256_04 Datasheet
91Kb / 10P
   256K (32K x 8) CMOS EPROM
2004
logo
AMIC Technology
A27020 AMICC-A27020 Datasheet
170Kb / 14P
   256K X 8 OTP CMOS EPROM
A27020A AMICC-A27020A Datasheet
175Kb / 14P
   256K X 8 OTP CMOS EPROM
A278308 AMICC-A278308 Datasheet
252Kb / 14P
   256K X 8 OTP CMOS EPROM
A278308A AMICC-A278308A Datasheet
173Kb / 14P
   256K X 8 OTP CMOS EPROM
logo
Microchip Technology
27C256 MICROCHIP-27C256 Datasheet
67Kb / 12P
   256K (32K x 8) CMOS EPROM
1996
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com