Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT29LV020-20 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT29LV020-20
Description  2 Megabit 256K x 8 3-volt Only CMOS Flash Memory
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT29LV020-20 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT29LV020-20 Datasheet HTML 2Page - ATMEL Corporation AT29LV020-20 Datasheet HTML 3Page - ATMEL Corporation AT29LV020-20 Datasheet HTML 4Page - ATMEL Corporation AT29LV020-20 Datasheet HTML 5Page - ATMEL Corporation AT29LV020-20 Datasheet HTML 6Page - ATMEL Corporation AT29LV020-20 Datasheet HTML 7Page - ATMEL Corporation AT29LV020-20 Datasheet HTML 8Page - ATMEL Corporation AT29LV020-20 Datasheet HTML 9Page - ATMEL Corporation AT29LV020-20 Datasheet HTML 10Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
AC Byte Load Characteristics
Symbol
Parameter
Min
Max
Units
tAS, tOES
Address, OE Set-up Time
10
ns
tAH
Address Hold Time
100
ns
tCS
Chip Select Set-up Time
0
ns
tCH
Chip Select Hold Time
0
ns
tWP
Write Pulse Width (WE or CE)
200
ns
tDS
Data Set-up Time
100
ns
tDH, tOEH
Data, OE Hold Time
10
ns
tWPH
Write Pulse Width High
200
ns
AC Byte Load Waveforms
(1, 2)
WE Controlled
CE Controlled
Notes: 1. The software data protection commands must be
applied prior to byte loads.
2. A complete sector (256 bytes) should be loaded using these
waveforms as shown in the Software Protected Byte Load
waveforms (see next page).
4-78
AT29LV020


Similar Part No. - AT29LV020-20

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29LV020-20JU ATMEL-AT29LV020-20JU Datasheet
387Kb / 16P
   2-megabit (256K x 8) 3-volt Only Flash Memory
AT29LV020-20TU ATMEL-AT29LV020-20TU Datasheet
387Kb / 16P
   2-megabit (256K x 8) 3-volt Only Flash Memory
More results

Similar Description - AT29LV020-20

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29LV020 ATMEL-AT29LV020_08 Datasheet
387Kb / 16P
   2-megabit (256K x 8) 3-volt Only Flash Memory
AT29C020 ATMEL-AT29C020 Datasheet
257Kb / 11P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT49F020 ATMEL-AT49F020 Datasheet
84Kb / 10P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
logo
PMC-Sierra, Inc
PM29F002 PMC-PM29F002 Datasheet
148Kb / 21P
   2 Megabit (256K X 8) 5.0 Volt-only CMOS Flash Memory
logo
ATMEL Corporation
AT49F002T ATMEL-AT49F002T Datasheet
119Kb / 12P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT29C020 ATMEL-AT29C020 Datasheet
426Kb / 17P
   2-megabit (256K x 8) 5-volt Only Flash Memory
logo
Hynix Semiconductor
HY29F002T HYNIX-HY29F002T Datasheet
381Kb / 38P
   2 Megabit (256K x 8), 5 Volt-only, Flash Memory
logo
ATMEL Corporation
AT49F002 ATMEL-AT49F002 Datasheet
182Kb / 16P
   2-Megabit 256K x 8 5-volt Only Flash Memory
AT49F002 ATMEL-AT49F002 Datasheet
213Kb / 20P
   2-megabit (256K x 8) 5-volt Only Flash Memory
AT49BV4096 ATMEL-AT49BV4096 Datasheet
176Kb / 11P
   4-Megabit 256K x 16 3-volt Only CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com