Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

744776347 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 744776347
Description  WE-ASI SMD Wire Wound Inductor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

744776347 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  744776347 Datasheet HTML 1Page - List of Unclassifed Manufacturers 744776347 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
74458303
3.0
0.5
1.0
3.5
2.9
21
630
74458304
4.7
0.4
0.9
4.8
4.0
22
500
74458306
6.0
0.4
0.7
6.0
5.2
20
470
74458308
8.0
0.35
0.6
8.0
6.8
19
410
AS-Interface is a determined component in the modern automation technology and has especially enforced in rough industry
environment. To reach a high balance against the earth and to separate data and energy sequence, special inductors were
developed. The huge advantage for this active solution is the almost negligible voltage drop of the chokes. Now the optimal voltage
supply of the actuators is ensured.
To Parameter Search
Please contact our 24h eMail hotline for questions and feedback
Page 2 of 2
WE Product Catalogue eiSos - WE-ASI SMD Wire Wound Inductor
5/8/2012
http://katalog.we-online.de/kataloge/eisos/?language=en&id=754&artikelnr=744775318


Similar Part No. - 744776347

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
744776347 WURTH-744776347 Datasheet
806Kb / 5P
   WE-ASI SMD Wire Wound Inductor
More results

Similar Description - 744776347

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
744775360 WURTH-744775360 Datasheet
783Kb / 5P
   WE-ASI SMD Wire Wound Inductor
744776333 WURTH-744776333 Datasheet
806Kb / 5P
   WE-ASI SMD Wire Wound Inductor
74458303 WURTH-74458303 Datasheet
1Mb / 5P
   WE-ASI SMD Wire Wound Inductor
744776381 WURTH-744776381 Datasheet
807Kb / 5P
   WE-ASI SMD Wire Wound Inductor
744776360 WURTH-744776360 Datasheet
1,013Kb / 5P
   WE-ASI SMD Wire Wound Inductor
744775330 WURTH-744775330 Datasheet
782Kb / 5P
   WE-ASI SMD Wire Wound Inductor
744775347 WURTH-744775347 Datasheet
782Kb / 5P
   WE-ASI SMD Wire Wound Inductor
744775380 WURTH-744775380 Datasheet
783Kb / 5P
   WE-ASI SMD Wire Wound Inductor
744776347 WURTH-744776347 Datasheet
806Kb / 5P
   WE-ASI SMD Wire Wound Inductor
74458308 WURTH-74458308 Datasheet
1Mb / 5P
   WE-ASI SMD Wire Wound Inductor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com