Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25640T2-10TC Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT25640T2-10TC
Description  SPI Serial EEPROMs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25640T2-10TC Datasheet(HTML) 2 Page - ATMEL Corporation

  AT25640T2-10TC Datasheet HTML 1Page - ATMEL Corporation AT25640T2-10TC Datasheet HTML 2Page - ATMEL Corporation AT25640T2-10TC Datasheet HTML 3Page - ATMEL Corporation AT25640T2-10TC Datasheet HTML 4Page - ATMEL Corporation AT25640T2-10TC Datasheet HTML 5Page - ATMEL Corporation AT25640T2-10TC Datasheet HTML 6Page - ATMEL Corporation AT25640T2-10TC Datasheet HTML 7Page - ATMEL Corporation AT25640T2-10TC Datasheet HTML 8Page - ATMEL Corporation AT25640T2-10TC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
AT25080/160/320/640
2
are essential. The AT25080/160/320/640 is available in
space saving 8-pin PDIP, JEDEC SOIC, and 14-pin and
20-pin TSSOP packages.
The AT25080/160/320/640 is enabled through the Chip
Select pin (CS) and accessed via a 3-wire interface con-
sisting of Serial Data Input (SI), Serial Data Output (SO),
and Serial Clock (SCK). All programming cycles are com-
pletely self-timed, and no separate ERASE cycle is
required before WRITE.
BLOCK WRITE protection is enabled by programming the
status register with one of four blocks of write protection.
Separate program enable and program disable instructions
are provided for additional data protection. Hardware data
protection is provided via the WP pin to protect against
inadvertent write attempts to the status register. The HOLD
pin may be used to suspend any serial communication
without resetting the serial sequence.
Block Diagram
Absolute Maximum Ratings*
Operating Temperature .................................. -55
°C to +125°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect device
reliability.
Storage Temperature ..................................... -65
°C to +150°C
Voltage on Any Pin
with Respect to Ground .....................................-1.0V to +7.0V
Maximum Operating Voltage........................................... 6.25V
DC Output Current........................................................ 5.0 mA


Similar Part No. - AT25640T2-10TC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25640T2-10TC ATMEL-AT25640T2-10TC Datasheet
178Kb / 12P
   SPI Serial E2PROMs
More results

Similar Description - AT25640T2-10TC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25010 ATMEL-AT25010_03 Datasheet
155Kb / 17P
   SPI Serial EEPROMs
AT25HP256 ATMEL-AT25HP256_06 Datasheet
414Kb / 21P
   SPI Serial EEPROMs
AT25080A ATMEL-AT25080A_07 Datasheet
448Kb / 24P
   SPI Serial EEPROMs
AT25010 ATMEL-AT25010 Datasheet
165Kb / 15P
   SPI Serial EEPROMs
AT25128 ATMEL-AT25128 Datasheet
230Kb / 12P
   SPI Serial EEPROMs
AT25HP256 ATMEL-AT25HP256 Datasheet
178Kb / 15P
   SPI Serial EEPROMs
AT25128A ATMEL-AT25128A_05 Datasheet
437Kb / 21P
   SPI Serial EEPROMs
AT25640A ATMEL-AT25640A Datasheet
388Kb / 20P
   SPI Serial EEPROMs
AT25080 ATMEL-AT25080_03 Datasheet
331Kb / 21P
   SPI Serial EEPROMs
AT25128 ATMEL-AT25128_05 Datasheet
432Kb / 22P
   SPI Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com