Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT28HC256-12PI Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT28HC256-12PI
Description  256 32K x 8 High Speed CMOS E2PROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT28HC256-12PI Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT28HC256-12PI Datasheet HTML 4Page - ATMEL Corporation AT28HC256-12PI Datasheet HTML 5Page - ATMEL Corporation AT28HC256-12PI Datasheet HTML 6Page - ATMEL Corporation AT28HC256-12PI Datasheet HTML 7Page - ATMEL Corporation AT28HC256-12PI Datasheet HTML 8Page - ATMEL Corporation AT28HC256-12PI Datasheet HTML 9Page - ATMEL Corporation AT28HC256-12PI Datasheet HTML 10Page - ATMEL Corporation AT28HC256-12PI Datasheet HTML 11Page - ATMEL Corporation AT28HC256-12PI Datasheet HTML 12Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Software Protected Write Cycle Waveforms
(1, 2)
Notes: 1. A6 through A14 must specify the same page address during each high to low transition of WE (or CE) after the software
code has been entered.
2. OE must be high only when WE and CE are both low.
LOAD LAST BYTE
TO
LAST ADDRESS
LOAD DATA A0
TO
ADDRESS 5555
LOAD DATA 55
TO
ADDRESS 2AAA
LOAD DATA AA
TO
ADDRESS 5555
Notes:
1. Data Format: I/O7 - I/O0 (Hex);
Address Format: A14 - A0 (Hex).
2. Write Protect state will be activated at end of write even if no
other data is loaded.
3. Write Protect state will be deactivated at end of write period
even if no other data is loaded.
4. 1 to 64-bytes of data are loaded.
ENTER DATA
PROTECT STATE
WRITES ENABLED
(2)
Software Data
Protection Enable Algorithm
(1)
LOAD DATA XX
TO
ANY ADDRESS
(4)
LOAD LAST BYTE
TO
LAST ADDRESS
LOAD DATA 55
TO
ADDRESS 2AAA
LOAD DATA AA
TO
ADDRESS 5555
LOAD DATA 80
TO
ADDRESS 5555
LOAD DATA 55
TO
ADDRESS 2AAA
LOAD DATA AA
TO
ADDRESS 5555
LOAD DATA 20
TO
ADDRESS 5555
EXIT DATA
PROTECT STATE
(3)
Software Data
Protection Disable Algorithm
(1)
LOAD DATA XX
TO
ANY ADDRESS
(4)
2-286
AT28HC256


Similar Part No. - AT28HC256-12PI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28HC256-12PI ATMEL-AT28HC256-12PI Datasheet
445Kb / 12P
   256 32K x 8 High Speed Parallel EEPROMs
More results

Similar Description - AT28HC256-12PI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28C256 ATMEL-AT28C256 Datasheet
762Kb / 14P
   256K 32K x 8 Paged CMOS E2PROM
AT28HC256N ATMEL-AT28HC256N Datasheet
230Kb / 13P
   256 (32K x 8) High-speed Parallel EEPROM
AT28HC256 ATMEL-AT28HC256_08 Datasheet
448Kb / 16P
   256 (32K x 8) High Speed Parallel Parallel
AT28HC256 ATMEL-AT28HC256 Datasheet
445Kb / 12P
   256 32K x 8 High Speed Parallel EEPROMs
AT28LV256 ATMEL-AT28LV256 Datasheet
602Kb / 10P
   256K 32K x 8 Low Voltage CMOS E2PROM
logo
STMicroelectronics
WS57C256F STMICROELECTRONICS-WS57C256F Datasheet
49Kb / 5P
   HIGH SPEED 32K x 8 CMOS EPROM
logo
Integrated Circuit Solu...
IC61C256AH ICSI-IC61C256AH Datasheet
97Kb / 9P
   32K x 8 HIGH-SPEED CMOS STATIC RAM
logo
List of Unclassifed Man...
UT61256 ETC-UT61256 Datasheet
185Kb / 10P
   32K X 8 BIT HIGH SPEED CMOS SRAM
logo
Pyramid Semiconductor C...
P4C1256 PYRAMID-P4C1256 Datasheet
170Kb / 17P
   HIGH SPEED 32K x 8 STATIC CMOS RAM
logo
Lyontek Inc.
LY61L256 LYONTEK-LY61L256_17 Datasheet
852Kb / 14P
   32K X 8 BIT HIGH SPEED CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com