Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT29LV040A-20TI Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT29LV040A-20TI
Description  4 Megabit 512K x 8 3-volt Only 256 Byte Sector CMOS Flash Memory
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT29LV040A-20TI Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT29LV040A-20TI Datasheet HTML 2Page - ATMEL Corporation AT29LV040A-20TI Datasheet HTML 3Page - ATMEL Corporation AT29LV040A-20TI Datasheet HTML 4Page - ATMEL Corporation AT29LV040A-20TI Datasheet HTML 5Page - ATMEL Corporation AT29LV040A-20TI Datasheet HTML 6Page - ATMEL Corporation AT29LV040A-20TI Datasheet HTML 7Page - ATMEL Corporation AT29LV040A-20TI Datasheet HTML 8Page - ATMEL Corporation AT29LV040A-20TI Datasheet HTML 9Page - ATMEL Corporation AT29LV040A-20TI Datasheet HTML 10Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
PAUSE 20 mS
LOAD DATA 90
TO
ADDRESS 5555
LOAD DATA 55
TO
ADDRESS 2AAA
LOAD DATA AA
TO
ADDRESS 5555
Notes for software product identification:
1. Data Format: I/O7 - I/O0 (Hex);
Address Format: A14 - A0 (Hex).
2. A1 - A18 = VIL.
Manufacture Code is read for A0 = VIL;
Device Code is read for A0 = VIH.
3. The device does not remain in identification mode if
powered down.
4. The device returns to standard operation mode.
5. Manufacturer Code: 1F
Device Code: C4
ENTER PRODUCT
IDENTIFICATION
MODE
(2, 3, 5)
Software Product
Identification Entry
(1)
PAUSE 20 mS
LOAD DATA F0
TO
ADDRESS 5555
LOAD DATA 55
TO
ADDRESS 2AAA
LOAD DATA AA
TO
ADDRESS 5555
EXIT PRODUCT
IDENTIFICATION
MODE
(4)
Software Product
Identification Exit
(1)
LOAD DATA 80
TO
ADDRESS 5555
LOAD DATA 55
TO
ADDRESS 2AAA
Boot Block Lockout
Feature Enable Algorithm
(1)
Notes for boot block lockout feature enable:
1. Data Format: I/O7 - I/O0 (Hex);
Address Format: A14 - A0 (Hex).
2. Lockout feature set on lower address boot block.
3. Lockout feature set on higher address boot block.
LOAD DATA AA
TO
ADDRESS 5555
LOAD DATA 55
TO
ADDRESS 2AAA
LOAD DATA AA
TO
ADDRESS 5555
PAUSE 20 mS
LOAD DATA FF
TO
ADDRESS FFFFFH
(3)
PAUSE 20 mS
LOAD DATA 00
TO
ADDRESS 00000H
(2)
LOAD DATA 40
TO
ADDRESS 5555
AT29LV040A
4-91


Similar Part No. - AT29LV040A-20TI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29LV040A-15JI ATMEL-AT29LV040A-15JI Datasheet
387Kb / 16P
   4-megabit (512K x 8) 3-volt Only 256-byte Sector Flash Memory
AT29LV040A-15JU ATMEL-AT29LV040A-15JU Datasheet
459Kb / 16P
   4-megabit (512K x 8) 3-volt Only 256-byte Sector Flash Memory
AT29LV040A-15TU ATMEL-AT29LV040A-15TU Datasheet
459Kb / 16P
   4-megabit (512K x 8) 3-volt Only 256-byte Sector Flash Memory
More results

Similar Description - AT29LV040A-20TI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29LV040A ATMEL-AT29LV040A_08 Datasheet
459Kb / 16P
   4-megabit (512K x 8) 3-volt Only 256-byte Sector Flash Memory
AT29LV040A-15JI ATMEL-AT29LV040A-15JI Datasheet
387Kb / 16P
   4-megabit (512K x 8) 3-volt Only 256-byte Sector Flash Memory
AT29C040A ATMEL-AT29C040A Datasheet
234Kb / 11P
   4-Megabit 512K x 8 5-volt Only 256-Byte Sector CMOS Flash Memory
AT29C040A-90PI ATMEL-AT29C040A-90PI Datasheet
258Kb / 17P
   4-megabit (512K x 8) 5-volt Only 256-byte Sector Flash Memory
AT29C040A-90PC ATMEL-AT29C040A-90PC Datasheet
258Kb / 17P
   4-megabit (512K x 8) 5-volt Only 256-byte Sector Flash Memory
AT29C040A ATMEL-AT29C040A_08 Datasheet
409Kb / 17P
   4-megabit (512K x 8) 5-volt Only 256-byte Sector Flash Memory
logo
Eon Silicon Solution In...
EN29LV040A EON-EN29LV040A_11 Datasheet
262Kb / 33P
   4 Megabit (512K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
EN29LV040A EON-EN29LV040A Datasheet
257Kb / 35P
   4 Megabit (512K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
logo
ATMEL Corporation
AT49F040 ATMEL-AT49F040 Datasheet
229Kb / 10P
   4-Megabit 512K x 8 5-volt Only CMOS Flash Memory
AT49F040 ATMEL-AT49F040 Datasheet
245Kb / 10P
   4 Megabit 512K x 8 5-volt Only CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com