Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT29LV256-15JC Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT29LV256-15JC
Description  256K 32K x 8 3-volt Only CMOS Flash Memory
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT29LV256-15JC Datasheet(HTML) 5 Page - ATMEL Corporation

  AT29LV256-15JC Datasheet HTML 1Page - ATMEL Corporation AT29LV256-15JC Datasheet HTML 2Page - ATMEL Corporation AT29LV256-15JC Datasheet HTML 3Page - ATMEL Corporation AT29LV256-15JC Datasheet HTML 4Page - ATMEL Corporation AT29LV256-15JC Datasheet HTML 5Page - ATMEL Corporation AT29LV256-15JC Datasheet HTML 6Page - ATMEL Corporation AT29LV256-15JC Datasheet HTML 7Page - ATMEL Corporation AT29LV256-15JC Datasheet HTML 8Page - ATMEL Corporation AT29LV256-15JC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
AC Read Characteristics
AT29LV256-15
AT29LV256-20
AT29LV256-25
Symbol
Parameter
Min
Max
Min
Max
Min
Max
Units
tACC
Address to Output Delay
150
200
250
ns
tCE (1)
CE to Output Delay
150
200
250
ns
tOE (2)
OE to Output Delay
0
70
0
100
0
120
ns
tDF (3, 4)
CE or OE to Output Float
0
40
0
50
0
60
ns
tOH
Output Hold from OE, CE or
Address, whichever occurred first
00
0
ns
Notes:
1. CE may be delayed up to tACC - tCE after the address transi-
tion without impact on tACC .
2. OE may be delayed up to tCE - tOE after the falling edge
of CE without impact on tCE or by tACC - tOE after an address
change without impact on tACC .
3. tDF is specified from OE or CE whichever occurs first
(CL = 5 pF).
4. This parameter is characterized and is not 100% tested.
AC Read Waveforms
(1, 2, 3, 4)
tR, tF < 5 ns
Input Test Waveforms and Measurement Level
Output Test Load
Pin Capacitance
(f = 1 MHz, T = 25°C)
(1)
Typ
Max
Units
Conditions
CIN
46
pF
VIN = 0V
COUT
812
pF
VOUT = 0V
Note:
1. These parameters are characterized and not 100% tested.
AT29LV256
4-37


Similar Part No. - AT29LV256-15JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29LV010A ATMEL-AT29LV010A Datasheet
491Kb / 10P
   1 Megabit 128K x 8 3-volt Only CMOS Flash
AT29LV010A-12JC ATMEL-AT29LV010A-12JC Datasheet
721Kb / 16P
   1-megabit (128K x 8) 3-volt Only Flash Memory
AT29LV010A-12JI ATMEL-AT29LV010A-12JI Datasheet
721Kb / 16P
   1-megabit (128K x 8) 3-volt Only Flash Memory
AT29LV010A-12TC ATMEL-AT29LV010A-12TC Datasheet
721Kb / 16P
   1-megabit (128K x 8) 3-volt Only Flash Memory
AT29LV010A-12TI ATMEL-AT29LV010A-12TI Datasheet
721Kb / 16P
   1-megabit (128K x 8) 3-volt Only Flash Memory
More results

Similar Description - AT29LV256-15JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29C257 ATMEL-AT29C257 Datasheet
562Kb / 12P
   256K 32K x 8 5-volt Only CMOS Flash Memory
AT29C256 ATMEL-AT29C256 Datasheet
664Kb / 12P
   256K 32K x 8 5-volt Only CMOS Flash Memory
AT29C256 ATMEL-AT29C256 Datasheet
343Kb / 17P
   256K (32K x 8) 5-volt Only Flash Memory
AT29LV020 ATMEL-AT29LV020 Datasheet
486Kb / 10P
   2 Megabit 256K x 8 3-volt Only CMOS Flash Memory
AT29LV020 ATMEL-AT29LV020_08 Datasheet
387Kb / 16P
   2-megabit (256K x 8) 3-volt Only Flash Memory
AT29C020 ATMEL-AT29C020 Datasheet
257Kb / 11P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT49F020 ATMEL-AT49F020 Datasheet
84Kb / 10P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
logo
PMC-Sierra, Inc
PM29F002 PMC-PM29F002 Datasheet
148Kb / 21P
   2 Megabit (256K X 8) 5.0 Volt-only CMOS Flash Memory
logo
ATMEL Corporation
AT49F002T ATMEL-AT49F002T Datasheet
119Kb / 12P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT49BV4096 ATMEL-AT49BV4096 Datasheet
176Kb / 11P
   4-Megabit 256K x 16 3-volt Only CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com