Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT34C02 Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT34C02
Description  2-Wire Serial EEPROM with Permanent Software Write Protect
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT34C02 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT34C02 Datasheet HTML 4Page - ATMEL Corporation AT34C02 Datasheet HTML 5Page - ATMEL Corporation AT34C02 Datasheet HTML 6Page - ATMEL Corporation AT34C02 Datasheet HTML 7Page - ATMEL Corporation AT34C02 Datasheet HTML 8Page - ATMEL Corporation AT34C02 Datasheet HTML 9Page - ATMEL Corporation AT34C02 Datasheet HTML 10Page - ATMEL Corporation AT34C02 Datasheet HTML 11Page - ATMEL Corporation AT34C02 Datasheet HTML 12Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AT34C02
11
Ordering Information
t
WR (max)
(ms)
I
CC (max)
(
µA)
I
SB (max)
(
µA)
f
MAX
(kHz)
Ordering Code
Package
Operation Range
10
3000
18
400
AT34C02-10PC
AT34C02N-10SC
AT34C02-10TC
8P3
8S1
8T
Commercial
(0
°C to 70°C)
3000
18
400
AT34C02-10PI
AT34C02N-10SI
AT34C02-10TI
8P3
8S1
8T
Industrial
(-40
°C to 85°C)
10
1500
4
100
AT34C02-10PC-2.7
AT34C02N-10SC-2.7
AT34C02-10TC-2.7
8P3
8S1
8T
Commercial
(0
°C to 70°C)
1500
4
100
AT34C02-10PI-2.7
AT34C02N-10SI-2.7
AT34C02-10TI-2.7
8P3
8S1
8T
Industrial
(-40
°C to 85°C)
10
800
3
100
AT34C02-10PC-1.8
AT34C02N-10SC-1.8
AT34C02-10TC-1.8
8P3
8S1
8T
Commercial
(0
°C to 70°C)
800
3
100
AT34C02-10PI-1.8
AT34C02N-10SI-1.8
AT34C02-10TI-1.8
8P3
8S1
8T
Industrial
(-40
°C to 85°C)
Package Type
8P3
8-Lead, 0.300" Wide, Plastic Dual Inline Package (PDIP)
8S1
8-Lead, 0.150" Wide, Plastic Gull Wing Small Outline Package(JEDEC SOIC)
8T
8-Lead, 0.170" Wide, Thin Shrink Small Outline Package (TSSOP)
Options
Blank
Standard Operation (4.5V to 5.5V)
-2.7
Low Voltage (2.7V to 5.5V)
-1.8
Low Voltage (1.8V to 5.5V)


Similar Part No. - AT34C02

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT34C02 ATMEL-AT34C02 Datasheet
487Kb / 21P
   Two-wire Serial EEPROM with Permanent Software Write Protect
AT34C02-10PU-1.8 ATMEL-AT34C02-10PU-1.8 Datasheet
487Kb / 21P
   Two-wire Serial EEPROM with Permanent Software Write Protect
AT34C02-10TE-2.7 ATMEL-AT34C02-10TE-2.7 Datasheet
487Kb / 21P
   Two-wire Serial EEPROM with Permanent Software Write Protect
AT34C02-10TQ-2.7 ATMEL-AT34C02-10TQ-2.7 Datasheet
487Kb / 21P
   Two-wire Serial EEPROM with Permanent Software Write Protect
AT34C02-10TU-1.8 ATMEL-AT34C02-10TU-1.8 Datasheet
487Kb / 21P
   Two-wire Serial EEPROM with Permanent Software Write Protect
More results

Similar Description - AT34C02

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT34C02 ATMEL-AT34C02_07 Datasheet
487Kb / 21P
   Two-wire Serial EEPROM with Permanent Software Write Protect
AT24CS128 ATMEL-AT24CS128 Datasheet
207Kb / 12P
   2-Wire Serial EEPROMs with Permanent Software Write Protect
AT34C02B ATMEL-AT34C02B Datasheet
466Kb / 21P
   Two-wire Serial EEPROM with Permanent and Reversible Software Write Protect
AT34C02C ATMEL-AT34C02C Datasheet
370Kb / 20P
   Two-wire Serial EEPROM with Permanent and Reversible Software Write Protect
AT34C02C ATMEL-AT34C02C_09 Datasheet
412Kb / 18P
   Two-wire Automotive Temperature Serial EEPROM with Permanent and Reversible Software Write Protect
logo
Microchip Technology
34AA02 MICROCHIP-34AA02_V01 Datasheet
499Kb / 40P
   2-Kbit I2C Serial EEPROM Software Write-Protect
Revision G 04/2022
24AA52 MICROCHIP-24AA52_11 Datasheet
822Kb / 36P
   EEPROM with Software Write-Protect
08/02/11
34AA04 MICROCHIP-34AA04 Datasheet
666Kb / 36P
   4K I2C??Serial EEPROM with Software Write-Protect
03/25/14
logo
ATMEL Corporation
AT34C02C ATMEL-AT34C02C_08 Datasheet
658Kb / 25P
   Two-wire Serial EEPROM with Permanent and Reversible Software Write Protect 2K (256 x 8)
logo
Microchip Technology
34VL02 MICROCHIP-34VL02 Datasheet
813Kb / 32P
   2K I2C Serial EEPROM Software Write-Protect
2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com