Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT29C010A-12TI Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT29C010A-12TI
Description  1 Megabit 128K x 8 5-volt Only CMOS Flash Memory
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT29C010A-12TI Datasheet(HTML) 1 Page - ATMEL Corporation

  AT29C010A-12TI Datasheet HTML 1Page - ATMEL Corporation AT29C010A-12TI Datasheet HTML 2Page - ATMEL Corporation AT29C010A-12TI Datasheet HTML 3Page - ATMEL Corporation AT29C010A-12TI Datasheet HTML 4Page - ATMEL Corporation AT29C010A-12TI Datasheet HTML 5Page - ATMEL Corporation AT29C010A-12TI Datasheet HTML 6Page - ATMEL Corporation AT29C010A-12TI Datasheet HTML 7Page - ATMEL Corporation AT29C010A-12TI Datasheet HTML 8Page - ATMEL Corporation AT29C010A-12TI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
AT29C010A
1 Megabit
(128K x 8)
5-volt Only
CMOS Flash
Memory
Features
Fast Read Access Time - 70 ns
5-Volt-Only Reprogramming
Sector Program Operation
Single Cycle Reprogram (Erase and Program)
1024 Sectors (128 bytes/sector)
Internal Address and Data Latches for 128-Bytes
Two 8 KB Boot Blocks with Lockout
Internal Program Control and Timer
Hardware and Software Data Protection
Fast Sector Program Cycle Time - 10 ms
DATA Polling for End of Program Detection
Low Power Dissipation
50 mA Active Current
100
µA CMOS Standby Current
Typical Endurance > 10,000 Cycles
Single 5V ±10% Supply
CMOS and TTL Compatible Inputs and Outputs
Commercial and Industrial Temperature Ranges
Description
The AT29C010A is a 5-volt-only in-system Flash programmable and erasable read
only memory (PEROM). Its 1 megabit of memory is organized as 131,072 words by 8
bits. Manufactured with Atmel’s advanced nonvolatile CMOS technology, the device
offers access times to 70 ns with power dissipation of just 275 mW over the commer-
cial temperature range. When the device is deselected, the CMOS standby current is
less than 100
µA. The device endurance is such that any sector can typically be writ-
ten to in excess of 10,000 times.
To allow for simple in-system reprogrammability, the AT29C010A does not require
high input voltages for programming. Five-volt-only commands determine the opera-
(continued)
DIP Top View
TSOP Top View
Type 1
Pin Configurations
Pin Name
Function
A0 - A16
Addresses
CE
Chip Enable
OE
Output Enable
WE
Write Enable
I/O0 - I/O7
Data Inputs/Outputs
NC
No Connect
PLCC Top View
0394B
AT29C010A
4-129


Similar Part No. - AT29C010A-12TI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29C010A-12TI ATMEL-AT29C010A-12TI Datasheet
214Kb / 18P
   1-Megabit (128K x 8) 5-volt Only Flash Memory
More results

Similar Description - AT29C010A-12TI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49F010 ATMEL-AT49F010 Datasheet
248Kb / 10P
   1-Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT29C010A ATMEL-AT29C010A_08 Datasheet
408Kb / 18P
   1-megabit (128K x 8) 5-volt Only Flash Memory
AT49F001 ATMEL-AT49F001 Datasheet
152Kb / 16P
   1-Megabit 128K x 8 5-volt Only Flash Memory
AT29C010A-70TI ATMEL-AT29C010A-70TI Datasheet
314Kb / 18P
   1-megabit (128K x 8) 5-volt Only Flash Memory
AT29C010A ATMEL-AT29C010A_02 Datasheet
214Kb / 18P
   1-Megabit (128K x 8) 5-volt Only Flash Memory
AT29LV010A-12TU ATMEL-AT29LV010A-12TU Datasheet
721Kb / 16P
   1-megabit (128K x 8) 3-volt Only Flash Memory
AT49F2048 ATMEL-AT49F2048 Datasheet
207Kb / 11P
   2-Megabit 128K x 16 5-volt Only CMOS Flash Memory
AT29LV010A ATMEL-AT29LV010A Datasheet
491Kb / 10P
   1 Megabit 128K x 8 3-volt Only CMOS Flash
AT49F2048A ATMEL-AT49F2048A Datasheet
275Kb / 13P
   2-megabit 256K x 8/ 128K x 16 5-volt Only CMOS Flash Memory
AT49F001A ATMEL-AT49F001A Datasheet
283Kb / 18P
   1-MEGABIT (128 X 8) 5-VOLT ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com