Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT34C02N-10SC Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT34C02N-10SC
Description  2-Wire Serial EEPROM with Permanent Software Write Protect
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT34C02N-10SC Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT34C02N-10SC Datasheet HTML 2Page - ATMEL Corporation AT34C02N-10SC Datasheet HTML 3Page - ATMEL Corporation AT34C02N-10SC Datasheet HTML 4Page - ATMEL Corporation AT34C02N-10SC Datasheet HTML 5Page - ATMEL Corporation AT34C02N-10SC Datasheet HTML 6Page - ATMEL Corporation AT34C02N-10SC Datasheet HTML 7Page - ATMEL Corporation AT34C02N-10SC Datasheet HTML 8Page - ATMEL Corporation AT34C02N-10SC Datasheet HTML 9Page - ATMEL Corporation AT34C02N-10SC Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AT34C02
6
Data Validity
Start and Stop Condition
Output Acknowledge


Similar Part No. - AT34C02N-10SC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT34C02N-10SE-2.7 ATMEL-AT34C02N-10SE-2.7 Datasheet
487Kb / 21P
   Two-wire Serial EEPROM with Permanent Software Write Protect
AT34C02N-10SQ-2.7 ATMEL-AT34C02N-10SQ-2.7 Datasheet
487Kb / 21P
   Two-wire Serial EEPROM with Permanent Software Write Protect
AT34C02N-10SU-1.8 ATMEL-AT34C02N-10SU-1.8 Datasheet
487Kb / 21P
   Two-wire Serial EEPROM with Permanent Software Write Protect
More results

Similar Description - AT34C02N-10SC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT34C02 ATMEL-AT34C02_07 Datasheet
487Kb / 21P
   Two-wire Serial EEPROM with Permanent Software Write Protect
AT24CS128 ATMEL-AT24CS128 Datasheet
207Kb / 12P
   2-Wire Serial EEPROMs with Permanent Software Write Protect
AT34C02B ATMEL-AT34C02B Datasheet
466Kb / 21P
   Two-wire Serial EEPROM with Permanent and Reversible Software Write Protect
AT34C02C ATMEL-AT34C02C Datasheet
370Kb / 20P
   Two-wire Serial EEPROM with Permanent and Reversible Software Write Protect
AT34C02C ATMEL-AT34C02C_09 Datasheet
412Kb / 18P
   Two-wire Automotive Temperature Serial EEPROM with Permanent and Reversible Software Write Protect
logo
Microchip Technology
34AA02 MICROCHIP-34AA02_V01 Datasheet
499Kb / 40P
   2-Kbit I2C Serial EEPROM Software Write-Protect
Revision G 04/2022
24AA52 MICROCHIP-24AA52_11 Datasheet
822Kb / 36P
   EEPROM with Software Write-Protect
08/02/11
34AA04 MICROCHIP-34AA04 Datasheet
666Kb / 36P
   4K I2C??Serial EEPROM with Software Write-Protect
03/25/14
logo
ATMEL Corporation
AT34C02C ATMEL-AT34C02C_08 Datasheet
658Kb / 25P
   Two-wire Serial EEPROM with Permanent and Reversible Software Write Protect 2K (256 x 8)
logo
Microchip Technology
34VL02 MICROCHIP-34VL02 Datasheet
813Kb / 32P
   2K I2C Serial EEPROM Software Write-Protect
2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com