Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PWR2615W7R50FE Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # PWR2615W7R50FE
Description  Surface Mount Wirewound Power Resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PWR2615W7R50FE Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  PWR2615W7R50FE Datasheet HTML 1Page - Bourns Electronic Solutions PWR2615W7R50FE Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Surface mount wirewound resistor
High power
Low temperature coefficient
RoHS compliant*
Non-inductive versions available
Applications
Power supplies
Motor drives
Electricity metering
PWR1913/PWR2615/PWR4525/PWR6327 Surface Mount Wirewound Power Resistors
*RoHS Directive 2002/95/EC Jan 27, 2003 including Annex.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
General Information
The PWR1913/PWR2615/PWR4525/PWR6327 Series are surface mount wirewound resistors offering 0.5, 1, 2 and 3 W power
ratings as well as a wide resistance and operating temperature range.
Physical Characteristics
Flammability ........Conforms to UL94V-0
Lead Frame Material
...............................Copper, tin-plated
Body Material ...................... Epoxy resin
Electrical Characteristics
Parameter
PWR1913
PWR2615
PWR4525
PWR6327
Resistance Range
0.01 to 400 ohms
0.01 to 3K ohms
0.01 to 15K ohms
0.01 to 25K ohms
Resistance Range
(Non-Inductive Version)
Not Available
0.01 to 1.5K ohms
0.01 to 7.5K ohms
0.01 to 12.5K ohms
Power Rating @ 70 °C
0.5 W
1 W
2 W
3 W
Maximum Working Voltage
33 V
58 V
173 V
273 V
Absolute Tolerance Values
1 % / 5 %
Temperature Coefficient (TCR)
R>10 ohms
1 ohm
≤R≤10 ohms
R<1 ohm
±20 PPM/°C
±50 PPM/°C
±150 PPM/°C
Operating Temperature
-55 to +275 °C
Insulation Resistance
>1000 megohms
Dielectric Strength
1000 VAC
Environmental Characteristics
Tests per
MIL-STD-202
ΔR Max.
Short Time Overload
0.5 % ±0.05
Ω
Load Life
1.0 % ±0.05
Ω
Moisture Resistance
1.0 % ±0.05
Ω
Thermal Shock
0.5 % ±0.05
Ω
Resistance to Solder
Heat
0.25 % ±0.05
Ω
Shock
0.5 % ±0.05
Ω
Vibration
0.5 % ±0.05
Ω
Characteristic Curve
Ambient Temperature (
°C)
100
120
80
60
40
20
0
0
50
200
150
100
250
300
350
Asia-Pacific: Tel: +886-2 2562-4117 • Fax: +886-2 2562-4116
Europe: Tel: +41-41 768 5555 • Fax: +41-41 768 5510
The Americas: Tel: +1-951 781-5500 • Fax: +1-951 781-5700
www.bourns.com


Similar Part No. - PWR2615W7R50FE

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PWR2615 BOURNS-PWR2615 Datasheet
123Kb / 2P
   SURFACE MOUNT WIREWOUND RESISTOR
More results

Similar Description - PWR2615W7R50FE

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
SSL RIEDON-SSL_14 Datasheet
215Kb / 2P
   Surface Mount Wirewound Resistors
S4-10RF1 RIEDON-S4-10RF1 Datasheet
198Kb / 2P
   Surface Mount Wirewound Resistors
S3-0R005J8 RIEDON-S3-0R005J8 Datasheet
205Kb / 2P
   Surface Mount Wirewound Resistors
S3-100RF1 RIEDON-S3-100RF1 Datasheet
205Kb / 2P
   Surface Mount Wirewound Resistors
S5-100RJ2 RIEDON-S5-100RJ2 Datasheet
205Kb / 2P
   Surface Mount Wirewound Resistors
S1-0R039J8 RIEDON-S1-0R039J8 Datasheet
205Kb / 2P
   Surface Mount Wirewound Resistors
S2-0R2F2 RIEDON-S2-0R2F2 Datasheet
205Kb / 2P
   Surface Mount Wirewound Resistors
S5-470RF1 RIEDON-S5-470RF1 Datasheet
205Kb / 2P
   Surface Mount Wirewound Resistors
S2-680RF1 RIEDON-S2-680RF1 Datasheet
205Kb / 2P
   Surface Mount Wirewound Resistors
S4-0R015F1 RIEDON-S4-0R015F1 Datasheet
205Kb / 2P
   Surface Mount Wirewound Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com