Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4311T-L Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 4311T-L
Description  Resistor Network
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

4311T-L Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  4311T-L Datasheet HTML 1Page - Bourns Electronic Solutions 4311T-L Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Headquarters Riverside CA
www.bourns.com
page 1 of 2
MATERIAL DECLARATION SHEET
Material #
Model 4311T-L
Product Line
Resistor Network
Date
02-January-2006
RoHS Compliant
Yes
No.
Construction
Element
Material
Group
Material
Weight [g]
Materials
CAS
If applicable
Average Mass
[%]
Sum [%]
1
Element
Ceramic
Conductor
Ink
Glaze
0.13159
0.000021
0.000013
0.000036
0.000421
0.000329
0.000164
Alumina
Tantalum Nitride
Titanium
Palladium
Gold
Copper
Nickel
1344-28-1
12033-62-4
7440-32-6
7440-05-3
7440-57-5
7440-50-8
7440-02-0
21.70
0.01
0.07
0.05
0.03
21.87
2
Terminal Pins
Copper
Plating
0.1430
0.0015
Copper
Tin
7440-50-8
7440-31-5
23.59
0.25
23.84
3
Termination
Solder
0.0054
0.0467
0.0011
Tin
Lead
Silver
7440-31-5
7439-92-1
7440-22-4
0.88
7.71
0.18
8.78
4
Body
Plastic
0.1922
0.0466
0.0193
0.0069
0.0110
Silica, Vitreous
Epoxy Cresol Novalac Resin
Phenolic Resin
Antimony Oxide
TBBPA
60676-86-0
29690-82-2
9003-35-4
1309-64-4
79-94-7
31.71
7.69
3.18
1.13
1.81
45.51
Total Weight
0.606258


Similar Part No. - 4311T-L

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
4311T-101-2222BA BOURNS-4311T-101-2222BA Datasheet
186Kb / 2P
   Thin Film Molded SIP
4311T-101-2222BAAL BOURNS-4311T-101-2222BAAL Datasheet
203Kb / 2P
   Thin Film Molded SIP
4311T-101-2222BABL BOURNS-4311T-101-2222BABL Datasheet
203Kb / 2P
   Thin Film Molded SIP
4311T-101-2222BADL BOURNS-4311T-101-2222BADL Datasheet
203Kb / 2P
   Thin Film Molded SIP
4311T-101-2222BAL BOURNS-4311T-101-2222BAL Datasheet
186Kb / 2P
   Thin Film Molded SIP
More results

Similar Description - 4311T-L

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
4308S-L BOURNS-4308S-L Datasheet
30Kb / 2P
   Resistor Network
4310T-L BOURNS-4310T-L Datasheet
30Kb / 2P
   Resistor Network
4816T-L BOURNS-4816T-L Datasheet
29Kb / 2P
   Resistor Network
4304K-L BOURNS-4304K-L Datasheet
30Kb / 2P
   Resistor Network
4306T-L BOURNS-4306T-L Datasheet
30Kb / 2P
   Resistor Network
4308T-L BOURNS-4308T-L Datasheet
30Kb / 2P
   Resistor Network
4310S-L BOURNS-4310S-L Datasheet
30Kb / 2P
   Resistor Network
4304S-L BOURNS-4304S-L Datasheet
36Kb / 2P
   Resistor Network
4820T-L BOURNS-4820T-L Datasheet
29Kb / 2P
   Resistor Network
4309T-L BOURNS-4309T-L Datasheet
30Kb / 2P
   Resistor Network
4306K-L BOURNS-4306K-L Datasheet
30Kb / 2P
   Resistor Network
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com