Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT28C010-15 Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT28C010-15
Description  1 Megabit 128K x 8 Paged CMOS E2PROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT28C010-15 Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT28C010-15 Datasheet HTML 3Page - ATMEL Corporation AT28C010-15 Datasheet HTML 4Page - ATMEL Corporation AT28C010-15 Datasheet HTML 5Page - ATMEL Corporation AT28C010-15 Datasheet HTML 6Page - ATMEL Corporation AT28C010-15 Datasheet HTML 7Page - ATMEL Corporation AT28C010-15 Datasheet HTML 8Page - ATMEL Corporation AT28C010-15 Datasheet HTML 9Page - ATMEL Corporation AT28C010-15 Datasheet HTML 10Page - ATMEL Corporation AT28C010-15 Datasheet HTML 11Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
tACC
(ns)
ICC (mA)
Ordering Code
Package
Operation Range
Active
Standby
120
80
0.3
AT28C010(E)-12DM/883
32D6
Military/883C
AT28C010(E)-12EM/883
32L
Class B, Fully Compliant
AT28C010-12FM/883
32F
(-55
°C to 125°C)
AT28C010(E)-12LM/883
44L
AT28C010(E)-12UM/883
30U
150
80
0.3
AT28C010(E)-15DM/883
32D6
Military/883C
AT28C010(E)-15EM/883
32L
Class B, Fully Compliant
AT28C010-15FM/883
32F
(-55
°C to 125°C)
AT28C010(E)-15LM/883
44L
AT28C010(E)-15UM/883
30U
200
80
0.3
AT28C010(E)-20DM/883
32D6
Military/883C
AT28C010(E)-20EM/883
32L
Class B, Fully Compliant
AT28C010-20FM/883
32F
(-55
°C to 125°C)
AT28C010(E)-20LM/883
44L
AT28C010(E)-20UM/883
30U
250
80
0.3
AT28C010(E)-25DM/883
32D6
Military/883C
AT28C010(E)-25EM/883
32L
Class B, Fully Compliant
AT28C010-25FM/883
32F
(-55
°C to 125°C)
AT28C010(E)-25LM/883
44L
AT28C010(E)-25UM/883
30U
120
80
0.3
5962-38267 07 MXX
32D6
Military/883C
5962-38267 07 MZX
32F
Class B, Fully Compliant
5962-38267 07 MYX
44L
(-55
°C to 125°C)
5962-38267 07 MTX
30U
150
80
0.3
5962-38267 05 MXX
32D6
Military/883C
5962-38267 05 MUX
32L
Class B, Fully Compliant
5962-38267 05 MZX
32F
(-55
°C to 125°C)
5962-38267 05 MYX
44L
5962-38267 05 MTX
30U
200
80
0.3
5962-38267 03 MXX
32D6
Military/883C
5962-38267 03 MUX
32L
Class B, Fully Compliant
5962-38267 03 MZX
32F
(-55
°C to 125°C)
5962-38267 03 MYX
44L
5962-38267 03 MTX
30U
250
80
0.3
5962-38267 01 MXX
32D6
Military/883C
5962-38267 01 MUX
32L
Class B, Fully Compliant
5962-38267 01 MZX
32F
(-55
°C to 125°C)
5962-38267 01 MYX
44L
5962-38267 01 MTX
30U
80
0.3
AT28C010-W
DIE
Note: 1. See Valid Part Number table on next page.
Ordering Information
(1)
2-252
AT28C010 Mil


Similar Part No. - AT28C010-15

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28C010-15 ATMEL-AT28C010-15 Datasheet
657Kb / 11P
   1 Megabit 128K x 8 Paged CMOS E2PROM
AT28C010-15DM/883 ATMEL-AT28C010-15DM/883 Datasheet
657Kb / 11P
   1 Megabit 128K x 8 Paged CMOS E2PROM
AT28C010-15EM/883 ATMEL-AT28C010-15EM/883 Datasheet
657Kb / 11P
   1 Megabit 128K x 8 Paged CMOS E2PROM
AT28C010-15FM/883 ATMEL-AT28C010-15FM/883 Datasheet
657Kb / 11P
   1 Megabit 128K x 8 Paged CMOS E2PROM
AT28C010-15FM/883 ATMEL-AT28C010-15FM/883 Datasheet
604Kb / 16P
   1-Megabit (128K x 8) Paged Parallel EEPROMs
More results

Similar Description - AT28C010-15

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28C010 ATMEL-AT28C010 Datasheet
657Kb / 11P
   1 Megabit 128K x 8 Paged CMOS E2PROM
AT28LV010 ATMEL-AT28LV010 Datasheet
498Kb / 9P
   1 Megabit 128K x 8 Low Voltage Paged CMOS E2PROM
AT28C010 ATMEL-AT28C010_09 Datasheet
604Kb / 16P
   1-Megabit (128K x 8) Paged Parallel EEPROMs
AT28C010 ATMEL-AT28C010_06 Datasheet
410Kb / 17P
   1-megabit (128K x 8) Paged Parallel EEPROM
AT28C040 ATMEL-AT28C040 Datasheet
332Kb / 12P
   4-Megabit 512K x 8 Paged E2PROM
AT28C010-12DK ATMEL-AT28C010-12DK_09 Datasheet
300Kb / 19P
   Space 1-megabit (128K x 8) Paged Parallel EEPROMs
AT28C010-12DK ATMEL-AT28C010-12DK_05 Datasheet
241Kb / 18P
   Space 1-megabit (128K x 8) Paged Parallel EEPROMs
AT28C010-12DK ATMEL-AT28C010-12DK Datasheet
236Kb / 17P
   Space 1-megabit (128K x 8) Paged Parallel EEPROMs
AT28C256 ATMEL-AT28C256 Datasheet
762Kb / 14P
   256K 32K x 8 Paged CMOS E2PROM
AT28LV010 ATMEL-AT28LV010_06 Datasheet
355Kb / 15P
   1-Megabit (128K x 8) Low Voltage Paged Parallel EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com