Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT45D041 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT45D041
Description  4-Megabit 5-volt Only Serial DataFlash
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45D041 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT45D041 Datasheet HTML 3Page - ATMEL Corporation AT45D041 Datasheet HTML 4Page - ATMEL Corporation AT45D041 Datasheet HTML 5Page - ATMEL Corporation AT45D041 Datasheet HTML 6Page - ATMEL Corporation AT45D041 Datasheet HTML 7Page - ATMEL Corporation AT45D041 Datasheet HTML 8Page - ATMEL Corporation AT45D041 Datasheet HTML 9Page - ATMEL Corporation AT45D041 Datasheet HTML 10Page - ATMEL Corporation AT45D041 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AT45D041
7
AC Waveforms
Two different timing diagrams are shown below. Waveform
1 shows the SCK signal being low when CS makes a high-
to-low transition, and Waveform 2 shows the SCK signal
being high when CS makes a high-to-low transition. Both
wavforms show valid timing diagrams. The setup and hold
times for the SI signal are referenced to the low-to-high
transition on the SCK signal.
Waveform 1 shows timing that is also compatible with SPI
Mode 0, and Waveform 2 shows timing that is compatible
with SPI Mode 3.
Waveform 1 – Inactive Clock Polarity Low
CS
SCK
SI
SO
tCSS
VALID IN
tH
tSU
tWH
tWL
tCSH
tCS
tV
HIGH IMPEDANCE
VALID OUT
tHO
tDIS
HIGH IMPEDANCE
Waveform 2 – Inactive Clock Polarity High
CS
SCK
SI
SO
tCSS
VALID IN
tH
tSU
tWL
tWH
tCSH
tCS
tV
HIGH Z
VALID OUT
tHO
tDIS
HIGH IMPEDANCE
Command Sequence for Read/Write Operations (Except Status Register Read)
Notes:
1.
“r” designates bits reserved for larger densities.
2.
It is recommended that “r” be a logical “0” for densities of 4M bit or smaller.
3.
For densities larger than 4M bit, the “r” bits become the most significant Page Address bit for the appropriate density.
SI
CMD
8 bits
8 bits
8 bits
MSB
Reserved for
larger densities
Page Address
(PA10-PA0)
Byte/Buffer Address
(BA8-BA0/BFA8-BFA0)
LSB
r r r r X X X X
X X X X X X X X
X X X X X X X X


Similar Part No. - AT45D041

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45D041A ATMEL-AT45D041A Datasheet
397Kb / 28P
   4-megabit 5-volt Only Serial DataFlash
AT45D041A-JC ATMEL-AT45D041A-JC Datasheet
397Kb / 28P
   4-megabit 5-volt Only Serial DataFlash
AT45D041A-JI ATMEL-AT45D041A-JI Datasheet
397Kb / 28P
   4-megabit 5-volt Only Serial DataFlash
AT45D041A-RC ATMEL-AT45D041A-RC Datasheet
397Kb / 28P
   4-megabit 5-volt Only Serial DataFlash
AT45D041A-RI ATMEL-AT45D041A-RI Datasheet
397Kb / 28P
   4-megabit 5-volt Only Serial DataFlash
More results

Similar Description - AT45D041

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45D041A ATMEL-AT45D041A Datasheet
397Kb / 28P
   4-megabit 5-volt Only Serial DataFlash
AT45D021A ATMEL-AT45D021A Datasheet
395Kb / 28P
   2-megabit 5-volt Only Serial DataFlash
AT45D021 ATMEL-AT45D021 Datasheet
200Kb / 18P
   2-Megabit 5-volt Only Serial DataFlash
AT45D161 ATMEL-AT45D161 Datasheet
215Kb / 20P
   16-Megabit 5-volt Only Serial DataFlash
AT45D081A ATMEL-AT45D081A Datasheet
407Kb / 28P
   8-megabit 5-volt Only Serial DataFlash
AT45D081 ATMEL-AT45D081 Datasheet
115Kb / 16P
   8-Megabit 5-volt Only Serial DataFlash
AT45D161 ATMEL-AT45D161_01 Datasheet
311Kb / 21P
   16-megabit 5-volt Only Serial DataFlasH
AT45DB041A ATMEL-AT45DB041A_01 Datasheet
410Kb / 28P
   4-megabit 2.5-volt Only Serial DataFlasH
AT45DB041 ATMEL-AT45DB041 Datasheet
209Kb / 18P
   4-Megabit 2.7-volt Only Serial DataFlash
AT45DB021 ATMEL-AT45DB021 Datasheet
201Kb / 18P
   2-Megabit 2.7-volt Only Serial DataFlash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com