Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT27C512R-15 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT27C512R-15
Description  512K 64K x 8 OTP CMOS EPROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27C512R-15 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT27C512R-15 Datasheet HTML 1Page - ATMEL Corporation AT27C512R-15 Datasheet HTML 2Page - ATMEL Corporation AT27C512R-15 Datasheet HTML 3Page - ATMEL Corporation AT27C512R-15 Datasheet HTML 4Page - ATMEL Corporation AT27C512R-15 Datasheet HTML 5Page - ATMEL Corporation AT27C512R-15 Datasheet HTML 6Page - ATMEL Corporation AT27C512R-15 Datasheet HTML 7Page - ATMEL Corporation AT27C512R-15 Datasheet HTML 8Page - ATMEL Corporation AT27C512R-15 Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Features
Fast Read Access Time – 45 ns
Low-Power CMOS Operation
– 100 µA Max Standby
– 20 mA Max Active at 5 MHz
JEDEC Standard Packages
– 28-lead PDIP
– 32-lead PLCC
– 28-lead TSOP and SOIC
5V ± 10% Supply
High-Reliability CMOS Technology
– 2,000V ESD Protection
– 200 mA Latchup Immunity
Rapid Programming Algorithm – 100 µs/Byte (Typical)
CMOS and TTL Compatible Inputs and Outputs
Integrated Product Identification Code
Industrial and Automotive Temperature Ranges
Green (Pb/Halide-free) Packaging Option
1.
Description
The AT27C512R is a low-power, high-performance 524,288-bit one-time programma-
ble read-only memory (OTP EPROM) organized 64K by 8 bits. It requires only one 5V
power supply in normal read mode operation. Any byte can be accessed in less than
45 ns, eliminating the need for speed reducing WAIT states on high-performance
microprocessor systems.
Atmel’s scaled CMOS technology provides high-speed, lower active power consump-
tion, and significantly faster programming. Power consumption is typically only 8 mA
in Active Mode and less than 10
µA in Standby.
The AT27C512R is available in a choice of industry-standard JEDEC-approved one-
time programmable (OTP) plastic PDIP, PLCC, SOIC, and TSOP packages. All
devices feature two-line control (CE, OE) to give designers the flexibility to prevent
bus contention.
With 64K byte storage capability, the AT27C512R allows firmware to be stored reli-
ably and to be accessed by the system without the delays of mass storage media.
Atmel’s AT27C512R has additional features to ensure high quality and efficient pro-
duction use. The Rapid Programming Algorithm reduces the time required to program
the part and guarantees reliable programming. Programming time is typically only
100 µs/byte. The Integrated Product Identification Code electronically identifies the
device and manufacturer. This feature is used by industry-standard programming
equipment to select the proper programming algorithms and voltages.
512K (64K x 8)
OTP EPROM
AT27C512R
0015O–EPROM–12/07


Similar Part No. - AT27C512R-15

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C512R-45JI ATMEL-AT27C512R-45JI Datasheet
406Kb / 15P
   512K (64K x 8) OTP EPROM
AT27C512R-45JU ATMEL-AT27C512R-45JU Datasheet
801Kb / 13P
   512K (64K x 8) One-time Programmable, Read-only Memory
AT27C512R-45PI ATMEL-AT27C512R-45PI Datasheet
406Kb / 15P
   512K (64K x 8) OTP EPROM
AT27C512R-45PU ATMEL-AT27C512R-45PU Datasheet
801Kb / 13P
   512K (64K x 8) One-time Programmable, Read-only Memory
AT27C512R-45RI ATMEL-AT27C512R-45RI Datasheet
406Kb / 15P
   512K (64K x 8) OTP EPROM
More results

Similar Description - AT27C512R-15

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C512R ATMEL-AT27C512R_07 Datasheet
406Kb / 15P
   512K (64K x 8) OTP EPROM
AT27LV512A ATMEL-AT27LV512A Datasheet
220Kb / 9P
   512K 64K x 8 Low Voltage OTP CMOS EPROM
logo
Maxwell Technologies
27C512T MAXWELL-27C512T Datasheet
139Kb / 15P
   512K (64K x 8-Bit) OTP EPROM
logo
AMIC Technology
A276308 AMICC-A276308 Datasheet
127Kb / 15P
   64K X 8 OTP CMOS EPROM
logo
Microchip Technology
27C512A MICROCHIP-27C512A_04 Datasheet
133Kb / 10P
   512K (64K x 8) CMOS EPROM
2004
27C512A MICROCHIP-27C512A Datasheet
69Kb / 12P
   512K (64K x 8) CMOS EPROM
1996
logo
ATMEL Corporation
AT27LV512A ATMEL-AT27LV512A_07 Datasheet
400Kb / 15P
   512K (64K x 8) Low Voltage OTP EPROM
logo
Macronix International
MX27L512 MCNIX-MX27L512 Datasheet
760Kb / 14P
   512K-BIT [64K x 8] CMOS EPROM
logo
Hitachi Semiconductor
HN27512 HITACHI-HN27512 Datasheet
302Kb / 7P
   512K (64K X 8 BIT ) UV AND OTP EPROM
logo
ATMEL Corporation
AT27C520 ATMEL-AT27C520 Datasheet
126Kb / 10P
   512K 64K x 8 Multiplexed Addresses/ Outputs OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com