Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT29LV512-25TC Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT29LV512-25TC
Description  512K 64K x 8 3-volt Only CMOS Flash Memory
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT29LV512-25TC Datasheet(HTML) 3 Page - ATMEL Corporation

  AT29LV512-25TC Datasheet HTML 1Page - ATMEL Corporation AT29LV512-25TC Datasheet HTML 2Page - ATMEL Corporation AT29LV512-25TC Datasheet HTML 3Page - ATMEL Corporation AT29LV512-25TC Datasheet HTML 4Page - ATMEL Corporation AT29LV512-25TC Datasheet HTML 5Page - ATMEL Corporation AT29LV512-25TC Datasheet HTML 6Page - ATMEL Corporation AT29LV512-25TC Datasheet HTML 7Page - ATMEL Corporation AT29LV512-25TC Datasheet HTML 8Page - ATMEL Corporation AT29LV512-25TC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Temperature Under Bias................. -55°C to +125°C
Storage Temperature...................... -65°C to +150°C
All Input Voltages
(including NC Pins)
with Respect to Ground ................... -0.6V to +6.25V
All Output Voltages
with Respect to Ground .............-0.6V to VCC + 0.6V
Voltage on A9
(including NC Pins)
with Respect to Ground ................... -0.6V to +13.5V
*NOTICE: Stresses beyond those listed under “Absolute Maxi-
mum Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the
device at these or any other conditions beyond those indi-
cated in the operational sections of this specification is not
implied. Exposure to absolute maximum rating conditions
for extended periods may affect device reliability.
Absolute Maximum Ratings*
period will start. A7 to A15 specify the sector address. The
sector address must be valid during each high to low tran-
sition of WE (or CE). A0 to A6 specify the byte address
within the sector. The bytes may be loaded in any order;
sequential loading is not required. Once a programming
operation has been initiated, and for the duration of tWC, a
read operation will effectively be a polling operation.
HARDWARE DATA PROTECTION:
Hardware features
protect against inadvertent programs to the AT29LV512 in
the following ways: (a) VCC sense— if VCC is below 1.8V
(typical), the program function is inhibited. (b) VCC power
on delay— once VCC has reached the VCC sense level,
the device will automatically time out 10 ms (typical) be-
fore programming. (c) Program inhibit— holding any one
of OE low, CE high or WE high inhibits program cycles. (d)
Noise filter— pulses of less than 15 ns (typical) on the WE
or CE inputs will not initiate a program cycle.
INPUT LEVELS: While operating with a 3.3V
±10%
power supply, the address inputs and control inputs (OE,
CE and WE) may be driven from 0 to 5.5V without ad-
versely affecting the operation of the device. The I/O lines
can only be driven from 0 to 3.6 volts.
PRODUCT IDENTIFICATION:
The product identifica-
tion mode identifies the device and manufacturer as At-
mel. It may be accessed by hardware or software opera-
tion. The hardware operation mode can be used by an ex-
ternal programmer to identify the correct programming al-
gorithm for the Atmel product. In addition, users may wish
to use the software product identification mode to identify
the part (i.e. using the device code), and have the system
software use the appropriate sector size for program op-
erations. In this manner, the user can have a common
board design for 256K to 4-megabit densities and, with
each density’s sector size in a memory map, have the sys-
tem software apply the appropriate sector size.
For details, see Operating Modes (for hardware operation)
or Software Product Identification. The manufacturer and
device code is the same for both modes.
DATA POLLING:
The AT29LV512 features DATA poll-
ing to indicate the end of a program cycle. During a pro-
gram cycle an attempted read of the last byte loaded will
result in the complement of the loaded data on I/O7. Once
the program cycle has been completed, true data is valid
on all outputs and the next cycle may begin. DATA polling
may begin at any time during the program cycle.
TOGGLE BIT:
In addition to DATA p o l l i n g t h e
AT29LV512 provides another method for determining the
end of a program or erase cycle. During a program or
erase operation, successive attempts to read data from
the device will result in I/O6 toggling between one and
zero. Once the program cycle has completed, I/O6 will
stop toggling and valid data will be read. Examining the
toggle bit may begin at any time during a program cycle.
OPTIONAL CHIP ERASE MODE:
The entire device
can be erased by using a 6-byte software code. Please
see Software Chip Erase application note for details.
Device Operation (Continued)
AT29LV512
4-45


Similar Part No. - AT29LV512-25TC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29LV512-12JU ATMEL-AT29LV512-12JU Datasheet
341Kb / 15P
   512K (64K x 8) 3-volt Only Flash Memory
AT29LV512-12TU ATMEL-AT29LV512-12TU Datasheet
341Kb / 15P
   512K (64K x 8) 3-volt Only Flash Memory
More results

Similar Description - AT29LV512-25TC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29LV512 ATMEL-AT29LV512_08 Datasheet
341Kb / 15P
   512K (64K x 8) 3-volt Only Flash Memory
AT29C512 ATMEL-AT29C512 Datasheet
692Kb / 12P
   512K 64K x 8 5-volt Only CMOS Flash Memory
AT49F512 ATMEL-AT49F512 Datasheet
178Kb / 11P
   512K 64K x 8 5-volt Only Flash Memory
AT29C512 ATMEL-AT29C512_08 Datasheet
333Kb / 18P
   512K (64K x 8) 5-volt Only Flash Memory
AT29C512 ATMEL-AT29C512 Datasheet
284Kb / 18P
   512K (64K x 8) 5-volt Only Flash Memory
AT29C512-20PC ATMEL-AT29C512-20PC Datasheet
897Kb / 17P
   512K (64K x 8) 5-Volt Only CMOS Flash PEROM
logo
Intel Corporation
AN28F512 INTEL-AN28F512 Datasheet
1Mb / 24P
   512K (64K x 8) CMOS FLASH MEMORY
logo
ATMEL Corporation
AT49F040 ATMEL-AT49F040 Datasheet
229Kb / 10P
   4-Megabit 512K x 8 5-volt Only CMOS Flash Memory
AT49F8192 ATMEL-AT49F8192 Datasheet
241Kb / 11P
   8-Megabit 512K x 16 5-volt Only CMOS Flash Memory
AT49F040 ATMEL-AT49F040 Datasheet
245Kb / 10P
   4 Megabit 512K x 8 5-volt Only CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com