Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TN6L24-1219P1B01 Datasheet(PDF) 4 Page - ITT Industries

Part # TN6L24-1219P1B01
Description  Cannon Trident Series
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

TN6L24-1219P1B01 Datasheet(HTML) 4 Page - ITT Industries

  TN6L24-1219P1B01 Datasheet HTML 1Page - ITT Industries TN6L24-1219P1B01 Datasheet HTML 2Page - ITT Industries TN6L24-1219P1B01 Datasheet HTML 3Page - ITT Industries TN6L24-1219P1B01 Datasheet HTML 4Page - ITT Industries TN6L24-1219P1B01 Datasheet HTML 5Page - ITT Industries TN6L24-1219P1B01 Datasheet HTML 6Page - ITT Industries TN6L24-1219P1B01 Datasheet HTML 7Page - ITT Industries TN6L24-1219P1B01 Datasheet HTML 8Page - ITT Industries TN6L24-1219P1B01 Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 96 page
background image
4
The ITT “Engineered Blocks” symbol and the composite ITT
logo are registered trademarks of ITT Industries. © 2008
Interconnect Technologies & Solutions
for the Transportation Industry
For over 90 years, ITT has been developing innovative solutions for harsh environment
applications. We have a proven track record of demonstrating our expertise and commitment
to the transportation industry, offering the broadest portfolio of interconnect products.
Off-Road / Heavy Vehicle
Our interconnect range includes sealed circulars, plastic and metal shell bayonet coupling circulars,
miniature metal shell circulars, PC board header connectors and sensor and direct device connectors.
ITT is also a system supplier, providing value-added module and harness assemblies.
Cannon MLC
The MLC is a modular landed contact system
featuring a plug only assembly. The plug
housing interfaces directly with the PCB,
achieving cost savings of over 30%.
In addition to our Trident series,
we also offer these connectivity solutions:
Cannon SLC/SLE
Environmentally sealed connector created
for printed circuit board, black box,
cable-to-cable or bulkhead applications.
VEAM VBN
Completely intermateable with VEAM
VG95234/CIR reverse bayonet connectors.
Cannon APD
In-line and bulkhead connectors resistant
to harsh environmental conditions
(contaminants, vibration and shock).
Cannon Sure Seal
Sure Seal is a series of rugged, IP 67 proof
connectors. The one piece molded body pro-
vides integrated sealing and excellent vibra-
tion resistance.


Similar Part No. - TN6L24-1219P1B01

ManufacturerPart #DatasheetDescription
logo
Topstek Inc.
TN600A TOPSTEK-TN600A Datasheet
112Kb / 2P
   Topstek Current Transducers
logo
API Technologies Corp
TN6010PM APITECH-TN6010PM Datasheet
201Kb / 1P
   RF AMPLIFIER MODEL
TN6012 APITECH-TN6012 Datasheet
42Kb / 1P
   RF AMPLIFIER MODEL
TN6012PM APITECH-TN6012PM Datasheet
178Kb / 1P
   RF AMPLIFIER MODEL
logo
STMicroelectronics
TN6050-12PI STMICROELECTRONICS-TN6050-12PI Datasheet
203Kb / 11P
   60 A, 1200 V standard SCR
DS12874 - Rev 1 - December 2018
More results

Similar Description - TN6L24-1219P1B01

ManufacturerPart #DatasheetDescription
logo
ITT Industries
TNM6S10-0004P1L ITT-TNM6S10-0004P1L Datasheet
5Mb / 96P
   CANNON TRIDENT SERIES
121586-5236 ITT-121586-5236 Datasheet
5Mb / 96P
   Cannon Trident Series
192993-0106 ITT-192993-0106 Datasheet
5Mb / 96P
   Cannon Trident Series
031-8717-021 ITT-031-8717-021 Datasheet
5Mb / 96P
   Cannon Trident Series
192990-0350 ITT-192990-0350 Datasheet
291Kb / 6P
   Cannon Trident Connector System Snap Together-Rectangular
192900-0014 ITT-192900-0014 Datasheet
457Kb / 10P
   Cannon Trident Connector System Neptune Circular Connectors
192990-0960 ITT-192990-0960 Datasheet
173Kb / 4P
   Cannon Trident Connector System Snap Together-Slimline
DEU-9S-A197-F0 ITT-DEU-9S-A197-F0 Datasheet
42Kb / 1P
   Cannon
120220-0210 ITT-120220-0210 Datasheet
414Kb / 4P
   CANNON UNIVERSAL CONTACT SERIES
DBSFY-25P-A190-K87 ITT-DBSFY-25P-A190-K87 Datasheet
295Kb / 6P
   Cannon Speedy D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com