Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4816P-3-103FL Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # 4816P-3-103FL
Description  Thick Film Surface Mounted Medium Body
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

4816P-3-103FL Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  4816P-3-103FL Datasheet HTML 1Page - Bourns Electronic Solutions 4816P-3-103FL Datasheet HTML 2Page - Bourns Electronic Solutions 4816P-3-103FL Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1
16
2
15
3
14
4
13
5
12
6
11
7
10
8
9
R1
R2
R3
R4
R5
R6
R7
R8
16
15
R8
14
13
R7
12
11
R6
10
9
R5
R1
12
R2
34
R3
56
R4
78
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet
can and do vary in different applications and actual device
performance may vary over time.
Users should verify actual device performance
in their specific applications.
4800P Series - Thick Film Surface Mounted Medium Body
REV. 07/13
For information on specific applications,
download Bourns’ application notes:
■ DRAM Applications
■ Dual Terminator Resistor Networks
■ R/2R Ladder Networks
■ SCSI Applications
Isolated Resistors (1 and 4 Circuits)
Model 4814P-1
Model 4816P-1 (Shown)
Model 4818P-1
Model 4820P-1
Bussed Resistors (2 Circuit)
Model 4814P-2
Model 4816P-2 (Shown)
Model 4818P-2
Model 4820P-2
Dual Terminator (3 Circuit)
Model 4814P-3
Model 4816P-3 (Shown)
Model 4818P-3
Model 4820P-3
Resistance Tolerance
10 ohms to 49 ohms ................... ±1 ohm
50 ohms to 2.2 megohms ............. ±2 %*
Power Rating per Resistor
1 Circuit at 70 °C .................. 0.160 watt
4 Circuit at 70 °C .................. 0.160 watt
Popular Resistance Values (1, 4 and 2 Circuits)**
Ohms
Code
Ohms
Code
Ohms
Code
Ohms
Code
Ohms
Code
10
100
180
181
1,800
182
15,000
153
120,000
124
22
220
220
221
2,000
202
18,000
183
150,000
154
27
270
270
271
2,200
222
20,000
203
180,000
184
33
330
330
331
2,700
272
22,000
223
220,000
224
39
390
390
391
3,300
332
27,000
273
270,000
274
47
470
470
471
3,900
392
33,000
333
330,000
334
56
560
560
561
4,700
472
39,000
393
390,000
394
68
680
680
681
5,600
562
47,000
473
470,000
474
82
820
820
821
6,800
682
56,000
563
560,000
564
100
101
1,000
102
8,200
822
68,000
683
680,000
684
120
121
1,200
122
10,000
103
82,000
823
820,000
824
150
151
1,500
152
12,000
123
100,000
104
1,000,000
105
* Add “F” after resistance code for ±1 % tolerance available from 100 Ω through 1M Ω, or add “D”
after resistance code for ±0.5 % tolerance available from 100 Ω through 1M Ω.
Part number suffix examples: -103 = 10K Ω, ±2 %; -103F = 10K Ω, ±1 %; -103D = 10K Ω, ±0.5 %
** Non-standard values available, within resistance range.
Popular Resistance Values (3 Circuit)**
Resistance
Ohms
Code
R1
R2
R1
R2
160
240
161
241
180
390
181
391
220
270
221
271
220
330
221
331
330
390
331
391
330
470
331
471
3,000
6,200
302
622
Model 4816P-4 (Shown)
Model 4820P-4
Resistor Power Temp. Derating Curve
Resistance Tolerance
10 ohms to 49 ohms ................... ±1 ohm
50 ohms to 2.2 megohms ............. ±2 %*
Power Rating per Resistor
2 Circuit at 70 °C .................. 0.080 watt
Resistor Power Temp. Derating Curve
Resistance Tolerance
Below 100 ohms ...................... ±2 ohms
100 ohms to 2.2 megohms ........... ±2 %*
Power Rating per Resistor
3 Circuit at 70 °C .................. 0.080 watt
Resistor Power Temp. Derating Curve
16
1
9
8
R1
R1
R1
R1
R1
R1
R1
R1
R1
R1
R1
R1
R1
R1
R2
R2
R2
R2
R2
R2
R2
R2
R2
R2
R2
R2
R2
R2
16
10
1
7
9
8
15
2
14
3
13
4
12
5
11
6
R1
R2
R15
R3
R14
R4
R13
R5
R12
R6
R11
R7
R10
R8
R9
0
70
125
.225
.200
.175
.150
.125
.100
.075
.050
.025
25
AMBIENT TEMPERATURE (°C)
AMBIENT TEMPERATURE ( C )
°
0
70
125
.225
.200
.175
.150
.125
.100
.075
.050
.025
25
AMBIENT TEMPERATURE ( C )
°
0
70
125
.225
.200
.175
.150
.125
.100
.075
.050
.025
25


Similar Part No. - 4816P-3-103FL

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
4816P-3-103FL BOURNS-4816P-3-103FL Datasheet
257Kb / 3P
   Thick Film Surface Mounted Medium Body
4816P-3-103FLF BOURNS-4816P-3-103FLF Datasheet
257Kb / 3P
   Thick Film Surface Mounted Medium Body
More results

Similar Description - 4816P-3-103FL

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
4800P BOURNS-4800P Datasheet
257Kb / 3P
   Thick Film Surface Mounted Medium Body
4816P-1-221 BOURNS-4816P-1-221 Datasheet
366Kb / 2P
   4800P Series - Thick Film Surface Mounted Medium Body
4816P-T02-102LF BOURNS-4816P-T02-102LF Datasheet
254Kb / 4P
   4800P Series - Thick Film Surface Mounted Medium Body
4816P-T01-104LF BOURNS-4816P-T01-104LF Datasheet
254Kb / 4P
   4800P Series - Thick Film Surface Mounted Medium Body
4816P-T01-220 BOURNS-4816P-T01-220 Datasheet
366Kb / 2P
   4800P Series - Thick Film Surface Mounted Medium Body
4816P-2-222 BOURNS-4816P-2-222 Datasheet
364Kb / 3P
   4800P Series - Thick Film Surface Mounted Medium Body
4816P-T01-472LF BOURNS-4816P-T01-472LF Datasheet
374Kb / 3P
   4800P Series - Thick Film Surface Mounted Medium Body
4816P-1-100LF BOURNS-4816P-1-100LF Datasheet
366Kb / 2P
   4800P Series - Thick Film Surface Mounted Medium Body
4816P-2-222LF BOURNS-4816P-2-222LF Datasheet
366Kb / 2P
   4800P Series - Thick Film Surface Mounted Medium Body
4816P-1-102LF BOURNS-4816P-1-102LF Datasheet
364Kb / 3P
   4800P Series - Thick Film Surface Mounted Medium Body
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com