Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT28C010-25 Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT28C010-25
Description  1 Megabit 128K x 8 Paged CMOS E2PROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT28C010-25 Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT28C010-25 Datasheet HTML 3Page - ATMEL Corporation AT28C010-25 Datasheet HTML 4Page - ATMEL Corporation AT28C010-25 Datasheet HTML 5Page - ATMEL Corporation AT28C010-25 Datasheet HTML 6Page - ATMEL Corporation AT28C010-25 Datasheet HTML 7Page - ATMEL Corporation AT28C010-25 Datasheet HTML 8Page - ATMEL Corporation AT28C010-25 Datasheet HTML 9Page - ATMEL Corporation AT28C010-25 Datasheet HTML 10Page - ATMEL Corporation AT28C010-25 Datasheet HTML 11Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
LOAD LAST BYTE
TO
LAST ADDRESS
LOAD DATA A0
TO
ADDRESS 5555
LOAD DATA 55
TO
ADDRESS 2AAA
LOAD DATA AA
TO
ADDRESS 5555
Notes:
1. Data Format: I/O7 - I/O0 (Hex);
Address Format: A14 - A0 (Hex).
2. Write Protect state will be activated at end of write even if no
other data is loaded.
3. Write Protect state will be deactivated at end of write period
even if no other data is loaded.
4. 1 to 128-bytes of data are loaded.
ENTER DATA
PROTECT STATE
WRITES ENABLED
(2)
Software Data
Protection Enable Algorithm
(1)
LOAD DATA XX
TO
ANY ADDRESS
(4)
LOAD LAST BYTE
TO
LAST ADDRESS
LOAD DATA 55
TO
ADDRESS 2AAA
LOAD DATA AA
TO
ADDRESS 5555
LOAD DATA 80
TO
ADDRESS 5555
LOAD DATA 55
TO
ADDRESS 2AAA
LOAD DATA AA
TO
ADDRESS 5555
LOAD DATA 20
TO
ADDRESS 5555
EXIT DATA
PROTECT STATE
(3)
Software Data
Protection Disable Algorithm
(1)
LOAD DATA XX
TO
ANY ADDRESS
(4)
Software Protected Program Cycle Waveform
(1, 2, 3)
Notes: 1. A0 - A14 must conform to the addressing sequence for
the first 3-bytes as shown above.
2. After the command sequence has been issued and a
page write operation follows, the page address inputs
(A7 - A16) must be the same for each high to low
transition of WE (or CE).
3. OE must be high only when WE and CE are both low.
2-250
AT28C010 Mil


Similar Part No. - AT28C010-25

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28C010-25FM/883 ATMEL-AT28C010-25FM/883 Datasheet
604Kb / 16P
   1-Megabit (128K x 8) Paged Parallel EEPROMs
More results

Similar Description - AT28C010-25

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28C010 ATMEL-AT28C010 Datasheet
570Kb / 11P
   1 Megabit 128K x 8 Paged CMOS E2PROM
AT28LV010 ATMEL-AT28LV010 Datasheet
498Kb / 9P
   1 Megabit 128K x 8 Low Voltage Paged CMOS E2PROM
AT28C010 ATMEL-AT28C010_09 Datasheet
604Kb / 16P
   1-Megabit (128K x 8) Paged Parallel EEPROMs
AT28C010 ATMEL-AT28C010_06 Datasheet
410Kb / 17P
   1-megabit (128K x 8) Paged Parallel EEPROM
AT28C040 ATMEL-AT28C040 Datasheet
332Kb / 12P
   4-Megabit 512K x 8 Paged E2PROM
AT28C010-12DK ATMEL-AT28C010-12DK_09 Datasheet
300Kb / 19P
   Space 1-megabit (128K x 8) Paged Parallel EEPROMs
AT28C010-12DK ATMEL-AT28C010-12DK_05 Datasheet
241Kb / 18P
   Space 1-megabit (128K x 8) Paged Parallel EEPROMs
AT28C010-12DK ATMEL-AT28C010-12DK Datasheet
236Kb / 17P
   Space 1-megabit (128K x 8) Paged Parallel EEPROMs
AT28C256 ATMEL-AT28C256 Datasheet
762Kb / 14P
   256K 32K x 8 Paged CMOS E2PROM
AT28LV010 ATMEL-AT28LV010_06 Datasheet
355Kb / 15P
   1-Megabit (128K x 8) Low Voltage Paged Parallel EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com