Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS27466E9A35PSA Datasheet(PDF) 8 Page - ITT Industries

Part # MS27466E9A35PSA
Description  Cannon MIL-DTL-38999 Connectors
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

MS27466E9A35PSA Datasheet(HTML) 8 Page - ITT Industries

Back Button MS27466E9A35PSA Datasheet HTML 4Page - ITT Industries MS27466E9A35PSA Datasheet HTML 5Page - ITT Industries MS27466E9A35PSA Datasheet HTML 6Page - ITT Industries MS27466E9A35PSA Datasheet HTML 7Page - ITT Industries MS27466E9A35PSA Datasheet HTML 8Page - ITT Industries MS27466E9A35PSA Datasheet HTML 9Page - ITT Industries MS27466E9A35PSA Datasheet HTML 10Page - ITT Industries MS27466E9A35PSA Datasheet HTML 11Page - ITT Industries MS27466E9A35PSA Datasheet HTML 12Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
6
www.ittcannon.com
Dimensions shown in inches (mm)
Specifications and dimensions subject to change
How To Order
SHELL SIZE
9, 11, 13, 15, 17, 19, 21, 23, and 25
HARDWARE FINISH STANDARD
A - Bright cadmium over electroless nickel plate, -
85ºF to +302ºF (-65ºC to +150ºC)
B - Olive drab cadmium over electroless nickel
plate, -85ºF to +347ºF (-65ºC to +175ºC)
F - Electroless nickel, -85ºF to +392ºF
(-65ºC to +200ºC)
CONTACT ARRANGEMENT
See pages 20 and 21.
MS NUMBER SHELL STYLE
CLASS
SHELL SIZE
HARDWARE FINISH
CONTACT ARRANGEMENT
CONTACT STYLE
POLARIZING POSITION
MS27467 T 17 B 35S
CONTACT STYLE
P - Pin
S - Socket
*A - Less Pin Contact
*B - Less Socket Contact
*Used only when other than power contacts are to
be installed (i.e. shielded, thermocouple, etc.)
POLARIZING POSITION
A,B,C, and D. (No letters required for normal).
See page 19.
Note: To order MS connectors less standard power
contacts, purchase order must state "Less Contacts"
MS NUMBER SHELL STYLE
MS27466 - Wall Mounting Receptacle
MS27468 - Jam Nut Receptacle
MS27467 - Grounded Plug
MS27656 - Wall Mounting Receptacle
(back panel mounting)
MS27505 - Box Mounting Receptacle
(back panel) (Class E)
CLASS
E - Inactive for new design.
Superseded by Class T.
G - Environmental resistant Space Grade
P - Environment - resistant with straight potting
cup accessories
T - Environment - resistant with accessory threads
and teeth, except MS27505 (without rear
accessory) (Class T not applicable to MS27505)
SERIES PREFIX
SHELL STYLE
CLASS
SHELL SIZE
HARDWARE FINISH
CONTACT ARRANGEMENT
CONTACT STYLE
POLARIZING POSITION
MODIFICATION CODE
KJL 6
T 17 B 35 S N
SHELL SIZE
9,11,13,15,17,19,21,23 and 25
HARDWARE FINISH STANDARD
A - Bright cadmium over electroless nickel plate, -
85ºF to +302ºF (-65ºC to +150ºC)
B - Olive drab cadmium over electroless nickel
plate, -85ºF to +347ºF (-65ºC to + 175ºC)
N - Electroless nickel, -85ºF to +392ºF (-65ºC to
+200ºC)
Z - Zinc Nickel, Black
- - (Dash) When using a finish modification code
CONTACT ARRANGEMENT
See pages 20 and 21.
CONTACT STYLE
P - Pin
S - Socket
PS - Pin-Socket (Shell style 4 only)
POLARIZING POSITION
N (normal), A, B, C, D. See page 19.
MODIFICATION CODE
L -
Less contacts, not stamped on connector
16 - Outgassed
NASA space graded connector
27-
Outgassed, standard connector
A296 Black Zinc Cobalt, RoHS Compliant
T69 Olive Drab (Green) Zinc Cobalt
SERIES PREFIX
KJL - Series I-Scoop proof
SHELL STYLE
0 - Wall mounting receptacle
3 - Wall mounting receptacle (back panel
mounting)
4 - Thru bulkhead receptacle
5 - Box mounting receptacle (back panel mount-
ing)
6 - Straight plug, grounded
7 - Jam nut receptacle
CLASS
E - Inactive for new design.
Superseded by Class T.
G- Environmental resistant - Space Grade
F - Environment - resistant with strain relief
accessory
P - Environment - resistant with straight potting
cup accessory
T - Environment - resistant (without rear
accessory) (Class T not applicable to KJL5)
Military Nomenclature
Cannon Nomenclature
Cannon KJL
MIL-DTL-38999 Series I Connectors


Similar Part No. - MS27466E9A35PSA

ManufacturerPart #DatasheetDescription
logo
ITT Industries
MS27466E9A35PSA ITT-MS27466E9A35PSA Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
MS27466E9A35PSA ITT-MS27466E9A35PSA Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
MS27466E9A35PSA ITT-MS27466E9A35PSA Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
MS27466E9A35PSA ITT-MS27466E9A35PSA Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
MS27466E9A35PSA ITT-MS27466E9A35PSA Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
More results

Similar Description - MS27466E9A35PSA

ManufacturerPart #DatasheetDescription
logo
ITT Industries
D38999-26WJ4PN ITT-D38999-26WJ4PN Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
D38999-20FG41PN ITT-D38999-20FG41PN Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
D38999-20WG-41PN ITT-D38999-20WG-41PN Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
D38999-24WD-35SA ITT-D38999-24WD-35SA Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
D38999-20FC98PN ITT-D38999-20FC98PN Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
D38999-20FD-35PN ITT-D38999-20FD-35PN Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
030-1997-022 ITT-030-1997-022 Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
D38999-26FA98BN ITT-D38999-26FA98BN Datasheet
2Mb / 17P
   MIL-DTL-38999 Series III Connectors
D38999-20WD-18SN ITT-D38999-20WD-18SN Datasheet
2Mb / 17P
   MIL-DTL-38999 Series III Connectors
logo
Glenair, Inc.
M24758-20C20 GLENAIR-M24758-20C20 Datasheet
62Kb / 2P
   Adapter for MIL-DTL-38999 Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com