Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS3106A18-8S Datasheet(PDF) 4 Page - ITT Industries

Part # MS3106A18-8S
Description  CA/MS A and B
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

MS3106A18-8S Datasheet(HTML) 4 Page - ITT Industries

  MS3106A18-8S Datasheet HTML 1Page - ITT Industries MS3106A18-8S Datasheet HTML 2Page - ITT Industries MS3106A18-8S Datasheet HTML 3Page - ITT Industries MS3106A18-8S Datasheet HTML 4Page - ITT Industries MS3106A18-8S Datasheet HTML 5Page - ITT Industries MS3106A18-8S Datasheet HTML 6Page - ITT Industries MS3106A18-8S Datasheet HTML 7Page - ITT Industries MS3106A18-8S Datasheet HTML 8Page - ITT Industries MS3106A18-8S Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
A-75
www.ittcannon.com
Dimensions shown in inches (mm)
Specifications and dimensions subject to change
A
* 10SL is available in the following configurations only: 3100, 3101, 3102,
pin contacts only and 3106 and 3108 socket contacts only
CA /MS A&B
Contact Cavity Arrangements
10SL-3
10SL-4
12S-3
14S-1
14S-2
14S-5
14S-6
14S-7
14S-9
16-9
16-10
16-11
A
Service
Rating
AA
A
A
A
A
A
A
Inst.
Inst.
Inst.
A
A
A (B,C,F,G)
Inst. (all others)
D
Inst.
A
A
A
DA
AD
D
D
A
A
A
A
A (C-F)
D (A,B,G,F)
DA
A
D
A
D
D (H)
A (all others)
A
D (G)
A (all others)
AA
AA
A
Inst.
AA
A
A
3 - #16
2 - #16
2 - #16
3 - #16
4 - #16
5 - #16
6 - #16
3 - #16
2 - #16
2 - #16 (B, D)
3 - #12
2 - #12
2 - #12 (A, C)
16S-1
16S-8
18-1
18-4
18-5
18-8
18-9
18-10
18-11
18-12
7 - #16
5 - #16
10 - #16
4 - #16
1 - #16 (A)
7 - #16 (A-G) 5 - #16 (B, C, E-G)
4 - #12
5 - #12
6 - #16
2 - #12 (B, C)
1 - #12 (H)
2 - #12 (A, D)
18-20
18-22
20-3
20-4
20-7
20-19
20-27
20-29
20-33
5 - #16
3 - #16
3 - #12
4 - #12
8 - #16
3 - #8
14 - #16
17 - #16
11 - #16
22-2
22-14
22-19
22-23
22-28
24-2
24-10
24-20
3 - #8
19 - #16
14 - #16
8 - #12
7 - #12
7 - #12
7 - #8
9 - #16 (A-D, G-L)
2 - #12 (E, F)
24-28
28-10
28-11
28-12
28-15
28-16
28-21
24 - #16
3 - #12 (A, F, G)
18 - #16 (A-I, N-X)
26 - #16
35 - #16
20 - #16
37 - #16
2 - #8 (B, E)
4 - #12 (J-M)
2 - #4 (C, D)
0
1
-
6
3
8
-
6
3
7
-
6
3
5
-
6
3
6
1
#
-
8
4
)
z
-
Z
,
X
-
A
(
6
1
#
-
6
4
)
s
-
a
,
Z
-
A
(
6
1
#
-
0
4
0
#
-
4
)
Y
(
2
1
#
-
1
)
z
-t
(
2
1
#
-
7
**
ca_A1-A163.qxd:Layout 1
2/9/11
7:49 PM
Page 75


Similar Part No. - MS3106A18-8S

ManufacturerPart #DatasheetDescription
logo
ITT Industries
MS3106A18-8S ITT-MS3106A18-8S Datasheet
1Mb / 5P
   Circular Connectors
MS3106A18-8S ITT-MS3106A18-8S Datasheet
4Mb / 34P
   CA/MS A and B
More results

Similar Description - MS3106A18-8S

ManufacturerPart #DatasheetDescription
logo
ITT Industries
CA3106F24-10SF80 ITT-CA3106F24-10SF80 Datasheet
4Mb / 34P
   CA/MS A and B
logo
PHOENIX CONTACT
2702307 PHOENIX-2702307 Datasheet
55Kb / 3P
   Power cable - PLD E 608-CA-MS/0,6/FS/UL
logo
List of Unclassifed Man...
ACM-8RF ETC1-ACM-8RF Datasheet
447Kb / 2P
   RELAY MODULE FOR USE WITH MS-9200 MS-9200UD MS-9600 AND MS-5210UD
logo
PHOENIX CONTACT
1647815 PHOENIX-1647815 Datasheet
46Kb / 2P
   Single locking latch - HC-B 10-LBUEGEL-MS
1458541 PHOENIX-1458541 Datasheet
65Kb / 5P
   Valve connectors - SAC-3P-MS/B-1L-Z SCO
logo
Schneider Electric
TM5SDC1FS SCHNEIDER-TM5SDC1FS Datasheet
125Kb / 3P
   Counter module, Modicon TM5, Mod. FS channel, 7 kHz, 24VDC, A A, B B, A A-B B
Apr 8, 2022
logo
HARTING Technology Grou...
33-50-410-0306-100 HARTING-33-50-410-0306-100 Datasheet
497Kb / 2P
   Han FB CA 17D 0,5mm짼 m/- st/- PUR 10,0m
2021-12-08
33-50-410-0306-050 HARTING-33-50-410-0306-050 Datasheet
497Kb / 2P
   Han FB CA 17D 0,5mm짼 m/- st/- PUR 5,0m
2021-12-08
33-50-420-0306-075 HARTING-33-50-420-0306-075 Datasheet
505Kb / 2P
   Han FB CA 17D 0,5mm짼 f/- st/- PUR 7,5m
2021-12-08
33-50-420-0306-100 HARTING-33-50-420-0306-100 Datasheet
505Kb / 2P
   Han FB CA 17D 0,5mm짼 f/- st/- PUR 10,0m
2021-12-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com