Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP73G2B100RBTG Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # RP73G2B100RBTG
Description  SMD High Power Precision Resistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RP73G2B100RBTG Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  RP73G2B100RBTG Datasheet HTML 1Page - List of Unclassifed Manufacturers RP73G2B100RBTG Datasheet HTML 2Page - List of Unclassifed Manufacturers RP73G2B100RBTG Datasheet HTML 3Page - List of Unclassifed Manufacturers RP73G2B100RBTG Datasheet HTML 4Page - List of Unclassifed Manufacturers RP73G2B100RBTG Datasheet HTML 5Page - List of Unclassifed Manufacturers RP73G2B100RBTG Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SMD High Power Precision Resistors
Type RP73 Series
1773272 CIS WR 04/2012
Dimensions are in millimeters
Dimensions are shown for
For email, phone or live chat, go to: te.com/help
and inches unless otherwise
reference purposes only.
specified. Values in brackets
Specifications subject
are standard equivalents.
to change.
Packaging Quantity & Reel Specifications
Type
øA
øB
øC
WT
Paper
Embossed
Tape (EA)
Plastic Tape (EA)
RP73 1E (0402)
178.0 ±1.0
60.0 +1.0
13.5 ±0.7
9.5 ±1.0
11.5 ±1.0
*250 / 1000 / 5000
-
RP73(P) 1J (0603)
178.0 ±1.0
60.0 +1.0
13.5 ±0.7
9.5 ±1.0
11.5 ±1.0
*250 / 1000 / 5000
-
RP73(P) 2A (0805)
178.0 ±1.0
60.0 +1.0
13.5 ±0.7
9.5 ±1.0
11.5 ±1.0
*250 / 1000 / 5000
-
RP73 2B (1206)
178.0 ±1.0
60.0 +1.0
13.5 ±0.7
9.5 ±1.0
11.5 ±1.0
*250 / 1000 / 5000
-
RP73 2E (1210)
178.0 ±1.0
60.0 +1.0
13.5 ±0.7
9.5 ±1.0
11.5 ±1.0
*250 / 1000 / 5000
-
RP73 2H (2010)
178.0 ±1.0
60.0 +1.0
13.5 ±0.7
13.5 ±1.0
15.5 ±1.0
-
1000 / 4000
RP73 3A (2512)
178.0 ±1.0
60.0 +1.0
13.5 ±0.7
13.5 ±1.0
15.5 ±1.0
-
1000 / 4000
* 250 piece packs supplied in sealed bags of cut tape length
Paper Tape Specification
Type
A
B
W
E
F
P0
P1
P2
øD0
T
RP73 1E (0402)
0.70 ±0.05
1.16 ±0.05
8.00 ±0.10
1.75 ±0.05
3.5 ±0.05
4.00 ±0.10
2.00 ±0.05
2.00 ±0.05
1.55 ±0.05
0.40 ±0.03
RP73(P) 1J (0603)
1.10 ±0.05
1.90 ±0.05
8.00 ±0.10
1.75 ±0.05
3.5 ±0.05
4.00 ±0.10
4.00 ±0.10
2.00 ±0.05
1.55 ±0.05
0.60 ±0.03
RP73(P) 2A (0805)
1.60 ±0.05
2.37 ±0.05
8.00 ±0.10
1.75 ±0.05
3.5 ±0.05
4.00 ±0.10
4.00 ±0.10
2.00 ±0.05
1.55 ±0.05
0.75 ±0.05
RP73 2B (1206)
2.00 ±0.05
3.55 ±0.05
8.00 ±0.10
1.75 ±0.05
3.5 ±0.05
4.00 ±0.10
4.00 ±0.10
2.00 ±0.05
1.55 ±0.05
0.75 ±0.05
RP73 2E (1210)
2.75 ±0.05
3.40 ±0.05
8.00 ±0.10
1.75 ±0.05
3.5 ±0.05
4.00 ±0.05
4.00 ±0.10
2.00 ±0.05
1.60 ±0.10
0.75 ±0.05


Similar Part No. - RP73G2B100RBTG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RP73G2B100RATG ETC2-RP73G2B100RATG Datasheet
199Kb / 6P
   SMD High Power Precision Resistors
RP73G2B100RATG ETC2-RP73G2B100RATG Datasheet
199Kb / 6P
   SMD High Power Precision Resistors
More results

Similar Description - RP73G2B100RBTG

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
RP73 TEC-RP73 Datasheet
311Kb / 10P
   SMD High Power Precision Resistors
logo
Tyco Electronics
RN73C2A1K0BTG MACOM-RN73C2A1K0BTG Datasheet
294Kb / 6P
   SMD High Power Precision Resistors
RP73PF2A41R2BTDF MACOM-RP73PF2A41R2BTDF Datasheet
199Kb / 6P
   SMD High Power Precision Resistors
logo
List of Unclassifed Man...
RN73C2A825RBTDF ETC2-RN73C2A825RBTDF Datasheet
271Kb / 5P
   SMD High Power Precision Resistors
RP73PF1J38R3BTDF ETC2-RP73PF1J38R3BTDF Datasheet
199Kb / 6P
   SMD High Power Precision Resistors
logo
Tyco Electronics
RP73D2B715RBTG MACOM-RP73D2B715RBTG Datasheet
199Kb / 6P
   SMD High Power Precision Resistors
logo
List of Unclassifed Man...
RN73C2A1K1BTDF ETC2-RN73C2A1K1BTDF Datasheet
271Kb / 5P
   SMD High Power Precision Resistors
logo
Tyco Electronics
1676474-2 MACOM-1676474-2 Datasheet
271Kb / 5P
   SMD High Power Precision Resistors
1773270 MACOM-1773270 Datasheet
271Kb / 5P
   SMD High Power Precision Resistors
logo
List of Unclassifed Man...
RN73C2A105RBTG ETC2-RN73C2A105RBTG Datasheet
271Kb / 5P
   SMD High Power Precision Resistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com