Electronic Components Datasheet Search |
|
DBME13C3PJK87 Datasheet(PDF) 5 Page - ITT Industries |
|
DBME13C3PJK87 Datasheet(HTML) 5 Page - ITT Industries |
5 / 103 page 5 www.ittcannon.com Dimensions shown in mm Specifications and dimensions subject to change Cannon Combo D® Specifications Connector Assembly Description Material Finish/Treatment Shell Carbon Steel Tin-Nickel (Industrial), Chromate/Zinc (Military)* Insulator Black Polyester, UL94V-0 None Pin Contact CopperAlloy Gold over Nickel Socket Contact CopperAlloy Gold over Nickel Standoff Steel Trivalent Chromate over Zinc Bracket Steel Tin Rivnut Steel Tin Boardlock CopperAlloy Tin Coaxial/High Power/High Voltage Contact Assemblies Contacts and outer shells CopperAlloy Gold over Nickel Ring, Retaining CopperAlloy Nickel Insulator (Coaxial only) Teflon None Insulator (High Voltage only) Thermoplastic none Materials and Finishes Combination D Subminiature connectors for the advan- tages of an industry standard shield I/O interconnect, with the flexibility of a customized special, designed for any application. This connector system is ideal for applications that require optimization of space while improving overall shielding. Combo D® accomplishes this by combining multiple interconnect types into one fully shielded product, decreasing the number I/O interfaces and reducing the possibility of EMI/RFI leakage. Applications • Video Coaxial Transmission (75 ) • RF and Telecom Transmission (50 ) • Power interconnects (Up to 40A) Product Features • Standard and European Footprints • Pre-installed 75 /50 Coaxial or High Power contacts (One Part Number) • Vertical Standoffs or 90° Brackets • 90° or Straight PCB • PC Boards up to 3,2 (.125) Thick • PCB VariantsAvailable with Boardlocks and/or Screw Locks (#4-40 or M3) • Fiber Optics (PhD) • High Voltage up to 2800 VAC Standard materials & finishes Coaxial VSWR Less than 1.40 + .03F for F up to 1GHz Coaxial Insertion Loss .2dB loss at 1 GHz High Power current Rating Up to 40 A High Power Dielectric Withstanding Voltage 1000 VAC at Sea Level High Voltage Current Rating 5 A High Voltage Contact Dielectric Withstanding Voltage 2800 V at Sea Level Temperature Rating –55°C to 125°C Signal Contact Current Rating 7.5 A current capacity Signal Contact Resistance 55 millivolt max. at 7.5 test current Signal Contact Dielectric Withstanding Voltage 1250 VAC at Sea Level Coaxial Current Rating 5 A Coaxial Dielectric Withstanding Voltage 1000 VAC at Sea Level Coaxial Impedance 75 or 50 * Cadmium and StainlessAlsoAvailable |
Similar Part No. - DBME13C3PJK87 |
|
Similar Description - DBME13C3PJK87 |