Electronic Components Datasheet Search |
|
D3899924GC35AA Datasheet(PDF) 2 Page - ITT Industries |
|
D3899924GC35AA Datasheet(HTML) 2 Page - ITT Industries |
2 / 17 page A-20 www.ittcannon.com Dimensions shown in inches (mm) Specifications and dimensions subject to change A How To Order Military Nomenclature D38999 20 F C 35 A N CONNECTOR TYPE SHELL STYLE SHELL SIZE CONTACT ARRANGEMENT CONTACT STYLE POLARIZING POSITION Military Designation A 9 B 11 C 13 D 15 E 17 F 19 G 21 H 23 J 25 Cannon Designation SHELL SIZE SERVICE CLASS (HARDWARE FINISH) KJB 0 T 13 F 35 P N L Military Designation 9 A 11 B 13 C 15 D 17 E 19 F 21 G 23 H 25 J Cannon Designation SERIES PREFIX SHELL STYLE CLASS SHELL SIZE HARDWARE FINISH CONTACT ARRANGEMENT CONTACT STYLE POLARIZING POSITION MODIFICATION CODE SHELL SIZE Cannon Nomenclature SERIES PREFIX KJA - Series III - Scoop proof, threaded coupling *KJB - Series III - Scoop proof, threaded coupling, and with plastic contact retention SHELL STYLE 0 - Wall mount receptacle 6 - Straight plug 7 - Jam nut receptacle CLASS T - Environment-resistant (without rear accessory) * Consult factory for applicable layouts HARDWARE FINISH F - Electroless nickel, - 85ºF to +392ºF (-65ºC to +200ºC) G - Electroless nickel plated. Space Grade. W - Olive drab cadmium over electroless nickel plate, -85ºF to +347ºF (-65ºC to +175ºC) Z - Zinc Nickel, Black - - (Dash) When using a finish modification code CONTACT ARRANGEMENTS See pages A-24 and A-25. CONTACT STYLE P -Pin contacts S -Socket contacts POLARIZING POSITION N (normal) A, B, C, D, E. See page A-23. MODIFICATION CODE L - Less contacts, not stamped on connector 16 - Outgassed NASA space graded connector 27- Outgassed, standard connector T-69 Olive Drab (Green) Zinc Cobalt CONNECTOR TYPE D38999/ - MIL-DTL-38999 Series III SHELL STYLE D38999/20 - Wall mount receptacle D38999/24 - Jam nut receptacle D38999/26 - Straight Plug, Grounded SERVICE CLASS (Hardware Finish) F - Electroless nickel - 85ºF to +392ºF (-65ºC to +200ºC) G - Electroless nickel plated. Space Grade. W - Olive drab cadmium over electroless nickel plate, -85ºF to +347ºF (-65ºC to +175ºC) CONTACT ARRANGEMENT See pages A-24, A-25. CONTACT STYLE P - Pin conatcts S - Socket contact A - Less Pin contacts* B - Less Socket contact* * Used only when other than power contacts are to be installed (i,e., shielded, thermocouple, etc.) POLARIZING POSITION N (normal), A, B, C, D, E. See page A-23. Note: To order MS connectors less standard power contacts, purchase order must state "Less Contacts”. Cannon KJA/KJB MIL-DTL-38999 Series III Connectors ca_A1-A163.qxd:Layout 1 2/9/11 7:48 PM Page 20 |
Similar Part No. - D3899924GC35AA |
|
Similar Description - D3899924GC35AA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |