Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC54-10PA Datasheet(PDF) 7 Page - EPCOS

Part # BC54-10PA
Description  45 V, 1 A NPN medium power transistors
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

BC54-10PA Datasheet(HTML) 7 Page - EPCOS

Back Button BC54-10PA Datasheet HTML 3Page - EPCOS BC54-10PA Datasheet HTML 4Page - EPCOS BC54-10PA Datasheet HTML 5Page - EPCOS BC54-10PA Datasheet HTML 6Page - EPCOS BC54-10PA Datasheet HTML 7Page - EPCOS BC54-10PA Datasheet HTML 8Page - EPCOS BC54-10PA Datasheet HTML 9Page - EPCOS BC54-10PA Datasheet HTML 10Page - EPCOS BC54-10PA Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
15
04/00
Disturbed equipment
Electrical devices, equipment and/or systems subject to interference and which can be adversely
affected by it are termed disturbed equipment.
In the same way as interference sources, disturbed equipment can also be categorized correspond-
ing to frequency characteristics. A distinction can be made between narrowband and broadband
susceptibility (fig. 6).
Narrowband systems include radio and TV sets, for example, whereas data processing systems are
generally specified as broadband systems.
Fig. 6
Disturbed equipment
2.3
Propagation of electromagnetic interference and EMC measurement techniques
As previously mentioned, an interference source causes both conducted and radiated electro-
magnetic interference.
Propagation along lines can be detected by measuring the interference current and the interference
voltage (fig. 7).
The effect of magnetic and electric interference fields on their immediate vicinity is assessed by
measuring the radiated magnetic and electric field components. This method of propagation is also
frequently termed electric or magnetic coupling (near field).
In higher frequency ranges, characterized by the fact that device dimensions are in the order of
magnitude of the wavelength under consideration, the interference energy is mainly radiated direct-
ly (far field).
Conducted and radiated propagation must also be taken into consideration when measuring the
susceptibility of disturbed equipment.
Interference sources e.g. sine-wave generators as well as pulse generators with a wide variety of
pulse shapes are used for such tests.
Radio and TV receivers
Digital and analog systems
Radio reception equipment
Data processing systems
Modems
Process control computers
Data transmission systems
Control systems
Telemetric radio transmission devices
Video transmission systems
Frequency-coded signalling equipment
Interface lines
Disturbed equipment (affected by EMI)
Narrowband susceptibility
Broadband susceptibility
General Technical Information


Similar Part No. - BC54-10PA

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BC54-10PA NEXPERIA-BC54-10PA Datasheet
252Kb / 13P
   45 V, 1 A NPN medium power transistors
Rev. 9 - 6 January 2023
BC54-10PA-Q NEXPERIA-BC54-10PA-Q Datasheet
241Kb / 13P
   45 V, 1 A NPN medium power transistors
Rev. 1 - 2 May 2022
BC54-10PAS NEXPERIA-BC54-10PAS Datasheet
1Mb / 14P
   45V/60V/80V, 1A NPN medium power transistors
BC54-10PAS NEXPERIA-BC54-10PAS Datasheet
1Mb / 14P
   45V/60V/80V, 1A NPN medium power transistors
Rev. 1 - 11 November 2014
More results

Similar Description - BC54-10PA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC635 NXP-BC635 Datasheet
152Kb / 15P
   45 V, 1 A NPN medium power transistors
Rev. 07 - 4 June 2007
BC635 NXP-BC635_13 Datasheet
160Kb / 15P
   45 V, 1 A NPN medium power transistors
Rev. 07-4 June 2007
BCP54 PHILIPS-BCP54_15 Datasheet
1Mb / 22P
   45 V, 1 A NPN medium power transistors
Rev. 8-21 October 2011
logo
Nexperia B.V. All right...
BCP54-Q_SER NEXPERIA-BCP54-Q_SER Datasheet
239Kb / 12P
   45 V, 1 A NPN medium power transistors
Rev. 1 - 2 May 2022
BCP54_SER NEXPERIA-BCP54_SER Datasheet
249Kb / 12P
   45 V, 1 A NPN medium power transistors
Rev. 9 - 6 January 2023
logo
NXP Semiconductors
BC54PA NXP-BC54PA Datasheet
1Mb / 22P
   45 V, 1 A NPN medium power transistors
Rev. 8-21 October 2011
logo
Nexperia B.V. All right...
BCX54_SER NEXPERIA-BCX54_SER Datasheet
230Kb / 12P
   45 V, 1 A NPN medium power transistors
Rev. 10 - 1 April 2023
BCX54-Q_SER NEXPERIA-BCX54-Q_SER Datasheet
230Kb / 12P
   45 V, 1 A NPN medium power transistors
Rev. 2 - 30 March 2022
BCP54T_SER NEXPERIA-BCP54T_SER Datasheet
274Kb / 14P
   45 V, 1 A NPN medium power transistors
Rev. 1 - 29 April 2019
BC54PA-Q_SER NEXPERIA-BC54PA-Q_SER Datasheet
241Kb / 13P
   45 V, 1 A NPN medium power transistors
Rev. 1 - 2 May 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com