Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B59300M1170A070 Datasheet(PDF) 3 Page - EPCOS

Part # B59300M1170A070
Description  PTC thermistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B59300M1170A070 Datasheet(HTML) 3 Page - EPCOS

  B59300M1170A070 Datasheet HTML 1Page - EPCOS B59300M1170A070 Datasheet HTML 2Page - EPCOS B59300M1170A070 Datasheet HTML 3Page - EPCOS B59300M1170A070 Datasheet HTML 4Page - EPCOS B59300M1170A070 Datasheet HTML 5Page - EPCOS B59300M1170A070 Datasheet HTML 6Page - EPCOS B59300M1170A070 Datasheet HTML 7Page - EPCOS B59300M1170A070 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TNTT
°C
R
(TNTT
∆T)
(VPTC
≤ 2.5 V)
R
(TNTT +
∆T)
(VPTC
≤ 2.5 V)
R
(TNTT + 15 K)
(VPTC
≤ 7.5 V)
R
(TNTT + 23 K)
(VPTC
≤ 2.5 V)
Ordering code
100
≤ 1650
≥ 3990
≥ 12 k
-
B59300M1100A070
110
≤ 1650
≥ 3990
≥ 12 k
-
B59300M1110A070
120
≤ 1650
≥ 3990
≥ 12 k
-
B59300M1120A070
130
≤ 1650
≥ 3990
≥ 12 k
-
B59300M1130A070
140
≤ 1650
≥ 3990
≥ 12 k
-
B59300M1140A070
145
≤ 1650
≥ 3990
≥ 12 k
-
B59300M1145A070
150
≤ 1650
≥ 3990
≥ 12 k
-
B59300M1150A070
155
≤ 1650
≥ 3990
≥ 12 k
-
B59300M1155A070
160
≤ 1650
≥ 3990
≥ 12 k
-
B59300M1160A070
∆T = 7 K
170
≤ 1710
≥ 1710
-
≥ 30 k
B59300M1170A070
180
≤ 1710
≥ 1710
-
≥ 30 k
B59300M1180A070
190
≤ 1710
≥ 1710
-
≥ 30 k
B59300M1190A070
Color coding of litz wires (to DIN 44081)
TNTT
°C
Color
60
white/grey
70
white/brown
80
white/white
90
green/green
100
red/red
110
brown/brown
120
grey/grey
130
blue/blue
140
white/blue
145
white/black
150
black/black
155
blue/black
160
blue/red
170
white/green
180
white/red
190
black/grey
Sensors
Motor protection, triple sensors
M1300
Page 3 of 8
Please read Important notes and
Cautions and warnings at the end of this document.


Similar Part No. - B59300M1170A070

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59300M1170A070 EPCOS-B59300M1170A070 Datasheet
271Kb / 11P
   PTC thermistors as limit temperature sensors
More results

Similar Description - B59300M1170A070

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PRF15BC102RB6RC MURATA-PRF15BC102RB6RC Datasheet
215Kb / 3P
   PTC Thermistors
PRF18AR471QB5RB MURATA-PRF18AR471QB5RB Datasheet
222Kb / 3P
   PTC Thermistors
PRF18AS471QS5RB MURATA-PRF18AS471QS5RB Datasheet
225Kb / 3P
   PTC Thermistors
PRF18BG471RB5RB MURATA-PRF18BG471RB5RB Datasheet
226Kb / 3P
   PTC Thermistors
PTFL04BG222Q2N34B0 MURATA-PTFL04BG222Q2N34B0 Datasheet
210Kb / 3P
   PTC Thermistors
PRF15AR102RB6RC MURATA-PRF15AR102RB6RC Datasheet
215Kb / 3P
   PTC Thermistors
PRF15BG102RB6RC MURATA-PRF15BG102RB6RC Datasheet
217Kb / 3P
   PTC Thermistors
PRF18AR471QS5RB MURATA-PRF18AR471QS5RB Datasheet
224Kb / 3P
   PTC Thermistors
PRF18BB471RS5RB MURATA-PRF18BB471RS5RB Datasheet
225Kb / 3P
   PTC Thermistors
PTGLCSAS4R7K6B51B0 MURATA-PTGLCSAS4R7K6B51B0_17 Datasheet
250Kb / 3P
   PTC Thermistors
PTFL04BG471Q2N34B0 MURATA-PTFL04BG471Q2N34B0 Datasheet
210Kb / 3P
   PTC Thermistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com