Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FA10302_OSS-O Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # FA10302_OSS-O
Description  OSS SQUARE lenses for Osram Dragon LEDs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FA10302_OSS-O Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  FA10302_OSS-O Datasheet HTML 1Page - List of Unclassifed Manufacturers FA10302_OSS-O Datasheet HTML 2Page - List of Unclassifed Manufacturers FA10302_OSS-O Datasheet HTML 3Page - List of Unclassifed Manufacturers FA10302_OSS-O Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LEDIL F’FORM OPTICS
© Ledil Oy – PRELIMINARY - Subject to change without prior notice
Ledil Oy
www.ledil.com
Tehdaskatu 13
email: ledil@ledil.com
FIN-24100 SALO, Finland
FAX: +358-2-733 8001
2009-11-29
OSS-O
OSS-W
Relative Intensity of OSS-W
0%
25%
50%
75%
100%
-50
-40
-30
-20
-10
0
10
20
30
40
50
Angle
PHOTOS
OSS-RS
OSS-SS
OSS-D
OSS-M
OSS-W
OSS-O


Similar Part No. - FA10302_OSS-O

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FA10302 LEDIL-FA10302_18 Datasheet
3Mb / 4P
   ~45째 x 15째 oval beam optimized for Osram Golden Dragon . Assembly with white holder.
More results

Similar Description - FA10302_OSS-O

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FA10643 LEDIL-FA10643_18 Datasheet
3Mb / 4P
   ~30째 medium beam optimized for Osram Golden Dragon
CA11848 LEDIL-CA11848_18 Datasheet
2Mb / 4P
   ~30째 medium beam optimized for Osram Golden Dragon
logo
Dialight Corporation
OPGD1002 DIALIGHT-OPGD1002 Datasheet
126Kb / 2P
   OSRAM GOLDEN DRAGON ADHESIVE-BACKED LENS
logo
Ledil, Inc.
FA10642 LEDIL-FA10642_18 Datasheet
2Mb / 5P
   ~16째 diffused spot beam optimized for Osram Golden Dragon
CA12047 LEDIL-CA12047_18 Datasheet
2Mb / 4P
   ~35째 15째 oval beam optimized for Osram Golden Dragon
CA12046 LEDIL-CA12046_18 Datasheet
4Mb / 4P
   ~16째 diffused spot beam optimized for Osram Golden Dragon
CA10569 LEDIL-CA10569_18 Datasheet
2Mb / 4P
   ~30째 medium beam optimized for Osram Golden Dragon . Assembly with white holder.
CA10561 LEDIL-CA10561_18 Datasheet
2Mb / 4P
   ~11째 spot beam optimized for Osram Golden Dragon . Assembly with white holder.
CA12081 LEDIL-CA12081_18 Datasheet
1Mb / 4P
   ~80째 wide beam optimized for Osram Golden Dragon . Assembly with white holder.
FCN11466 LEDIL-FCN11466_18 Datasheet
2Mb / 4P
   ~30째 medium beam optimized for Osram Golden Dragon . 14.6 mm high assembly.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com