Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D3899924FC35SB Datasheet(PDF) 2 Page - ITT Industries

Part # D3899924FC35SB
Description  MIL-DTL-38999 Series III Connectors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

D3899924FC35SB Datasheet(HTML) 2 Page - ITT Industries

  D3899924FC35SB Datasheet HTML 1Page - ITT Industries D3899924FC35SB Datasheet HTML 2Page - ITT Industries D3899924FC35SB Datasheet HTML 3Page - ITT Industries D3899924FC35SB Datasheet HTML 4Page - ITT Industries D3899924FC35SB Datasheet HTML 5Page - ITT Industries D3899924FC35SB Datasheet HTML 6Page - ITT Industries D3899924FC35SB Datasheet HTML 7Page - ITT Industries D3899924FC35SB Datasheet HTML 8Page - ITT Industries D3899924FC35SB Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
A-20
www.ittcannon.com
Dimensions shown in inches (mm)
Specifications and dimensions subject to change
A
How To Order
Military Nomenclature
D38999
20
F
C
35
A
N
CONNECTOR TYPE
SHELL STYLE
SHELL SIZE
CONTACT ARRANGEMENT
CONTACT STYLE
POLARIZING POSITION
Military
Designation
A
9
B
11
C
13
D
15
E
17
F
19
G
21
H
23
J
25
Cannon
Designation
SHELL SIZE
SERVICE CLASS
(HARDWARE FINISH)
KJB
0
T
13
F
35
P
N
L
Military
Designation
9
A
11
B
13
C
15
D
17
E
19
F
21
G
23
H
25
J
Cannon
Designation
SERIES PREFIX
SHELL STYLE
CLASS
SHELL SIZE
HARDWARE FINISH
CONTACT ARRANGEMENT
CONTACT STYLE
POLARIZING POSITION
MODIFICATION CODE
SHELL SIZE
Cannon Nomenclature
SERIES PREFIX
KJA - Series III - Scoop proof, threaded
coupling
*KJB - Series III - Scoop proof, threaded
coupling, and with plastic contact
retention
SHELL STYLE
0 - Wall mount receptacle
6 - Straight plug
7 - Jam nut receptacle
CLASS
T - Environment-resistant (without
rear accessory)
* Consult factory for applicable layouts
HARDWARE FINISH
F - Electroless nickel, - 85ºF to +392ºF
(-65ºC to +200ºC)
G - Electroless nickel plated. Space Grade.
W - Olive drab cadmium over electroless nickel
plate, -85ºF to +347ºF (-65ºC to +175ºC)
Z - Zinc Nickel, Black
- - (Dash) When using a finish modification code
CONTACT ARRANGEMENTS
See pages A-24 and A-25.
CONTACT STYLE
P -Pin contacts
S -Socket contacts
POLARIZING POSITION
N (normal) A, B, C, D, E. See page A-23.
MODIFICATION CODE
L -
Less contacts, not stamped on connector
16 - Outgassed
NASA space graded connector
27-
Outgassed, standard connector
T-69 Olive Drab (Green) Zinc Cobalt
CONNECTOR TYPE
D38999/ - MIL-DTL-38999 Series III
SHELL STYLE
D38999/20 - Wall mount receptacle
D38999/24 - Jam nut receptacle
D38999/26 - Straight Plug, Grounded
SERVICE CLASS
(Hardware Finish)
F - Electroless nickel - 85ºF to +392ºF
(-65ºC to +200ºC)
G - Electroless nickel plated. Space Grade.
W - Olive drab cadmium over electroless nickel
plate, -85ºF to +347ºF (-65ºC to +175ºC)
CONTACT ARRANGEMENT
See pages A-24, A-25.
CONTACT STYLE
P - Pin conatcts
S - Socket contact
A - Less Pin contacts*
B - Less Socket contact*
* Used only when other than power contacts are to
be installed (i,e., shielded, thermocouple, etc.)
POLARIZING POSITION
N (normal), A, B, C, D, E. See page A-23.
Note: To order MS connectors less standard power
contacts, purchase order must state "Less Contacts”.
Cannon KJA/KJB
MIL-DTL-38999 Series III Connectors
ca_A1-A163.qxd:Layout 1
2/9/11
7:48 PM
Page 20


Similar Part No. - D3899924FC35SB

ManufacturerPart #DatasheetDescription
logo
ITT Industries
D3899924FC35SB ITT-D3899924FC35SB Datasheet
2Mb / 17P
   MIL-DTL-38999 Series III Connectors
More results

Similar Description - D3899924FC35SB

ManufacturerPart #DatasheetDescription
logo
ITT Industries
D38999-26FA98BN ITT-D38999-26FA98BN Datasheet
2Mb / 17P
   MIL-DTL-38999 Series III Connectors
logo
Glenair, Inc.
D38999-1799853 GLENAIR-D38999-1799853 Datasheet
300Kb / 3P
   MIL-DTL-38999 Series III Environmental connectors
233-301 GLENAIR-233-301 Datasheet
253Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
233-304 GLENAIR-233-304 Datasheet
248Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
233-300 GLENAIR-233-300 Datasheet
292Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
233-302 GLENAIR-233-302 Datasheet
214Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
logo
Amphenol Aerospace Oper...
MIL-DTL-38999 AAO-MIL-DTL-38999 Datasheet
3Mb / 40P
   MIL-DTL-38999, Series III, TV
logo
Glenair, Inc.
233-305 GLENAIR-233-305 Datasheet
253Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
233-303 GLENAIR-233-303 Datasheet
232Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
947-112 GLENAIR-947-112 Datasheet
241Kb / 2P
   MIL-DTL-38999 Series III Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com