Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DBR9PNBT Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # DBR9PNBT
Description  PCB layouts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DBR9PNBT Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  DBR9PNBT Datasheet HTML 1Page - List of Unclassifed Manufacturers DBR9PNBT Datasheet HTML 2Page - List of Unclassifed Manufacturers DBR9PNBT Datasheet HTML 3Page - List of Unclassifed Manufacturers DBR9PNBT Datasheet HTML 4Page - List of Unclassifed Manufacturers DBR9PNBT Datasheet HTML 5Page - List of Unclassifed Manufacturers DBR9PNBT Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
A
25.00
33.32
47.04
63.50
61.10
connectors
D range
Special D
Standard D
Crimp D
High Density D
FEATURES
Shell
Insulator
Contact
Termination – solder bucket
– straight PC
– 90º PC
– CRIMP
MECHANICAL
Operations
Temperature range
ELECTRICAL
Current – individual contact
(in isolation) at 70ºC
– All contacts
(simultaneously) at 70ºC
Working voltage (DC or AC
PEAK)
Proof voltage (DC or AC PEAK)
Contact resistance
Insulation resistance
Technical Data
Steel plated zinc/yellow passivate or tin
Thermoplastic rated UL94V-O
Copper alloy plated hard acid gold
Tin
Gold
Tin
Tin
Gold
Tin
Tin
Gold
Tin
Tin or Gold
Tin
100
300 (budget)
300 (budget)
100
500 (standard)
500 (standard)
50 or 200 crimp
-55ºC to +105ºC
3A
6.5A
3A
3A
2A
3.3A
2A
2A
350V
500V
350V
300V
1500V
1500V
1500V
1000V
15m
Ω max
10m
Ω max
15m
Ω max
15m
Ω max
5000m
Ω min
1000m
Ω min
5000m
Ω min
1000m
Ω min
Shell
size
E
A
B
C
D
D,SD,LD
9
15
25
37
50
HD
15
26
44
62
78
No of Contacts
Std
20.32
28.70
42.42
58.93
56.26
Float
21.16
29.49
43.20
59.77
57.02
E
Std
11.30
11.30
11.30
11.30
13.97
Float
12.09
12.09
12.09
12.09
14.78
F
3.50
3.50
3.50
3.50
3.50
R
Std
22.07
30.40
44.14
60.60
58.21
Float
22.88
31.22
44.96
61.42
59.44
E
Std
12.90
12.90
12.90
12.90
15.69
Float
13.71
13.71
13.71
13.71
16.51
F
2.25
2.25
2.25
2.25
2.25
R
Contact Arrangement
Rear Panel Mounting
Front Panel Mounting
Panel
R
R
A
E
10º
F
3±0.1
Panel
R
R
A
E
10º
F
3±0.1
All ranges: panel mounting options
Rear Panel Mounting
Front Panel Mounting


Similar Part No. - DBR9PNBT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DBR9PNBT ETC2-DBR9PNBT Datasheet
745Kb / 6P
   PCB layouts
DBR9PNBTD ETC2-DBR9PNBTD Datasheet
745Kb / 6P
   PCB layouts
More results

Similar Description - DBR9PNBT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DB25SN ETC2-DB25SN Datasheet
745Kb / 6P
   PCB layouts
logo
Winchester Electronics ...
RM21WA4S-50-ZB WINCHESTER-RM21WA4S-50-ZB Datasheet
48Kb / 1P
   D-SUB HOUSING MIXED LAYOUTS
RM21WA4P-50-ZB WINCHESTER-RM21WA4P-50-ZB Datasheet
101Kb / 1P
   D-SUB HOUSING - MIXED LAYOUTS
logo
ITT Industries
051527-0006 ITT-051527-0006 Datasheet
35Kb / 1P
   Combo D Series: D-Subminiature offering mixed layouts
053515-1372 ITT-053515-1372 Datasheet
41Kb / 1P
   Combo D Series: D-Subminiature offering mixed layouts
053512-1270 ITT-053512-1270 Datasheet
35Kb / 1P
   Combo D Series: D-Subminiature offering mixed layouts
053513-1602 ITT-053513-1602 Datasheet
35Kb / 1P
   Combo D Series: D-Subminiature offering mixed layouts
053515-1144 ITT-053515-1144 Datasheet
34Kb / 1P
   Combo D Series: D-Subminiature offering mixed layouts
DBME-17W2P-K87 ITT-DBME-17W2P-K87 Datasheet
34Kb / 1P
   combo D Series: D-Subminiature offering mixed layouts
051523-0116 ITT-051523-0116 Datasheet
35Kb / 1P
   Combo D Series: D-Subminiature offering mixed layouts
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com