Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TN6S16-1219S2B01 Datasheet(PDF) 9 Page - ITT Industries

Part # TN6S16-1219S2B01
Description  Cannon Trident Series
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

TN6S16-1219S2B01 Datasheet(HTML) 9 Page - ITT Industries

Back Button TN6S16-1219S2B01 Datasheet HTML 5Page - ITT Industries TN6S16-1219S2B01 Datasheet HTML 6Page - ITT Industries TN6S16-1219S2B01 Datasheet HTML 7Page - ITT Industries TN6S16-1219S2B01 Datasheet HTML 8Page - ITT Industries TN6S16-1219S2B01 Datasheet HTML 9Page - ITT Industries TN6S16-1219S2B01 Datasheet HTML 10Page - ITT Industries TN6S16-1219S2B01 Datasheet HTML 11Page - ITT Industries TN6S16-1219S2B01 Datasheet HTML 12Page - ITT Industries TN6S16-1219S2B01 Datasheet HTML 13Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 96 page
background image
9
Dimensions shown in mm (inch)
Specifications and dimensions subject to change
www.ittcannon.com
Cannon Trident Connectors
Snap Together - Rectangular
Contact Cavity Arrangements — Mating Face View
36-way
Plug
Receptacle
24-way
Plug
Receptacle
6-way
12-way
Plug
Receptacle
Plug
Receptacle
2-way
3-way
4-way
Plug
Receptacle
Plug
Receptacle
Plug
Receptacle


Similar Part No. - TN6S16-1219S2B01

ManufacturerPart #DatasheetDescription
logo
Topstek Inc.
TN600A TOPSTEK-TN600A Datasheet
112Kb / 2P
   Topstek Current Transducers
logo
API Technologies Corp
TN6010PM APITECH-TN6010PM Datasheet
201Kb / 1P
   RF AMPLIFIER MODEL
TN6012 APITECH-TN6012 Datasheet
42Kb / 1P
   RF AMPLIFIER MODEL
TN6012PM APITECH-TN6012PM Datasheet
178Kb / 1P
   RF AMPLIFIER MODEL
logo
STMicroelectronics
TN6050-12PI STMICROELECTRONICS-TN6050-12PI Datasheet
203Kb / 11P
   60 A, 1200 V standard SCR
DS12874 - Rev 1 - December 2018
More results

Similar Description - TN6S16-1219S2B01

ManufacturerPart #DatasheetDescription
logo
ITT Industries
TNM6S10-0004P1L ITT-TNM6S10-0004P1L Datasheet
5Mb / 96P
   CANNON TRIDENT SERIES
121586-5236 ITT-121586-5236 Datasheet
5Mb / 96P
   Cannon Trident Series
192993-0106 ITT-192993-0106 Datasheet
5Mb / 96P
   Cannon Trident Series
031-8717-021 ITT-031-8717-021 Datasheet
5Mb / 96P
   Cannon Trident Series
192990-0350 ITT-192990-0350 Datasheet
291Kb / 6P
   Cannon Trident Connector System Snap Together-Rectangular
192900-0014 ITT-192900-0014 Datasheet
457Kb / 10P
   Cannon Trident Connector System Neptune Circular Connectors
192990-0960 ITT-192990-0960 Datasheet
173Kb / 4P
   Cannon Trident Connector System Snap Together-Slimline
DEU-9S-A197-F0 ITT-DEU-9S-A197-F0 Datasheet
42Kb / 1P
   Cannon
120220-0210 ITT-120220-0210 Datasheet
414Kb / 4P
   CANNON UNIVERSAL CONTACT SERIES
DBSFY-25P-A190-K87 ITT-DBSFY-25P-A190-K87 Datasheet
295Kb / 6P
   Cannon Speedy D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com