Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1013 Datasheet(PDF) 3 Page - Linear Integrated Systems

Part # LT1013
Description  Single Supply Operation Input Voltage Range Extends to Ground
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1013 Datasheet(HTML) 3 Page - Linear Integrated Systems

  LT1013 Datasheet HTML 1Page - Linear Integrated Systems LT1013 Datasheet HTML 2Page - Linear Integrated Systems LT1013 Datasheet HTML 3Page - Linear Integrated Systems LT1013 Datasheet HTML 4Page - Linear Integrated Systems LT1013 Datasheet HTML 5Page - Linear Integrated Systems LT1013 Datasheet HTML 6Page - Linear Integrated Systems LT1013 Datasheet HTML 7Page - Linear Integrated Systems LT1013 Datasheet HTML 8Page - Linear Integrated Systems LT1013 Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
LT1013/LT1014

10134fd
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT1013DS8#PBF
LT1013DS8#TRPBF
1013
8-Lead Plastic SO
0°C to 70°C
LT1013IS8#PBF
LT1013IS8#TRPBF
1013I
8-Lead Plastic SO
–40°C to 85°C
LT1013ACN8#PBF
LT1013ACN8#TRPBF
LT1013ACN8
8-Lead PDIP
0°C to 70°C
LT1013CN8#PBF
LT1013CN8#TRPBF
LT1013CN8
8-Lead PDIP
0°C to 70°C
LT1013DN8#PBF
LT1013DN8#TRPBF
LT1013DN8
8-Lead PDIP
0°C to 70°C
LT1013IN8#PBF
LT1013IN8#TRPBF
LT1013IN8
8-Lead PDIP
–40°C to 85°C
LT1014DSW#PBF
LT1014DSW#TRPBF
LT1014DSW
16-Lead Plastic SO
0°C to 70°C
LT1014ISW#PBF
LT1014ISW#TRPBF
LT1014ISW
16-Lead Plastic SO
–40°C to 85°C
LT1014ACN#PBF
LT1014ACN#TRPBF
LT1014ACN
14-Lead PDIP
0°C to 70°C
LT1014CN#PBF
LT1014CN#TRPBF
LT1014CN
14-Lead PDIP
0°C to 70°C
LT1014DN#PBF
LT1014DN#TRPBF
LT1014DN
14-Lead PDIP
0°C to 70°C
LT1014IN#PBF
LT1014IN#TRPBF
LT1014IN
14-Lead PDIP
–40°C to 85°C
LT1013AMJ8#PBF
LT1013AMJ8#TRPBF
LT1013AMJ8
8-Lead CERDIP
–55°C to 125°C (OBSOLETE)
LT1013MJ8#PBF
LT1013MJ8#TRPBF
LT1013MJ8
8-Lead CERDIP
–55°C to 125°C (OBSOLETE)
LT1013ACJ8#PBF
LT1013ACJ8#TRPBF
LT1013ACJ8
8-Lead CERDIP
0°C to 70°C (OBSOLETE)
LT1013CJ8#PBF
LT1013CJ8#TRPBF
LT1013CJ8
8-Lead CERDIP
0°C to 70°C (OBSOLETE)
LT1013AMH#PBF
LT1013AMH#TRPBF
LT1013AMH
8-Lead TO-5 Metal Can
–55°C to 125°C (OBSOLETE)
LT1013MH#PBF
LT1013MH#TRPBF
LT1013MH
8-Lead TO-5 Metal Can
–55°C to 125°C (OBSOLETE)
LT1013ACH#PBF
LT1013ACH#TRPBF
LT1013ACH
8-Lead TO-5 Metal Can
0°C to 70°C (OBSOLETE)
LT1013CH#PBF
LT1013CH#TRPBF
LT1013CH
8-Lead TO-5 Metal Can
0°C to 70°C (OBSOLETE)
LT1014AMJ#PBF
LT1014AMJ#TRPBF
LT1014AMJ
14-Lead CERDIP
–55°C to 125°C (OBSOLETE)
LT1014MJ#PBF
LT1014MJ#TRPBF
LT1014MJ
14-Lead CERDIP
–55°C to 125°C (OBSOLETE)
LT1014ACJ#PBF
LT1014ACJ#TRPBF
LT1014ACJ
14-Lead CERDIP
0°C to 70°C (OBSOLETE)
LT1014CJ#PBF
LT1014CJ#TRPBF
LT1014CJ
14-Lead CERDIP
0°C to 70°C (OBSOLETE)
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/


Similar Part No. - LT1013

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1013 LINER-LT1013 Datasheet
545Kb / 20P
   Quad Precision Op Amp
logo
Texas Instruments
LT1013 TI-LT1013 Datasheet
546Kb / 30P
[Old version datasheet]   DUAL PRECISION OPERATIONAL AMPLIFIERS
LT1013 TI-LT1013 Datasheet
595Kb / 33P
[Old version datasheet]   DUAL PRECISION OPERATIONAL AMPLIFIERS
logo
Linear Technology
LT1013 LINER-LT1013 Datasheet
291Kb / 24P
   Quad Precision Op Amp (LT1014) Dual Precision Op Amp (LT1013)
LT1013 LINER-LT1013 Datasheet
860Kb / 22P
   Dual/Quad 3.2MHz, 0.8V/關s Low Power, Over-The-Top Precision Op Amp
More results

Similar Description - LT1013

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT1014AMJ LINEAR-LT1014AMJ Datasheet
465Kb / 26P
   Single Supply Operation Input Voltage Range Extends to Ground
logo
Maxim Integrated Produc...
MAX20429EVKIT MAXIM-MAX20429EVKIT Datasheet
576Kb / 12P
   Single Supply Operation with 3.0V to 5.5V Input Supply Range
Rev 0; 12/20
logo
SHANGHAI BELLING CO., L...
BL1516 BELLING-BL1516 Datasheet
124Kb / 7P
   Input Voltage Range Includes Ground
logo
Maxim Integrated Produc...
MAX16923EVKIT MAXIM-MAX16923EVKIT_V01 Datasheet
1Mb / 7P
   6V to 18V Input Supply Voltage Range
2010
logo
Infineon Technologies A...
TLE4305 INFINEON-TLE4305_08 Datasheet
262Kb / 16P
   Voltage-Current Regulator Wide supply voltage operation range
Rev. 2.2, 2008-11-17
logo
Holt Integrated Circuit...
HI-8437 HOLTIC-HI-8437 Datasheet
147Kb / 21P
   Single Low Voltage Supply Operation
logo
Guangdong Youtai Semico...
LM2903DR UMW-LM2903DR Datasheet
498Kb / 4P
   Differential Input Voltage Range Equal to Power Supply Voltage
logo
Maxim Integrated Produc...
MAXWSNENV MAXIM-MAXWSNENV Datasheet
365Kb / 3P
   Low-Power Operation Extends Battery Life
Rev 0; 5/15
logo
Unisonic Technologies
U74AHC1G132G-AE5-R UTC-U74AHC1G132G-AE5-R Datasheet
188Kb / 5P
   Operation voltage range
logo
Maxim Integrated Produc...
MAX5498EVKIT MAXIM-MAX5498EVKIT Datasheet
313Kb / 13P
   2.7V to 5.25V Single-Supply Operation
Rev 1; 12/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com