Electronic Components Datasheet Search |
|
LT1013CN8 Datasheet(PDF) 10 Page - Linear Integrated Systems |
|
LT1013CN8 Datasheet(HTML) 10 Page - Linear Integrated Systems |
10 / 26 page LT1013/LT1014 0 10134fd b) When the input is more than 400mV below ground (at 25°C), the input stage saturates (transistors Q3 and Q4) and phase reversal occurs at the output. This can cause lock-up in servo systems. Due to a unique phase reversal protection circuitry (Q21, Q22, Q27, Q28), the LT1013/LT1014’s outputs do not reverse, as illustrated below, even when the inputs are at –1.5V. Thereisonecircumstance,however,underwhichthephase reversal protection circuitry does not function: when the other op amp on the LT1013, or one specific amplifier of the other three on the LT1014, is driven hard into negative saturation at the output. Phase reversal protection does not work on amplifier: A when D’s output is in negative saturation. B’s and C’s outputs have no effect. B when C’s output is in negative saturation. A’s and D’s outputs have no effect. C when B’s output is in negative saturation. A’s and D’s outputs have no effect. applicaTions inForMaTion D when A’s output is negative saturation. B’s and C’s outputs have no effect. At the output, the aforementioned single supply designs either cannot swing to within 600mV of ground (OP-20) orcannotsinkmorethanafewmicroampereswhileswing- ing to ground (LM124, LM158). The LT1013/LT1014’s all-NPNoutputstagemaintainsitslowoutputresistanceand high gain characteristics until the output is saturated. In dual supply operations, the output stage is crossover distortion-free. Comparator Applications The single supply operation of the LT1013/LT1014 lends itself to its use as a precision comparator with TTL com- patible output: In systems using both op amps and comparators, the LT1013/LT1014 can perform multiple duties; for example, on the LT1014, two of the devices can be used as op amps and the other two as comparators. 4V LT1013/LT1014 NO PHASE REVERSAL 2V 4V 0V 6VP-P INPUT, –1.5V TO 4.5V 4V LM324, LM358, OP-20 EXHIBIT OUTPUT PHASE REVERSAL VS = 5V, 0V 4 2 0 –100 0 2 0 0 100 Voltage Follower with Input Exceeding the Negative Common Mode Range Comparator Rise Response Time 10mV, 5mV, 2mV Overdrives Comparator Fall Response Time to 10mV, 5mV, 2mV Overdrives 2V 2V 0V 0V 4 50µs/DIV VS = 5V, 0V 50µs/DIV |
Similar Part No. - LT1013CN8 |
|
Similar Description - LT1013CN8 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |