Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT45DB161-CC Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT45DB161-CC
Description  16-Megabit 2.7-volt Only Serial DataFlash
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB161-CC Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT45DB161-CC Datasheet HTML 4Page - ATMEL Corporation AT45DB161-CC Datasheet HTML 5Page - ATMEL Corporation AT45DB161-CC Datasheet HTML 6Page - ATMEL Corporation AT45DB161-CC Datasheet HTML 7Page - ATMEL Corporation AT45DB161-CC Datasheet HTML 8Page - ATMEL Corporation AT45DB161-CC Datasheet HTML 9Page - ATMEL Corporation AT45DB161-CC Datasheet HTML 10Page - ATMEL Corporation AT45DB161-CC Datasheet HTML 11Page - ATMEL Corporation AT45DB161-CC Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AT45DB161
8
DC Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Units
I
SB
Standby Current
CS, RESET, WP = V
IH, all inputs
at CMOS levels
310
µA
ICC1
Active Current, Read
Operation
f = 13 MHz; I
OUT = 0 mA;
V
CC = 3.6V
410
mA
I
CC2
Active Current, Program/Erase
Operation
V
CC = 3.6V
15
35
mA
I
LI
Input Load Current
V
IN = CMOS levels
1
µA
ILO
Output Leakage Current
VI/O = CMOS levels
1
µA
V
IL
Input Low Voltage
0.6
V
V
IH
Input High Voltage
2.0
V
VOL
Output Low Voltage
IOL = 1.6 mA; VCC = 2.7V
0.4
V
V
OH
Output High Voltage
I
OH = -100 µAVCC - 0.2V
V
AC Characteristics
Symbol
Parameter
Min
Typ
Max
Units
fSCK
SCK Frequency
13
MHz
t
WH
SCK High Time
35
ns
t
WL
SCK Low Time
35
ns
tCS
Minimum CS High Time
250
ns
t
CSS
CS Setup Time
250
ns
t
CSH
CS Hold Time
250
ns
tCSB
CS High to RDY/BUSY Low
200
ns
t
SU
Data In Setup Time
10
ns
t
H
Data In Hold Time
20
ns
tHO
Output Hold Time
0
ns
t
DIS
Output Disable Time
25
ns
t
V
Output Valid
30
ns
tXFR
Page to Buffer Transfer/Compare Time
120
200
µs
t
EP
Page Erase and Programming Time
10
20
ms
t
P
Page Programming Time
7
15
ms
tPE
Page Erase Time
6
10
ms
t
BE
Block Erase Time
7
15
ms
tRST
RESET Pulse Width
10
µs
t
REC
RESET Recovery Time
1
µs
Input Test Waveforms and Measurement Levels
t
R, tF < 5 ns (10% to 90%)
AC
DRIVING
LEVELS
AC
MEASUREMENT
LEVEL
0.45V
2.0
0.8
2.4V
Output Test Load
DEVICE
UNDER
TEST
30 pF


Similar Part No. - AT45DB161-CC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB161-CC ATMEL-AT45DB161-CC Datasheet
318Kb / 21P
   16-megabit 2.7-volt Only Serial DataFlash
More results

Similar Description - AT45DB161-CC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB161 ATMEL-AT45DB161_01 Datasheet
318Kb / 21P
   16-megabit 2.7-volt Only Serial DataFlash
AT45DB021 ATMEL-AT45DB021 Datasheet
201Kb / 18P
   2-Megabit 2.7-volt Only Serial DataFlash
AT45DB321 ATMEL-AT45DB321 Datasheet
154Kb / 20P
   32-Megabit 2.7-volt Only Serial DataFlash
AT45DB081A ATMEL-AT45DB081A Datasheet
412Kb / 28P
   8-megabit 2.7-volt Only Serial DataFlash
AT26DF161A ATMEL-AT26DF161A_07 Datasheet
703Kb / 41P
   16-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT26DF161 ATMEL-AT26DF161 Datasheet
486Kb / 31P
   16-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT26DF161 ATMEL-AT26DF161_06 Datasheet
577Kb / 35P
   16-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT45DB011 ATMEL-AT45DB011 Datasheet
150Kb / 19P
   1-Megabit 2.7-volt Only Serial DataFlash
AT45DB081 ATMEL-AT45DB081 Datasheet
115Kb / 16P
   8-Megabit 2.7-volt Only Serial DataFlash
AT45DB021A ATMEL-AT45DB021A Datasheet
395Kb / 28P
   2-megabit 2.7-volt Only Serial DataFlash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com