Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS27468E9A35PSC Datasheet(PDF) 5 Page - ITT Industries

Part # MS27468E9A35PSC
Description  Cannon MIL-DTL-38999 Connectors
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

MS27468E9A35PSC Datasheet(HTML) 5 Page - ITT Industries

  MS27468E9A35PSC Datasheet HTML 1Page - ITT Industries MS27468E9A35PSC Datasheet HTML 2Page - ITT Industries MS27468E9A35PSC Datasheet HTML 3Page - ITT Industries MS27468E9A35PSC Datasheet HTML 4Page - ITT Industries MS27468E9A35PSC Datasheet HTML 5Page - ITT Industries MS27468E9A35PSC Datasheet HTML 6Page - ITT Industries MS27468E9A35PSC Datasheet HTML 7Page - ITT Industries MS27468E9A35PSC Datasheet HTML 8Page - ITT Industries MS27468E9A35PSC Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
3
www.ittcannon.com
Dimensions shown in inches (mm)
Specifications and dimensions subject to change
Cannon KJL/KJ/KJA/KJB
MIL-DTL-38999 Series I, II, III Connectors
• Corrosion and zinc resistant shells of aluminum
alloy with cadmium and zinc over nickel plating
withstand a 500 hour salt spray exposure
• Rear release crimp snap-in contacts
• High contact density
• Standard MIL-C-39029 contacts, MIL-I-81969 appli-
cation tools and MIL-STD 1560 insert
arrangements
• Special/custom capabilities
• 100% scoop-proof - Series I and III
• Light weight /Low Profile - Series II
• Operates under severe high temperature vibration
testing through 200 C - engineered for high densi-
ty circuitry - Series III
CLOSED ENTRY
SOCKET CONTACT
DESIGN
INSULATOR
TO SHELL SEAL
GROUNDING FINGERS
(Standard on Series I connector)
INTERFACIAL
SEAL
HIGH STRENGTH
MULTIPLE-TINE
METAL RETAINING CLIP
assures positive retention with
inwardly deflected tines that lock
securely behind contact shoulder
HIGH STRENGTH
MULTIPLE-TINE
METAL RETAINING CLIP
assures positive retention with
inwardly deflected tines that lock
securely behind contact shoulder
HIGH STRENGTH
MULTIPLE-TINE
METAL RETAINING CLIP
assures positive retentin with
inwardly deflected tines that lock
securely behind contact shoulder
INTERFACIAL
SEAL
GROUNDING FINGERS
CLOSED ENTERY
SOCKET CONTACT
DESIGN
PERIPHERAL
SEALING
GASKET
WIRE SEALING
GROMMETS
INSULATOR
TO SHELL SEAL
SIMPLE, STRONGER
CONTACTS
are designed to resist
bending and are
crimp terminated
SIMPLE, STRONGER
CONTACTS
are designed to resist
bending and are
crimp terminated
WIRE SEALING
GROMMETS
SIMPLER, STRONGER
CONTACTS
are designed to resist bending
and are crimp terminated
RESILIENT PIN
INTERFACIAL SEALS
feature individual raised seal
barriers around each pin contact
PERIPHERAL SEAL
around the connector interface is
designed to minimize compression
set when connectors are mated
PERIPHERAL
SEALING
GASKET
SHELL HARDWARE
is aluminum alloy
MONOBLOC
INSERT
WIRE SEALING
GROMMET
SERIES I
SERIES II
SERIES III
• Interfacial seal helps prevent electrolytic erosion of
contacts - Series III
• Superior EMI shielding provides outstanding pro-
tection up to 65dB at 10 GHZ. - Series III
Specification Comparison
Contact Rating
Design Criteria
Series I
Series II
Series III
Low Profile/Light Weight
Scoop Proof
Coupling System
Electrolytic Erosion
Durability (Cycles)
High Impact Shock
External Bending Moment
Shell Size 25
Random Vibration "J"
Sine Vibration
Sand, Dust, Ice
Shell Size
no
yes
Bayonet
no
500
yes
650 in/lbs
Ambient
30G, Ambient
yes
9-25
yes
no
Bayonet
no
250
no
150 in/lbs
Ambient
8-24
no
yes
Triple Lead Thread
yes
500
yes
1000 in/lbs
492 F
60G, -85 to +392 F
yes
9-25
Crimp Well Data
Contact
Size
22D
22M**
22**
20
16
12
* Maximum millivolt drop data is determined by measuring resistance of mated contacts from end to en
** For reference only
5
3
5
7.5
13
23
40
30
40
35
25
25
.0345 ± .0010
.0280 ± .0010
.0365 ± .0010
.0470 ± .0010
.0670 ± .0010
.1000 ± .0020
.157/.141
.157/.141
.157/.141
.229/.209
.229/.209
.229/.209
Test Current
DC Test Amperage
Maximum
Millivolt Drop*
Well
Diameter
Well
Depth


Similar Part No. - MS27468E9A35PSC

ManufacturerPart #DatasheetDescription
logo
ITT Industries
MS27468E9A35PSC ITT-MS27468E9A35PSC Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
MS27468E9A35PSC ITT-MS27468E9A35PSC Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
MS27468E9A35PSC ITT-MS27468E9A35PSC Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
MS27468E9A35PSC ITT-MS27468E9A35PSC Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
MS27468E9A35PSC ITT-MS27468E9A35PSC Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
More results

Similar Description - MS27468E9A35PSC

ManufacturerPart #DatasheetDescription
logo
ITT Industries
D38999 ITT-D38999 Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
D38999-26WJ4PN ITT-D38999-26WJ4PN Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
D38999-20FG41PN ITT-D38999-20FG41PN Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
D38999-24WD-35SA ITT-D38999-24WD-35SA Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
D38999-20FC98PN ITT-D38999-20FC98PN Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
D38999-20FD-35PN ITT-D38999-20FD-35PN Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
030-1997-022 ITT-030-1997-022 Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
D38999-26FA98BN ITT-D38999-26FA98BN Datasheet
2Mb / 17P
   MIL-DTL-38999 Series III Connectors
D38999-20WD-18SN ITT-D38999-20WD-18SN Datasheet
2Mb / 17P
   MIL-DTL-38999 Series III Connectors
logo
Glenair, Inc.
M24758-20C20 GLENAIR-M24758-20C20 Datasheet
62Kb / 2P
   Adapter for MIL-DTL-38999 Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com