Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3467EDDB Datasheet(PDF) 3 Page - Linear Integrated Systems

Part # LT3467EDDB
Description  1.1A Step-Up DC/DC Converter with
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT3467EDDB Datasheet(HTML) 3 Page - Linear Integrated Systems

  LT3467EDDB Datasheet HTML 1Page - Linear Integrated Systems LT3467EDDB Datasheet HTML 2Page - Linear Integrated Systems LT3467EDDB Datasheet HTML 3Page - Linear Integrated Systems LT3467EDDB Datasheet HTML 4Page - Linear Integrated Systems LT3467EDDB Datasheet HTML 5Page - Linear Integrated Systems LT3467EDDB Datasheet HTML 6Page - Linear Integrated Systems LT3467EDDB Datasheet HTML 7Page - Linear Integrated Systems LT3467EDDB Datasheet HTML 8Page - Linear Integrated Systems LT3467EDDB Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
LT3467/LT3467A
3
3467afe
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT3467E/LT3467AE are guaranteed to meet performance
specifications from 0°C to 85°C, junction temperature. Specifications over
the –40°C to 85°C operating junction temperature range are assured by
design, characterization and correlation with statistical process controls.
The LT3467I/LT3467AI are guaranteed over the full –40°C to 125°C
operating junction temperature range.
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3V, VSHDN = VIN unless otherwise noted. Specifications are for both
the LT3467 and LT3467A unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Operating Voltage
2.2
2.4
V
Maximum Operating Voltage
16
V
Feedback Voltage
l
1.230
1.220
1.255
1.270
1.280
V
V
FB Pin Bias Current
(Note 3)
l
10
50
nA
Quiescent Current
VSHDN = 2.4V, Not Switching
1.2
2
mA
Quiescent Current in Shutdown
VSHDN = 0.5V, VIN = 3V
0.01
1
μA
Reference Line Regulation
2.6V ≤ VIN ≤ 16V
0.01
0.05
%/V
Switching Frequency
LT3467
LT3467A
LT3467A
l
1
1.6
1.6
1.3
2.1
1.6
2.7
MHz
MHz
MHz
Maximum Duty Cycle
LT3467
LT3467
LT3467A
LT3467A
l
l
88
87
82
78
94
88
%
%
%
%
Minimum Duty Cycle
10
%
Switch Current Limit
At Minimum Duty Cycle
At Maximum Duty Cycle (Note 4)
1.4
0.8
1.8
1.2
2.5
1.9
A
A
Switch VCESAT
ISW = 1.1A
330
500
mV
Switch Leakage Current
VSW = 5V
0.01
1
μA
SHDN Input Voltage High
2.4
V
SHDN Input Voltage Low
0.5
V
SHDN Pin Bias Current
VSHDN = 3V
VSHDN = 0V
16
0
32
0.1
μA
μA
SS Charging Current
VSS = 0.5V
2
3
4.5
μA
Note 3: Current flows out of the pin.
Note 4: See Typical Performance Characteristics for guaranteed current
limit vs duty cycle.


Similar Part No. - LT3467EDDB

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3467 LINER-LT3467 Datasheet
268Kb / 16P
   1.1A Step-Up DC/DC Converter with Integrated Soft-Start
LT3467 LINER-LT3467 Datasheet
207Kb / 20P
   True Color PWM Delivers Constant Color with 400:1 Dimming Range
LT3467 LINER-LT3467 Datasheet
274Kb / 28P
   Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
LT3467 LINER-LT3467 Datasheet
276Kb / 18P
   1.1A Step-Up DC/DC Converter with Integrated Soft-Start
LT3467A LINER-LT3467A Datasheet
268Kb / 16P
   1.1A Step-Up DC/DC Converter with Integrated Soft-Start
More results

Similar Description - LT3467EDDB

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3467 LINER-LT3467_15 Datasheet
276Kb / 18P
   1.1A Step-Up DC/DC Converter with Integrated Soft-Start
LT3467A LINER-LT3467A_15 Datasheet
276Kb / 18P
   1.1A Step-Up DC/DC Converter with Integrated Soft-Start
LT3467 LINER-LT3467 Datasheet
268Kb / 16P
   1.1A Step-Up DC/DC Converter with Integrated Soft-Start
logo
Unisonic Technologies
UC8383 UTC-UC8383_15 Datasheet
444Kb / 9P
   STEP-UP DC/DC CONVERTER
logo
Diodes Incorporated
AP1603 DIODES-AP1603 Datasheet
159Kb / 8P
   STEP-UP DC/DC CONVERTER
AP1603 Rev. 1
logo
Anachip Corp
AP1602 ANACHIP-AP1602 Datasheet
164Kb / 7P
   Step-Up DC/DC Converter
AP1522 ANACHIP-AP1522 Datasheet
166Kb / 8P
   Step-Up DC/DC Converter
logo
Micon Design Technology...
MDT7727 MDTIC-MDT7727 Datasheet
107Kb / 4P
   Step-up DC/DC Converter
logo
SiGe Semiconductor, Inc...
AATIAN36 SIGE-AATIAN36 Datasheet
231Kb / 7P
   Step-Up DC/DC Converter
logo
Diodes Incorporated
AP1603 DIODES-AP1603_V01 Datasheet
278Kb / 8P
   STEP-UP DC-DC CONVERTER
Rev. 4 - 2 February 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com