Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1013ACJ8 Datasheet(PDF) 6 Page - Linear Integrated Systems

Part # LT1013ACJ8
Description  Single Supply Operation Input Voltage Range Extends to Ground
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1013ACJ8 Datasheet(HTML) 6 Page - Linear Integrated Systems

Back Button LT1013ACJ8 Datasheet HTML 2Page - Linear Integrated Systems LT1013ACJ8 Datasheet HTML 3Page - Linear Integrated Systems LT1013ACJ8 Datasheet HTML 4Page - Linear Integrated Systems LT1013ACJ8 Datasheet HTML 5Page - Linear Integrated Systems LT1013ACJ8 Datasheet HTML 6Page - Linear Integrated Systems LT1013ACJ8 Datasheet HTML 7Page - Linear Integrated Systems LT1013ACJ8 Datasheet HTML 8Page - Linear Integrated Systems LT1013ACJ8 Datasheet HTML 9Page - Linear Integrated Systems LT1013ACJ8 Datasheet HTML 10Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
LT1013/LT1014

10134fd
elecTrical characTerisTics
SYMBOL PARAMETER
CONDITIONS
LT1013AC
LT1014AC
LT1013C/D/I
LT1014C/D/I
UNITS
MIN
TYP MAX MIN
TYP MAX MIN
TYP MAX
VOS
Input Offset Voltage
LT1013D/I, LT1014D/I
VS = 5V, 0V; VO = 1.4V
LT1013D/I, LT1014D/I
VS = 5V, 0V; VO = 1.4V
l
l
l
l
55
75
240
350
65
85
270
380
80
230
110
280
400
1000
570
1200
µV
µV
µV
µV
Average Input Offset
Voltage Drift
(Note 3)
LT1013D/I, LT1014D/I
l
l
0.3
2.0
0.3
2.0
0.4
0.7
2.5
5.0
µV/°C
µV/°C
IOS
Input Offset Current
VS = 5V, 0V; VO = 1.4V
l
l
0.2
0.4
1.5
3.5
0.2
0.4
1.7
4.0
0.3
0.5
2.8
6.0
nA
nA
IB
Input Bias Current
VS = 5V, 0V; VO = 1.4V
l
l
13
18
25
55
13
20
25
60
16
24
38
90
nA
nA
AVOL
Large-Signal Voltage Gain
VO = ±10V, RL = 2k
l
1.0
5.0
1.0
5.0
0.7
4.0
V/µV
CMRR
Common Mode Rejection
Ratio
VCM = 13.0V, –15.0V
l
98
116
98
116
94
113
dB
PSRR
Power Supply Rejection
Ratio
VS = ±2V to ±18V
l
101
119
101
119
97
116
dB
VOUT
Output Voltage Swing
RL = 2k
VS = 5V, 0V; RL = 600Ω
Output Low
Output High
l
l
l
±12.5
3.3
±13.9
6
3.9
13
±12.5
3.3
±13.9
6
3.9
13
±12.0
3.2
±13.9
6
3.9
13
V
mV
V
IS
Supply Current per Amplifier
VS = 5V, 0V; VO = 1.4V
l
l
0.36
0.32
0.55
0.50
0.36
0.32
0.55
0.50
0.37
0.34
0.60
0.55
mA
mA
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Rating condition for extended periods may affect device reliability
and lifetime.
The l denotes the specifications which apply over the temperature range
–40°C ≤ TA ≤ 85°C for LT1013I, LT1014I, 0°C ≤ TA ≤ 70°C for LT1013C, LT1013D, LT1014C, LT1014D. VS = ±15V, VCM = 0V unless
otherwise noted.
Note 2: This parameter is guaranteed by design and is not tested. Typical
parameters are defined as the 60% yield of parameter distributions of
individual amplifiers; i.e., out of 100 LT1014s (or 100 LT1013s) typically
240 op amps (or 120 ) will be better than the indicated specification.
Note 3: This parameter is not 100% tested.


Similar Part No. - LT1013ACJ8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1013ACJ8 LINER-LT1013ACJ8 Datasheet
545Kb / 20P
   Quad Precision Op Amp
LT1013ACJ8 LINER-LT1013ACJ8 Datasheet
291Kb / 24P
   Quad Precision Op Amp (LT1014) Dual Precision Op Amp (LT1013)
logo
Linear Integrated Syste...
LT1013ACJ8 LINEAR-LT1013ACJ8 Datasheet
465Kb / 26P
   Single Supply Operation Input Voltage Range Extends to Ground
More results

Similar Description - LT1013ACJ8

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT1014DSW LINEAR-LT1014DSW Datasheet
465Kb / 26P
   Single Supply Operation Input Voltage Range Extends to Ground
logo
Maxim Integrated Produc...
MAX20429EVKIT MAXIM-MAX20429EVKIT Datasheet
576Kb / 12P
   Single Supply Operation with 3.0V to 5.5V Input Supply Range
Rev 0; 12/20
logo
SHANGHAI BELLING CO., L...
BL1516 BELLING-BL1516 Datasheet
124Kb / 7P
   Input Voltage Range Includes Ground
logo
Maxim Integrated Produc...
MAX16923EVKIT MAXIM-MAX16923EVKIT_V01 Datasheet
1Mb / 7P
   6V to 18V Input Supply Voltage Range
2010
logo
Infineon Technologies A...
TLE4305 INFINEON-TLE4305_08 Datasheet
262Kb / 16P
   Voltage-Current Regulator Wide supply voltage operation range
Rev. 2.2, 2008-11-17
logo
Holt Integrated Circuit...
HI-8437 HOLTIC-HI-8437 Datasheet
147Kb / 21P
   Single Low Voltage Supply Operation
logo
Guangdong Youtai Semico...
LM2903DR UMW-LM2903DR Datasheet
498Kb / 4P
   Differential Input Voltage Range Equal to Power Supply Voltage
logo
Maxim Integrated Produc...
MAXWSNENV MAXIM-MAXWSNENV Datasheet
365Kb / 3P
   Low-Power Operation Extends Battery Life
Rev 0; 5/15
logo
Unisonic Technologies
U74AHC1G132G-AE5-R UTC-U74AHC1G132G-AE5-R Datasheet
188Kb / 5P
   Operation voltage range
logo
Maxim Integrated Produc...
MAX5498EVKIT MAXIM-MAX5498EVKIT Datasheet
313Kb / 13P
   2.7V to 5.25V Single-Supply Operation
Rev 1; 12/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com