Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1562ACG Datasheet(PDF) 10 Page - Linear Integrated Systems

Part # LTC1562ACG
Description  Very Low Noise, Low Distortion Active RC Quad Universal Filter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC1562ACG Datasheet(HTML) 10 Page - Linear Integrated Systems

Back Button LTC1562ACG Datasheet HTML 6Page - Linear Integrated Systems LTC1562ACG Datasheet HTML 7Page - Linear Integrated Systems LTC1562ACG Datasheet HTML 8Page - Linear Integrated Systems LTC1562ACG Datasheet HTML 9Page - Linear Integrated Systems LTC1562ACG Datasheet HTML 10Page - Linear Integrated Systems LTC1562ACG Datasheet HTML 11Page - Linear Integrated Systems LTC1562ACG Datasheet HTML 12Page - Linear Integrated Systems LTC1562ACG Datasheet HTML 13Page - Linear Integrated Systems LTC1562ACG Datasheet HTML 14Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
10
LTC1562
1562fa
Because 2nd order sections with Q
≥ 1 have response
peaks near fO, the gain ratio above implies some rules of
thumb:
fO < 100kHz ⇒ V2 tends to have the larger swing
fO > 100kHz ⇒ V1 tends to have the larger swing.
The following situations are convenient because the
relative swing issue does not arise. The unused output’s
swing is naturally the smaller of the two in these cases:
Lowpass response (resistor input, V2 output, Figure 5)
with fO < 100kHz
Bandpass response (capacitor input, V2 output, Figure
6b) with fO < 100kHz
Bandpass response (resistor input, V1 output, Figure
6a) with fO > 100kHz
Highpass response (capacitor input, V1 output, Figure
7) with fO > 100kHz
The LTC1562-2, a higher frequency derivative of the
LTC1562, has a design center fO of 200kHz compared to
100kHz in the LTC1562. The rules summarized above
apply to the LTC1562-2 but with 200kHz replacing the
100kHz limits. Thus, an LTC1562-2 lowpass filter section
with fO below 200kHz automatically satisfies the desirable
condition of the unused output carrying the smaller signal
swing.
APPLICATIONS INFORMATION
level inputs require further dynamic range, reducing the
value of ZIN boosts the signal gain while reducing the input
referred noise. This feature can increase the SNR for low
level signals. Varying or switching ZIN is also an efficient
way to effect automatic gain control (AGC). From a system
viewpoint, this technique boosts the ratio of maximum
signal to minimum noise, for a typical 2nd order lowpass
response (Q = 1, fO = 100kHz), to 118dB.
Input Voltages Beyond the Power Supplies
Properly used, the LTC1562 can accommodate input
voltage excursions well beyond its supply voltage. This
requires care in design but can be useful, for example,
when large out-of-band interference is to be removed from
a smaller desired signal. The flexibility for different input
voltages arises because the INV inputs are at virtual
ground potential, like the inverting input of an op amp with
negative feedback. The LTC1562 fundamentally responds
to input
current and the external voltage VIN appears only
across the external impedance ZIN in Figure 3.
To accept beyond-the-supply input voltages, it is impor-
tant to keep the LTC1562 powered on, not in shutdown
mode, and to avoid saturating the V1 or V2 output of the
2nd order section that receives the input. If any of these
conditions is violated, the INV input will depart from a
virtual ground, leading to an overload condition whose
recovery timing depends on circuit details. In the event
that this overload drives the INV input beyond the supply
voltages, the LTC1562 could be damaged.
The most subtle part of preventing overload is to consider
the possible input signals or spectra and take care that
none of them can drive either V1 or V2 to the supply limits.
Note that neither output can be allowed to saturate, even
if it is not used as the signal output. If necessary the
passband gain can be reduced (by increasing the imped-
ance of ZIN in Figure 3) to reduce output swings.
The final issue to be addressed with beyond-the-supply
inputs is current and voltage limits. Current entering the
virtual ground INV input flows eventually through the
output circuitry that drives V1 and V2. The input current
magnitude (
VIN/ZIN in Figure 3) should be limited by
design to less than 1mA for good distortion performance.
On the other hand, the input voltage VIN appears across the
Low Level or Wide Range Input Signals
The LTC1562 contains a built-in capability for low noise
amplification of low level signals. The ZIN impedance in
each 2nd order section controls the block’s gain. When set
for unity passband gain, a 2nd order section can deliver an
output signal more than 100dB above the noise level. If low
Figure 8. 100kHz, Q = 0.7 Lowpass Circuit for
Distortion vs Loading Test
INV
V1
2nd ORDER
1/4 LTC1562
V2
1562 F08
R2
10k
CL
30pF
RL
(EXTERNAL
LOAD RESISTANCE)
RQ
6.98k
RIN
10k
VIN
VOUT


Similar Part No. - LTC1562ACG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1562ACG LINER-LTC1562ACG Datasheet
490Kb / 28P
   Very Low Noise, Low Distortion Active RC Quad Universal Filter
More results

Similar Description - LTC1562ACG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1562 LINER-LTC1562 Datasheet
490Kb / 28P
   Very Low Noise, Low Distortion Active RC Quad Universal Filter
LTC1562 LINER-LTC1562_15 Datasheet
351Kb / 28P
   Very Low Noise, Low Distortion Active RC Quad Universal Filter
LTC1562-2 LINER-LTC1562-2_15 Datasheet
239Kb / 16P
   Very Low Noise, Low Distortion Active RC Quad Universal Filter
LTC1562-2 LINER-LTC1562-2 Datasheet
179Kb / 16P
   Very Low Noise, Low Distortion Active RC Quad Universal Filter
LT1568 LINER-LT1568 Datasheet
271Kb / 16P
   Very Low Noise, High Frequency Active RC, Filter Building Block
LT1568 LINER-LT1568_15 Datasheet
282Kb / 16P
   Very Low Noise, High Frequency Active RC, Filter Building Block
logo
Linear Dimensions Semic...
LT1568CGNPBF LINEAR_DIMENSIONS-LT1568CGNPBF Datasheet
282Kb / 16P
   Very Low Noise, High Frequency Active RC, Filter Building Block
logo
Linear Technology
LTC1164 LINER-LTC1164_02 Datasheet
204Kb / 16P
   Low Power, Low Noise, Quad Universal Filter Building Block
LTC1164 LINER-LTC1164 Datasheet
1Mb / 15P
   Low Power, Low Noise, Quad Universal Filter Building Block
LTC1164 LINER-LTC1164_15 Datasheet
214Kb / 16P
   Low Power, Low Noise, Quad Universal Filter Building Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com