Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1562ACG Datasheet(PDF) 3 Page - Linear Integrated Systems

Part # LTC1562ACG
Description  Very Low Noise, Low Distortion Active RC Quad Universal Filter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC1562ACG Datasheet(HTML) 3 Page - Linear Integrated Systems

  LTC1562ACG Datasheet HTML 1Page - Linear Integrated Systems LTC1562ACG Datasheet HTML 2Page - Linear Integrated Systems LTC1562ACG Datasheet HTML 3Page - Linear Integrated Systems LTC1562ACG Datasheet HTML 4Page - Linear Integrated Systems LTC1562ACG Datasheet HTML 5Page - Linear Integrated Systems LTC1562ACG Datasheet HTML 6Page - Linear Integrated Systems LTC1562ACG Datasheet HTML 7Page - Linear Integrated Systems LTC1562ACG Datasheet HTML 8Page - Linear Integrated Systems LTC1562ACG Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
3
LTC1562
1562fa
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Q Error
VS = ±2.375V, LP Output Has RL = 5k, CL = 30pF
+ 3
%
Wideband Output Noise,
VS = ±2.375V, BW = 200kHz, Input AC GND
24
µVRMS
Lowpass Response (V2 Output)
VS = ±5V, BW = 200kHz, Input AC GND
24
µVRMS
Input-Referred Noise, Gain = 100
BW = 200kHz, fO = 100kHz, Q = 1, Input AC GND
4.5
µVRMS
THD
Total Harmonic Distortion,
fIN = 20kHz, 2.8VP-P, V1 and V2 Outputs Have
– 96
dB
Lowpass Response (V2 Output)
RL = 5k, CL = 30pF
fIN = 100kHz, 2.8VP-P, V1 and V2 Outputs Have
– 78
dB
RL = 5k, CL = 30pF
Shutdown Supply Current
SHDN Pin to V+
1.5
15
µA
SHDN Pin to V+, VS = ±2.375V
1.0
µA
Shutdown-Input Logic Threshold
2.5
V
Shutdown-Input Bias Current
SHDN Pin to 0V
– 10
– 20
µA
Shutdown Delay
SHDN Pin Steps from 0V to V +
20
µs
Shutdown Recovery Delay
SHDN Pin Steps from V + to 0V
100
µs
Inverting Input Bias Current, Each Biquad
5
pA
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
TYPICAL PERFOR A CE CHARACTERISTICS
NOMINAL fO (kHz)
50
35
30
25
20
15
10
5
0
–5
130
1562 G03
70
90
110
150
120
60
80
100
140
TA = 70°C
TA = 25°C
RIN = RQ
Q = 10
Q = 5
Q = 2.5
Q = 1
Q Error vs Nominal fO (VS = ±5V)
NOMINAL fO (kHz)
50
0
0.50
1.00
0.75
1.50
1.25
130
1562 G01
– 0.50
–1.00
– 0.25
0.25
– 0.75
–1.25
–1.50
70
90
110
150
120
60
80
100
140
Q = 5
Q = 2.5
Q = 1
fO Error vs Nominal fO (VS = ±5V)
NOMINAL fO (kHz)
50
0
0.50
1.00
0.75
1.50
1.25
130
1562 G02
– 0.50
–1.00
– 0.25
0.25
– 0.75
–1.25
–1.50
70
90
110
150
120
60
80
100
140
Q = 5
Q = 2.5
Q = 1
fO Error vs Nominal fO (VS = ±2.5V)
The q denotes the specifications that apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VS = ±5V, outputs unloaded, SHDN pin to logic “low”,
unless otherwise noted. AC specs are for a single 2nd order section, RIN = R2 = RQ =10k ±0.1%, fO = 100kHz, unless noted.
ELECTRICAL CHARACTERISTICS
Note 2: fO change from ±5V to ±2.375 supplies is – 0.15% typical,
fO temperature coefficient, – 40°C to 85°C, is –25ppm/°C typical.


Similar Part No. - LTC1562ACG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1562ACG LINER-LTC1562ACG Datasheet
490Kb / 28P
   Very Low Noise, Low Distortion Active RC Quad Universal Filter
More results

Similar Description - LTC1562ACG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1562 LINER-LTC1562 Datasheet
490Kb / 28P
   Very Low Noise, Low Distortion Active RC Quad Universal Filter
LTC1562 LINER-LTC1562_15 Datasheet
351Kb / 28P
   Very Low Noise, Low Distortion Active RC Quad Universal Filter
LTC1562-2 LINER-LTC1562-2_15 Datasheet
239Kb / 16P
   Very Low Noise, Low Distortion Active RC Quad Universal Filter
LTC1562-2 LINER-LTC1562-2 Datasheet
179Kb / 16P
   Very Low Noise, Low Distortion Active RC Quad Universal Filter
LT1568 LINER-LT1568 Datasheet
271Kb / 16P
   Very Low Noise, High Frequency Active RC, Filter Building Block
LT1568 LINER-LT1568_15 Datasheet
282Kb / 16P
   Very Low Noise, High Frequency Active RC, Filter Building Block
logo
Linear Dimensions Semic...
LT1568CGNPBF LINEAR_DIMENSIONS-LT1568CGNPBF Datasheet
282Kb / 16P
   Very Low Noise, High Frequency Active RC, Filter Building Block
logo
Linear Technology
LTC1164 LINER-LTC1164_02 Datasheet
204Kb / 16P
   Low Power, Low Noise, Quad Universal Filter Building Block
LTC1164 LINER-LTC1164 Datasheet
1Mb / 15P
   Low Power, Low Noise, Quad Universal Filter Building Block
LTC1164 LINER-LTC1164_15 Datasheet
214Kb / 16P
   Low Power, Low Noise, Quad Universal Filter Building Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com