Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1516 Datasheet(PDF) 2 Page - Linear Integrated Systems

Part # LTC1516
Description  Micropower, Regulated 3.3V Charge Pump in a 5-Pin SOT-23 Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC1516 Datasheet(HTML) 2 Page - Linear Integrated Systems

  LTC1516 Datasheet HTML 1Page - Linear Integrated Systems LTC1516 Datasheet HTML 2Page - Linear Integrated Systems LTC1516 Datasheet HTML 3Page - Linear Integrated Systems LTC1516 Datasheet HTML 4Page - Linear Integrated Systems LTC1516 Datasheet HTML 5Page - Linear Integrated Systems LTC1516 Datasheet HTML 6Page - Linear Integrated Systems LTC1516 Datasheet HTML 7Page - Linear Integrated Systems LTC1516 Datasheet HTML 8Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
LTC1517-3.3
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER INFORMATION
ORDER PART
NUMBER
Consult factory for Industrial and Military grade parts.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Operating Input Voltage
q
2.0
4.4
V
VOUT
Output Voltage
2V
≤ VIN ≤ 4.4V, IOUT ≤ 8mA
q
3.17
3.3
3.43
V
2.5V
≤ VIN ≤ 4.4V, IOUT ≤ 15mA
q
3.17
3.3
3.43
V
ICC
Input Supply Current
2V
≤ VIN ≤ 4.4V, IOUT = 0
q
615
µA
VOUT Ripple
VIN = 2.5V, IOUT = 15mA, COUT = 6.8µF50
mVP-P
fOSC
Oscillator Frequency
700
kHz
tON
VOUT Turn-On Time
VIN = 2.5V
1
ms
ISC
Output Short-Circuit Current
VIN = 3V
60
mA
VIN = 2V to 4.4V, C1 = 0.1µF, CIN = 3.3µF, COUT = 6.8µF, TMIN to TMAX, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
C1
5
C1+
1
2
3
VIN
TOP VIEW
S5 PACKAGE
5-LEAD PLASTIC SOT-23
VOUT
GND
4
(Note 1)
VIN to GND ...................................................– 0.3V to 6V
VOUT to GND ................................................– 0.3V to 6V
VOUT Short-Circuit Duration ............................. Indefinite
Operating Temperature Range:
Commercial ............................................ 0
°C to 70°C
Extended ............................................ – 40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
S5 PART MARKING
LTEF
LTTE
LTC1517CS5-3.3
LTC1517ES5-3.3
TJMAX = 125°C, θJA = 256°C/ W
The q denotes specifications that apply over the full operating
temperature range.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of the device may be impaired.
Note 2: Extended grade parts are 100% tested at TA = 25°C. Performance
at – 40
°C and 85°C is assured by design, characterization and correlation
with statistical process controls.


Similar Part No. - LTC1516

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1516 LINER-LTC1516 Datasheet
105Kb / 8P
   Micropower, Regulated 5V Charge Pump DC/DC Converter
LTC1516 LINER-LTC1516 Datasheet
92Kb / 8P
   Micropower, Regulated 5V Charge Pump DC/DC Converter
LTC1516CS8 LINER-LTC1516CS8 Datasheet
105Kb / 8P
   Micropower, Regulated 5V Charge Pump DC/DC Converter
LTC1516IS8 LINER-LTC1516IS8 Datasheet
105Kb / 8P
   Micropower, Regulated 5V Charge Pump DC/DC Converter
LTC1516 LINER-LTC1516_15 Datasheet
92Kb / 8P
   Micropower, Regulated 5V Charge Pump DC/DC Converter
More results

Similar Description - LTC1516

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1517-3.3 LINER-LTC1517-3.3_15 Datasheet
161Kb / 8P
   Micropower, Regulated 3.3V Charge Pump in a 5-Pin SOT-23 Package
LTC1517-5 LINER-LTC1517-5 Datasheet
210Kb / 8P
   Micropower, Regulated 5V Charge Pump in a 5-Pin SOT-23 Package
LTC1517-5 LINER-LTC1517-5_15 Datasheet
161Kb / 8P
   Micropower, Regulated 5V Charge Pump in a 5-Pin SOT-23 Package
LTC1754-3.3 LINER-LTC1754-3.3 Datasheet
205Kb / 12P
   Micropower, Regulated 3.3V/5V Charge Pump with Shutdown in SOT-23
LTC1754-5 LINER-LTC1754-5_15 Datasheet
216Kb / 12P
   Micropower, Regulated 3.3V/5V Charge Pump with Shutdown in SOT-23
LTC1754-3.3 LINER-LTC1754-3.3_15 Datasheet
216Kb / 12P
   Micropower, Regulated 3.3V/5V Charge Pump with Shutdown in SOT-23
logo
List of Unclassifed Man...
AIC1845 ETC2-AIC1845 Datasheet
687Kb / 13P
   Regulated 5V Charge Pump In SOT-23
logo
Analog Intergrations Co...
AIC1848 AIC-AIC1848 Datasheet
336Kb / 10P
   Regulated 5V Charge Pump In SOT-23
logo
SG Micro Corp
SGM3110 SGMICRO-SGM3110 Datasheet
424Kb / 7P
   MicroPower Regulated Charge Pump
logo
Advanced Analog Technol...
AAT3111 AAT-AAT3111 Datasheet
351Kb / 16P
   MicroPower??Regulated Charge Pump
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com