Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELT5KT4R7M Datasheet(PDF) 10 Page - Linear Integrated Systems

Part # ELT5KT4R7M
Description  Dual Monolithic 300mA Synchronous Step-Down Regulaor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

ELT5KT4R7M Datasheet(HTML) 10 Page - Linear Integrated Systems

Back Button ELT5KT4R7M Datasheet HTML 6Page - Linear Integrated Systems ELT5KT4R7M Datasheet HTML 7Page - Linear Integrated Systems ELT5KT4R7M Datasheet HTML 8Page - Linear Integrated Systems ELT5KT4R7M Datasheet HTML 9Page - Linear Integrated Systems ELT5KT4R7M Datasheet HTML 10Page - Linear Integrated Systems ELT5KT4R7M Datasheet HTML 11Page - Linear Integrated Systems ELT5KT4R7M Datasheet HTML 12Page - Linear Integrated Systems ELT5KT4R7M Datasheet HTML 13Page - Linear Integrated Systems ELT5KT4R7M Datasheet HTML 14Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LTC3547
10
3547fa
APPLICATIO S I FOR ATIO
Setting the Output Voltage
The LTC3547 regulates the VFB1 and VFB2 pins to 0.6V
during regulation. Thus, the output voltage is set by a
resistive divider according to the following formula:
VV
R
R
OUT =+
⎝⎜
⎠⎟
06
1
2
1
.
(4)
Keeping the current small (< 5µA) in these resistors maxi-
mizes efficiency, but making it too small may allow stray
capacitance to cause noise problems or reduce the phase
margin of the error amp loop.
To improve the frequency response of the main control
loop, a feedback capacitor (CF) may also be used. Great
care should be taken to route the VFB line away from noise
sources, such as the inductor or the SW line.
Fixed output versions of the LTC3547 (e.g. LTC3547-1)
include an internal resistive divider, eliminating the need
for external resistors. The resistor divider is chosen such
that the VFB input current is 3µA. For these versions the
VFB pin should be connected directly to VOUT. Table 2 lists
the fixed output voltages available for the LTC35476-1.
Table 2. Fixed Output Voltage Versions
PART NUMBER
VOUT1
VOUT2
LTC3547
Adjustable
Adjustable
LTC3547-1
1.8V
1.2V
Checking Transient Response
The regulator loop response can be checked by looking
at the load transient response. Switching regulators take
several cycles to respond to a step in load current. When
a load step occurs, VOUT immediately shifts by an amount
equal to ΔILOAD • ESR, where ESR is the effective series
resistance of COUT. ΔILOAD also begins to charge or dis-
charge COUT generating a feedback error signal used by the
regulator to return VOUT to its steady-state value. During
this recovery time, VOUT can be monitored for overshoot
or ringing that would indicate a stability problem.
The initial output voltage step may not be within the band-
width of the feedback loop, so the standard second-order
overshoot/DC ratio cannot be used to determine the phase
margin. In addition, feedback capacitors (CF1 and CF2)
can be added to improve the high frequency response, as
shown in Figure 1. Capacitor CF provides phase lead by
creating a high frequency zero with R2 which improves
the phase margin.
The output voltage settling behavior is related to the stability
of the closed-loop system and will demonstrate the actual
overall supply performance. For a detailed explanation of
optimizing the compensation components, including a re-
view of control loop theory, refer to Application Note 76.
In some applications, a more severe transient can be
caused by switching in loads with large (>1µF) input ca-
pacitors. The discharged input capacitors are effectively
put in parallel with COUT, causing a rapid drop in VOUT.
No regulator can deliver enough current to prevent this
problem if the switch connecting the load has low resistance
and is driven quickly. The solution is to limit the turn-on
speed of the load switch driver. A Hot Swapcontroller
is designed specifically for this purpose and usually in-
corporates current limiting, short-circuit protection, and
soft-starting.
Hot Swap is a trademark of Linear Technology Corporation.


Similar Part No. - ELT5KT4R7M

ManufacturerPart #DatasheetDescription
logo
Linear Technology
ELT5KT4R7M LINER-ELT5KT4R7M Datasheet
307Kb / 16P
   2.25MHz, 300mA Synchronous Step-Down
logo
Panasonic Semiconductor
ELT5KT4R7MB PANASONIC-ELT5KT4R7MB Datasheet
92Kb / 2P
   Voltage Step-up Coils High inductance, low profi le choke coil Low profi le (H=1.2 mm max.)
More results

Similar Description - ELT5KT4R7M

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3547B LINER-LTC3547B Datasheet
253Kb / 16P
   Dual Monolithic 300mA Synchronous Step-Down Regulator
LTC3547 LINER-LTC3547_15 Datasheet
307Kb / 16P
   Dual Monolithic 300mA Synchronous Step-Down Regulator
LTC3547 LINER-LTC3547 Datasheet
302Kb / 16P
   Dual Monolithic 300mA Synchronous Step-Down Regulator
LTC3547B LINER-LTC3547B_15 Datasheet
259Kb / 16P
   Dual Monolithic 300mA Synchronous Step-Down Regulator
LTC3410ESC6 LINER-LTC3410ESC6 Datasheet
307Kb / 16P
   2.25MHz, 300mA Synchronous Step-Down
LTC3419 LINER-LTC3419 Datasheet
255Kb / 16P
   Dual Monolithic 600mA Synchronous Step-Down Regulator
LTC3419 LINER-LTC3419_15 Datasheet
263Kb / 16P
   Dual Monolithic 600mA Synchronous Step-Down Regulator
LTC3607EUD LINER-LTC3607EUD Datasheet
428Kb / 8P
   Dual 600mA 15V Monolithic Synchronous Step-Down Regulator
logo
New Japan Radio
NJU7691 NJRC-NJU7691 Datasheet
138Kb / 8P
   300mA Synchronous Step-Down switching regulator IC
logo
Linear Technology
LTC3633 LINER-LTC3633_15 Datasheet
406Kb / 28P
   Dual Channel 3A, 15V Monolithic Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com