Electronic Components Datasheet Search |
|
FSM6J Datasheet(PDF) 5 Page - Tyco Electronics |
|
FSM6J Datasheet(HTML) 5 Page - Tyco Electronics |
5 / 8 page E7 E FSMRAJ Series Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 Tactile Switches, .236 [6] x .236 [6], Right Angle FSMRA7J Type SPST Off (On) (On) indicates momentary position. MATERIAL SPECIFICATIONS: Contacts ..................................Copper alloy, silver clad plate Case..........................................PBT Actuator Button ......................Nylon/acetal Frame ......................................Steel, tin plate Terminals ................................Copper alloy, silver plate ENVIRONMENTAL SPECIFICATIONS Operating Temperature............ -4°F to +185°F (-20°C to +85°C) Storage Temperature................-22°F to +185°F (-30°C to +85°C) Solder Heat Resistance ............See Page M3-4 TYPICAL PERFORMANCE CHARACTERISTICS: Contact Rating ........................50 mA @ 12 VDC Initial Contact Resistance ........100 Milliohms max. Insulation Resistance ..............100 Megohms min. @ 100 VDC Dielectric Strength ..................500 VAC for 1 minute Actuation Force ......................See Below Actuator Travel........................ .012" (0,3) Life Expectancy ......................Up to 100,000 Cycles Up to 50,000 Cycles 520 GF (AA option) .280 (7.11) .236 (5.99) .331 (8.40) .276 (7.01) .177 (4.49) .028 (0.71) .016 (0.40) .075 (1.90) .276 (7.01) .138 (3.50) .032 (0.81) .138 (3.50) DIA. .016 (0.40) .012 (0.30) .157 (3.99) .158 ± .001 (4.01 ± 0.02) “A” .051 ± .002 (1.3 ± 0.05) DIA. .012 (0.30) MAX. “ B” .158 (4.01) .039 (0.99) .039 ± .004 (0.99 ± 0.10) DIA. .098 ± .004 (2.5 ± 0.10) .098 ± .002 (2.49 ± 0.05) .276 (7.01) .177 ± .004 (4.49 ± 0.10) .248 (6.29) .280 (7.11) .236 (5.99) .331 (8.40) .276 (7.01) .177 (4.49) .028 (0.71) .016 (0.40) .075 (1.90) .276 (7.01) .138 (3.50) .032 (0.81) .138 (3.50) DIA. .016 (0.40) .012 (0.30) .157 (3.99) .158 ± .001 (4.01 ± 0.02) “A” .051 ± .002 (1.3 ± 0.05) DIA. .012 (0.30) MAX. “ B” .158 (4.01) .039 (0.99) .039 ± .004 (0.99 ± 0.10) DIA. .098 ± .004 (2.5 ± 0.10) .098 ± .002 (2.49 ± 0.05) .276 (7.01) .177 ± .004 (4.49 ± 0.10) .248 (6.29) PART NUMBERING SEQUENCE BLANK = STD. TEMP. H = HIGH TEMP. MATERIAL: CASE, PPS ACTUATOR, PPS (ACTUATOR OPTIONS 1 - 2) BLANK = 160 g (STD.) A = 260 g (OPT.) AA = 520 g (OPT.) L = 100 g (OPT.) CONSULT FACTORY FOR OTHER OPTIONS Actuator Actuation Model Length Temperature Force J FSMRA ACTUATOR SWITCH LENGTH HEIGHT DIM “A” DIM “B” .022" (0,56) 1 .124" (3,15) .049" (1,24) 2 .152" (3,86) .128" (3,25) 3 .230" (5,84) .226" (5,74) 4 .329" (8,36) .140" (3,55) 5 .242" (6,15) .167" (4,24) 6 .269" (6,85) .364" (9,24) 7 .467" (11,86) .522" (13,26) 8 .624" (15,85) ±50g Tolerance Tyco Dim. Dim Electronics Alcoswitch A B 8-1437565-4 FSMRA 1J .022" (0,55) .124" (3,15) 1571386-2 FSMRA 1JL .022" (0,55) .124" (3,15) 8-1437565-5 FSMRA 2J .049" (1,25) .152" (3,86) 1571386-1 FSMRA 2JL .049" (1,25) .152" (3,86) 8-1437565-8 FSMRA 2JA .049" (1,25) .152" (3,86) 8-1437565-9 FSMRA 2JH .049" (1,25) .152" (3,86) 9-1437565-0 FSMRA 3J .128" (3,25) .230" (5,84) 1571386-3 FSMRA 3JL .128" (3,25) .230" (5,84) 9-1437565-1 FSMRA 4J .226" (5,74) .329" (8,36) 1571819-1 FSMRA 4JA .226" (5,74) .329" (8,36) 1571386-4 FSMRA 4JL .226" (5,74) .329" (8,36) 9-1437565-2 FSMRA 5J .140" (3,55) .242" (6,15) 1571386-5 FSMRA 5JL .140" (3,55) .242" (6,15) 9-1437565-3 FSMRA 6J .167" (4,25) .269" (6,85) 1571386-6 FSMRA 6JL .167" (4,25) .269" (6,85) 9-1437565-5 FSMRA 7J .364" (9,25) .467" (11,86) 1571386-7 FSMRA 7JL .364" (9,25) .467" (11,86) 1571419-1 FSMRA 8J .522” (13,26) .624” (15,85) 1571386-8 FSMRA 8JL .522” (13,26) .624” (15,85) |
Similar Part No. - FSM6J |
|
Similar Description - FSM6J |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |