Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2986AIMM-3.0 Datasheet(PDF) 8 Page - Texas Instruments

Part # LP2986AIMM-3.0
Description  Micropower, 200 mA Ultra Low-Dropout Fixed or Adjustable Voltage Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2986AIMM-3.0 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LP2986AIMM-3.0 Datasheet HTML 4Page - Texas Instruments LP2986AIMM-3.0 Datasheet HTML 5Page - Texas Instruments LP2986AIMM-3.0 Datasheet HTML 6Page - Texas Instruments LP2986AIMM-3.0 Datasheet HTML 7Page - Texas Instruments LP2986AIMM-3.0 Datasheet HTML 8Page - Texas Instruments LP2986AIMM-3.0 Datasheet HTML 9Page - Texas Instruments LP2986AIMM-3.0 Datasheet HTML 10Page - Texas Instruments LP2986AIMM-3.0 Datasheet HTML 11Page - Texas Instruments LP2986AIMM-3.0 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
LP2986
SNVS137H – MARCH 1999 – REVISED APRIL 2013
www.ti.com
Typical Performance Characteristics (continued)
Unless otherwise specified: TA = 25°C, COUT = 4.7 µF, CIN = 2.2 µF, S/D is tied to VIN, VIN = VO(NOM) + 1V, IL = 1 mA.
Turn-On Waveform
Turn-Off Waveform
Figure 16.
Figure 17.
Short Circuit Current
Short Circuit Current
Figure 18.
Figure 19.
Short Circuit Current
Instantaneous Short Circuit Current
vs Output Voltage
vs Temperature
Figure 20.
Figure 21.
8
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LP2986


Similar Part No. - LP2986AIMM-3.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2986AIMM-3.0 NSC-LP2986AIMM-3.0 Datasheet
412Kb / 14P
   Micropower, 200 mA Ultra Low-Dropout Fixed or Adjustable Voltage Regulator
logo
Texas Instruments
LP2986AIMM-3.0 TI-LP2986AIMM-3.0 Datasheet
1Mb / 26P
[Old version datasheet]   Micropower, 200 mA Ultra Low-Dropout Fixed or Adjustable Voltage Regulator
LP2986AIMM-3.0/NOPB TI1-LP2986AIMM-3.0/NOPB Datasheet
1Mb / 33P
[Old version datasheet]   Micropower, 200-mA Ultra-Low-Dropout Fixed or Adjustable Voltage Regulator
More results

Similar Description - LP2986AIMM-3.0

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2986 TI1-LP2986 Datasheet
1Mb / 33P
[Old version datasheet]   Micropower, 200-mA Ultra-Low-Dropout Fixed or Adjustable Voltage Regulator
logo
National Semiconductor ...
LP2986 NSC-LP2986 Datasheet
412Kb / 14P
   Micropower, 200 mA Ultra Low-Dropout Fixed or Adjustable Voltage Regulator
logo
Texas Instruments
LP2986ILD-3.3 TI-LP2986ILD-3.3 Datasheet
1Mb / 26P
[Old version datasheet]   Micropower, 200 mA Ultra Low-Dropout Fixed or Adjustable Voltage Regulator
LP2986 TI-LP2986_15 Datasheet
1Mb / 33P
[Old version datasheet]   LP2986 Micropower, 200-mA Ultra-Low-Dropout Fixed or Adjustable Voltage Regulator
LP2987 TI1-LP2987 Datasheet
1Mb / 30P
[Old version datasheet]   Micropower, 200 mA Ultra Low-Dropout Voltage Regulator
logo
National Semiconductor ...
LP2980-ADJEP NSC-LP2980-ADJEP Datasheet
280Kb / 10P
   Micropower SOT, 50 mA Ultra Low-Dropout Adjustable Voltage Regulator
LP2980-ADJ NSC-LP2980-ADJ Datasheet
223Kb / 9P
   Micropower SOT, 50 mA Ultra Low-Dropout Adjustable Voltage Regulator
logo
Texas Instruments
LP3981 TI1-LP3981_16 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower, 300-mA Ultra-Low-Dropout CMOS Voltage Regulator
LP3988 TI1-LP3988 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower, 150-mA Ultra-Low-Dropout CMOS Voltage Regulator
logo
National Semiconductor ...
LP2981 NSC-LP2981 Datasheet
406Kb / 16P
   Micropower 100 mA Ultra Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com