Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT28HC256E-12SI Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT28HC256E-12SI
Description  256 32K x 8 High Speed CMOS E2PROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT28HC256E-12SI Datasheet(HTML) 1 Page - ATMEL Corporation

  AT28HC256E-12SI Datasheet HTML 1Page - ATMEL Corporation AT28HC256E-12SI Datasheet HTML 2Page - ATMEL Corporation AT28HC256E-12SI Datasheet HTML 3Page - ATMEL Corporation AT28HC256E-12SI Datasheet HTML 4Page - ATMEL Corporation AT28HC256E-12SI Datasheet HTML 5Page - ATMEL Corporation AT28HC256E-12SI Datasheet HTML 6Page - ATMEL Corporation AT28HC256E-12SI Datasheet HTML 7Page - ATMEL Corporation AT28HC256E-12SI Datasheet HTML 8Page - ATMEL Corporation AT28HC256E-12SI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
AT28HC256
256 (32K x 8)
High Speed
CMOS
E
2PROM
Features
Fast Read Access Time - 70 ns
Automatic Page Write Operation
Internal Address and Data Latches for 64-Bytes
Internal Control Timer
Fast Write Cycle Times
Page Write Cycle Time: 3 ms or 10 ms Maximum
1 to 64-Byte Page Write Operation
Low Power Dissipation
80 mA Active Current
3 mA Standby Current
Hardware and Software Data Protection
DATA Polling for End of Write Detection
High Reliability CMOS Technology
Endurance: 10
4 or 105 Cycles
Data Retention: 10 Years
Single 5V ± 10% Supply
CMOS and TTL Compatible Inputs and Outputs
JEDEC Approved Byte-Wide Pinout
Full Military, Commercial, and Industrial Temperature Ranges
Description
The AT28HC256 is a high-performance Electrically Erasable and Programmable
Read Only Memory. Its 256K of memory is organized as 32,768 words by 8 bits.
Manufactured with Atmel’s advanced nonvolatile CMOS technology, the AT28HC256
offers access times to 70 ns with power dissipation of just 440 mW. When the
AT28HC256 is deselected, the standby current is less than 5 mA.
(continued)
Note: PLCC package pins 1 and
17 are DON’T CONNECT.
CERDIP, PDIP,
FLATPACK
Top View
LCC, PLCC
Top View
Pin Name
Function
A0 - A14
Addresses
CE
Chip Enable
OE
Output Enable
WE
Write Enable
I/O0 - I/O7
Data Inputs/Outputs
NC
No Connect
DC
Don’t Connect
Pin Configurations
TSOP
Top View
PGA
Top View
0007F
AT28HC256
2-279


Similar Part No. - AT28HC256E-12SI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28HC256E-12SI ATMEL-AT28HC256E-12SI Datasheet
445Kb / 12P
   256 32K x 8 High Speed Parallel EEPROMs
More results

Similar Description - AT28HC256E-12SI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28C256 ATMEL-AT28C256 Datasheet
762Kb / 14P
   256K 32K x 8 Paged CMOS E2PROM
AT28HC256N ATMEL-AT28HC256N Datasheet
230Kb / 13P
   256 (32K x 8) High-speed Parallel EEPROM
AT28HC256 ATMEL-AT28HC256_08 Datasheet
448Kb / 16P
   256 (32K x 8) High Speed Parallel Parallel
AT28HC256 ATMEL-AT28HC256 Datasheet
445Kb / 12P
   256 32K x 8 High Speed Parallel EEPROMs
AT28LV256 ATMEL-AT28LV256 Datasheet
602Kb / 10P
   256K 32K x 8 Low Voltage CMOS E2PROM
logo
STMicroelectronics
WS57C256F STMICROELECTRONICS-WS57C256F Datasheet
49Kb / 5P
   HIGH SPEED 32K x 8 CMOS EPROM
logo
Integrated Circuit Solu...
IC61C256AH ICSI-IC61C256AH Datasheet
97Kb / 9P
   32K x 8 HIGH-SPEED CMOS STATIC RAM
logo
List of Unclassifed Man...
UT61256 ETC-UT61256 Datasheet
185Kb / 10P
   32K X 8 BIT HIGH SPEED CMOS SRAM
logo
Pyramid Semiconductor C...
P4C1256 PYRAMID-P4C1256 Datasheet
170Kb / 17P
   HIGH SPEED 32K x 8 STATIC CMOS RAM
logo
Lyontek Inc.
LY61L256 LYONTEK-LY61L256_17 Datasheet
852Kb / 14P
   32K X 8 BIT HIGH SPEED CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com