Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBPC15-005 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # GBPC15-005
Description  Glass Passivated Bridge Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

GBPC15-005 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  GBPC15-005 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd GBPC15-005 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd GBPC15-005 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd GBPC15-005 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Min
Max
Min
Max
A
28.50
29.00
1.122
1.142
B
15.50
17.60
0.610
0.693
C
5.08
5.59
0.200
0.220
D
28.50
29.00
1.122
1.142
E
15.50
17.60
0.610
0.693
F
13.30
15.30
0.524
0.602
G
17.10
19.10
0.673
0.752
H
I
10.97
11.23
0.432
0.442
J
21.50
24.50
0.846
0.965
Min
Max
Min
Max
A
28.50
29.00
1.122
1.142
B
17.10
19.10
0.673
0.752
C
5.08
5.59
0.200
0.220
D
28.50
29.00
1.122
1.142
E
17.10
19.10
0.673
0.752
F
6.20
4.40
0.244
0.173
G
10.40
12.40
0.409
0.488
H
0.97
1.07
0.038
0.042
I
10.97
11.23
0.432
0.442
J
30.50
-
1.201
-
Document Number:DS_D1312015
Version:I13
GBPC 15, 25, 35 SERIES
Taiwan Semiconductor
PACKAGE OUTLINE DIMENSIONS
DIM.
Unit(mm)
Unit(inch)
6.35 (TYP)
0.25 (TYP)
GBPC
GBPC-W
DIM.
Unit(mm)
Unit(inch)
0
100
200
300
400
500
600
700
0.1
1
10
100
REVERSE VOLTAGE (V)
FIG. 5 TYPICAL JUNCTION CAPACITANCE
f=1.0MHz
Vsig=50mVp-p


Similar Part No. - GBPC15-005

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GBPC15-005 ETC2-GBPC15-005 Datasheet
179Kb / 4P
   15A Glass Passivated Bridge Rectifier
logo
TAITRON Components Inco...
GBPC15-005 TAITRON-GBPC15-005 Datasheet
179Kb / 4P
   15A Glass Passivated Bridge Rectifier
logo
Taiwan Semiconductor Co...
GBPC15-005 TSC-GBPC15-005 Datasheet
188Kb / 3P
   High Current 15, 25, 35 AMPS. Single Phase Glass Passivated Bridge Rectifiers
logo
TAITRON Components Inco...
GBPC15-005W TAITRON-GBPC15-005W Datasheet
138Kb / 4P
   15A Glass Passivated Bridge Rectifier
More results

Similar Description - GBPC15-005

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
DB101 HY-DB101_1 Datasheet
95Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
DF005 HY-DF005_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
RS101G HY-RS101G_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBL4005G-G COMCHIP-KBL4005G-G Datasheet
83Kb / 3P
   Glass Passivated Bridge Rectifiers
SC35VB80S-G COMCHIP-SC35VB80S-G Datasheet
106Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Yea Shin Technology Co....
2W005G YEASHIN-2W005G Datasheet
356Kb / 2P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
UR3KB60 TSC-UR3KB60_13 Datasheet
200Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Gaomi Xinghe Electronic...
GBU10005 GXELECTRONICS-GBU10005 Datasheet
589Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBP2005G-G COMCHIP-KBP2005G-G Datasheet
73Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
DBL101G TSC-DBL101G_15 Datasheet
196Kb / 4P
   Glass Passivated Bridge Rectifiers
TS10K40 TSC-TS10K40_14 Datasheet
210Kb / 4P
   Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com