Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPV521 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LPV521
Description  LPV521 Nanopower, 1.8V, RRIO, CMOS Input, Operational Amplifier
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LPV521 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LPV521 Datasheet HTML 5Page - Texas Instruments LPV521 Datasheet HTML 6Page - Texas Instruments LPV521 Datasheet HTML 7Page - Texas Instruments LPV521 Datasheet HTML 8Page - Texas Instruments LPV521 Datasheet HTML 9Page - Texas Instruments LPV521 Datasheet HTML 10Page - Texas Instruments LPV521 Datasheet HTML 11Page - Texas Instruments LPV521 Datasheet HTML 12Page - Texas Instruments LPV521 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
VCM (V)
150
100
50
0
-50
-100
-150
-0.50.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
VS = 5V
125°C
85°C
25°C
-40°C
VS (V)
150
100
50
0
-50
-100
-150
1
2
3
4
5
6
VCM = 0.3V
125°C
85°C
25°C
-40°C
VCM (V)
300
200
100
0
-100
-200
-300
0.0
0.3
0.6
0.9
1.2
1.5
1.8
VS = 1.8V
125°C
85°C
25°C
-40°C
VCM (V)
150
100
50
0
-50
-100
-150
-0.1
0.4
0.9
1.4
1.9
2.4
2.9
3.4
VS = 3.3V
125°C
85°C
25°C
-40°C
TCVOS (PV/C)
30
25
20
15
10
5
0
VS = 5V
-40
oC d TA d 125oC
VCM = VS/2
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
-1.0
0
5
10
15
20
25
VOS (mV)
-0.8 -0.6 -0.4 -0.2 0.0 0.2 0.4 0.6 0.8 1.0
VS = 5V
TA = 25
oC
VCM = VS/2
LPV521
www.ti.com
SNOSB14C – AUGUST 2009 – REVISED FEBRUARY 2013
Typical Performance Characteristics (continued)
At TJ = 25°C, unless otherwise specified.
Offset Voltage Distribution
TCVOS Distribution
Figure 8.
Figure 9.
Input Offset Voltage vs. Input Common Mode
Input Offset Voltage vs. Input Common Mode
Figure 10.
Figure 11.
Input Offset Voltage vs. Input Common Mode
Input Offset Voltage vs. Supply Voltage
Figure 12.
Figure 13.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LPV521


Similar Part No. - LPV521

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LPV521 NSC-LPV521 Datasheet
1Mb / 22P
   Nanopower, 1.8V, RRIO, CMOS Input, Operational Amplifier
logo
Texas Instruments
LPV521 TI1-LPV521 Datasheet
1Mb / 33P
[Old version datasheet]   RRIO, CMOS Input, Operational Amplifier
LPV521 TI1-LPV521 Datasheet
1Mb / 34P
[Old version datasheet]   NanoPower, 1.8-V, RRIO, CMOS Input, Operational Amplifier
logo
National Semiconductor ...
LPV521MG NSC-LPV521MG Datasheet
1Mb / 22P
   Nanopower, 1.8V, RRIO, CMOS Input, Operational Amplifier
logo
Texas Instruments
LPV521MG TI1-LPV521MG Datasheet
1Mb / 33P
[Old version datasheet]   RRIO, CMOS Input, Operational Amplifier
More results

Similar Description - LPV521

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LPV521 TI-LPV521_15 Datasheet
1Mb / 33P
[Old version datasheet]   LPV521 NanoPower, 1.8-V, RRIO, CMOS Input, Operational Amplifier
logo
National Semiconductor ...
LPV521 NSC-LPV521 Datasheet
1Mb / 22P
   Nanopower, 1.8V, RRIO, CMOS Input, Operational Amplifier
logo
Texas Instruments
LPV521 TI1-LPV521_16 Datasheet
1Mb / 34P
[Old version datasheet]   NanoPower, 1.8-V, RRIO, CMOS Input, Operational Amplifier
TLV521 TI1-TLV521 Datasheet
1Mb / 27P
[Old version datasheet]   TLV521 NanoPower, 350nA, RRIO, CMOS Input, Operational Amplifier
LPV521 TI1-LPV521 Datasheet
1Mb / 33P
[Old version datasheet]   RRIO, CMOS Input, Operational Amplifier
TLV522 TI1-TLV522 Datasheet
1Mb / 22P
[Old version datasheet]   TLV522 Dual Nanopower, 500nA, RRIO CMOS Operational Amplifier
LPV542 TI-LPV542 Datasheet
1Mb / 29P
[Old version datasheet]   LPV542 Dual Nanopower 1.8 V, 490nA, RRIO CMOS Operational Amplifier
LPV542 TI1-LPV542 Datasheet
1Mb / 29P
[Old version datasheet]   RRIO CMOS Operational Amplifier
logo
National Semiconductor ...
LMV931 NSC-LMV931 Datasheet
625Kb / 19P
   1.8V, RRIO Operational Amplifiers
LMP2232 NSC-LMP2232 Datasheet
802Kb / 20P
   Micropower, 1.8V, Precision, Operational Amplifier with CMOS Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com