Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPV521MG Datasheet(PDF) 3 Page - Texas Instruments

Part # LPV521MG
Description  LPV521 Nanopower, 1.8V, RRIO, CMOS Input, Operational Amplifier
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LPV521MG Datasheet(HTML) 3 Page - Texas Instruments

  LPV521MG Datasheet HTML 1Page - Texas Instruments LPV521MG Datasheet HTML 2Page - Texas Instruments LPV521MG Datasheet HTML 3Page - Texas Instruments LPV521MG Datasheet HTML 4Page - Texas Instruments LPV521MG Datasheet HTML 5Page - Texas Instruments LPV521MG Datasheet HTML 6Page - Texas Instruments LPV521MG Datasheet HTML 7Page - Texas Instruments LPV521MG Datasheet HTML 8Page - Texas Instruments LPV521MG Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
LPV521
www.ti.com
SNOSB14C – AUGUST 2009 – REVISED FEBRUARY 2013
1.8V DC Electrical Characteristics
(1)
Unless otherwise specified, all limits guaranteed for TA = 25°C, V
+ = 1.8V, V= 0V, V
CM = VO = V
+/2, and R
L > 1 MΩ.
Boldface limits apply at the temperature extremes.
Min
Typ
Max
Symbol
Parameter
Conditions
Units
(2)
(3)
(2)
VOS
Input Offset Voltage
VCM = 0.3V
0.1
±1.0
±1.23
mV
0.1
±1.0
VCM = 1.5V
±1.23
TCVOS
Input Offset Voltage Drift(4)
±0.4
±3
μV/°C
IBIAS
Input Bias Current
0.01
±1
pA
±50
IOS
Input Offset Current
10
fA
CMRR
Common Mode Rejection Ratio
0V
≤ VCM ≤ 1.8V
66
92
60
75
101
0V
≤ VCM ≤ 0.7V
dB
74
75
120
1.2V
≤ VCM ≤ 1.8V
53
PSRR
Power Supply Rejection Ratio
1.6V
≤ V+ ≤ 5.5V
85
109
dB
VCM = 0.3V
76
CMRR
≥ 67 dB
0
1.8
V
CMVR
Common Mode Voltage Range
CMRR
≥ 60 dB
0
1.8
VO = 0.5V to 1.3V
74
125
dB
AVOL
Large Signal Voltage Gain
RL = 100 kΩ to V
+/2
73
VO
Output Swing High
RL = 100 kΩ to V
+/2
2
50
VIN(diff) = 100 mV
50
mV from
either rail
Output Swing Low
RL = 100 kΩ to V
+/2
2
50
VIN(diff) = −100 mV
50
IO
Sourcing, VO to V
1
3
VIN(diff) = 100 mV
0.5
Output Current(5)
mA
Sinking, VO to V
+
1
3
VIN(diff) = −100 mV
0.5
IS
Supply Current
VCM = 0.3V
345
400
580
nA
472
600
VCM = 1.5V
850
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No guarantee of parametric performance is indicated in the electrical tables under
conditions of internal self-heating where TJ > TA. Absolute Maximum Ratings indicate junction temperature limits beyond which the
device may be permanently degraded, either mechanically or electrically.
(2)
All limits are guaranteed by testing, statistical analysis or design.
(3)
Typical values represent the most likely parametric norm at the time of characterization. Actual typical values may vary over time and
will also depend on the application and configuration. The typical values are not tested and are not guaranteed on shipped production
material.
(4)
The offset voltage average drift is determined by dividing the change in VOS at the temperature extremes by the total temperature
change.
(5)
The short circuit test is a momentary open loop test.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LPV521


Similar Part No. - LPV521MG

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LPV521MG NSC-LPV521MG Datasheet
1Mb / 22P
   Nanopower, 1.8V, RRIO, CMOS Input, Operational Amplifier
logo
Texas Instruments
LPV521MG TI1-LPV521MG Datasheet
1Mb / 33P
[Old version datasheet]   RRIO, CMOS Input, Operational Amplifier
LPV521MG/NOPB TI1-LPV521MG/NOPB Datasheet
1Mb / 34P
[Old version datasheet]   NanoPower, 1.8-V, RRIO, CMOS Input, Operational Amplifier
logo
National Semiconductor ...
LPV521MGE NSC-LPV521MGE Datasheet
1Mb / 22P
   Nanopower, 1.8V, RRIO, CMOS Input, Operational Amplifier
logo
Texas Instruments
LPV521MGE TI1-LPV521MGE Datasheet
1Mb / 33P
[Old version datasheet]   RRIO, CMOS Input, Operational Amplifier
More results

Similar Description - LPV521MG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LPV521 TI-LPV521_15 Datasheet
1Mb / 33P
[Old version datasheet]   LPV521 NanoPower, 1.8-V, RRIO, CMOS Input, Operational Amplifier
logo
National Semiconductor ...
LPV521 NSC-LPV521 Datasheet
1Mb / 22P
   Nanopower, 1.8V, RRIO, CMOS Input, Operational Amplifier
logo
Texas Instruments
LPV521 TI1-LPV521_16 Datasheet
1Mb / 34P
[Old version datasheet]   NanoPower, 1.8-V, RRIO, CMOS Input, Operational Amplifier
TLV521 TI1-TLV521 Datasheet
1Mb / 27P
[Old version datasheet]   TLV521 NanoPower, 350nA, RRIO, CMOS Input, Operational Amplifier
LPV521 TI1-LPV521 Datasheet
1Mb / 33P
[Old version datasheet]   RRIO, CMOS Input, Operational Amplifier
TLV522 TI1-TLV522 Datasheet
1Mb / 22P
[Old version datasheet]   TLV522 Dual Nanopower, 500nA, RRIO CMOS Operational Amplifier
LPV542 TI-LPV542 Datasheet
1Mb / 29P
[Old version datasheet]   LPV542 Dual Nanopower 1.8 V, 490nA, RRIO CMOS Operational Amplifier
LPV542 TI1-LPV542 Datasheet
1Mb / 29P
[Old version datasheet]   RRIO CMOS Operational Amplifier
logo
National Semiconductor ...
LMV931 NSC-LMV931 Datasheet
625Kb / 19P
   1.8V, RRIO Operational Amplifiers
LMP2232 NSC-LMP2232 Datasheet
802Kb / 20P
   Micropower, 1.8V, Precision, Operational Amplifier with CMOS Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com