Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPPM0302DGN Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPPM0302DGN
Description  400-mA LOW-DROPOUT REGULATOR WITH AUXILIARY POWER MANAGEMENT AND POK
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPPM0302DGN Datasheet(HTML) 5 Page - Texas Instruments

  TPPM0302DGN Datasheet HTML 1Page - Texas Instruments TPPM0302DGN Datasheet HTML 2Page - Texas Instruments TPPM0302DGN Datasheet HTML 3Page - Texas Instruments TPPM0302DGN Datasheet HTML 4Page - Texas Instruments TPPM0302DGN Datasheet HTML 5Page - Texas Instruments TPPM0302DGN Datasheet HTML 6Page - Texas Instruments TPPM0302DGN Datasheet HTML 7Page - Texas Instruments TPPM0302DGN Datasheet HTML 8Page - Texas Instruments TPPM0302DGN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
TPPM0302
400-mA LOW-DROPOUT REGULATOR
WITH AUXILIARY POWER MANAGEMENT AND POK
SLVS316 – NOVEMBER 2000
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
td
3.3VOUT
POK
VTO = 2.67 V to 2.93 V
85%
Figure 1. Power OK Timing Diagram
TYPICAL CHARACTERISTICS
5VCC
3.3VOUT
(400mA load)
Figure 2. 5VCC Cold Start
3.3VAUX
3.3VOUT
(375mA load)
Figure 3. 3.3VAUX Cold Start


Similar Part No. - TPPM0302DGN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPPM0302 TI-TPPM0302 Datasheet
239Kb / 12P
[Old version datasheet]   400-mA LOW-DROPOUT REGULATOR WITH AUXILIARY POWER MANAGEMENT AND POK
More results

Similar Description - TPPM0302DGN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPPM0302 TI-TPPM0302 Datasheet
239Kb / 12P
[Old version datasheet]   400-mA LOW-DROPOUT REGULATOR WITH AUXILIARY POWER MANAGEMENT AND POK
TPPM0301 TI-TPPM0301 Datasheet
246Kb / 12P
[Old version datasheet]   400-mA LOW-DROPOUT REGULATOR WITH AUXILIARY POWER MANAGEMENT
TPPM0304 TI1-TPPM0304 Datasheet
259Kb / 14P
[Old version datasheet]   250-mA LOW-DROPOUT REGULATOR WITH AUXILIARY POWER MANAGEMENT
TPPM0303 TI-TPPM0303 Datasheet
211Kb / 10P
[Old version datasheet]   250-mA LOW-DROPOUT REGULATOR WITH AUXILIARY POWER MANAGEMENT
TPPM0303 TI-TPPM0303_15 Datasheet
384Kb / 13P
[Old version datasheet]   250-mA LOW-DROPOUT REGULATOR WITH AUXILIARY POWER MANAGEMENT
SN105125 TI1-SN105125_12 Datasheet
533Kb / 15P
[Old version datasheet]   150-mA LOW DROPOUT REGULATOR WITH POK
TPPM0125 TI1-TPPM0125 Datasheet
211Kb / 13P
[Old version datasheet]   150-mA LOW DROPOUT REGULATOR WITH POK
SN105125 TI-SN105125 Datasheet
201Kb / 13P
[Old version datasheet]   150-mA LOW DROPOUT REGULATOR WITH POK
logo
Advanced Analog Technol...
AAT1205 AAT-AAT1205 Datasheet
442Kb / 21P
   400-mA MULTI-INPUT LOW-DROPOUT REGULATOR WITH DUAL OUTPUT POWER MANAGEMENT
logo
Diodes Incorporated
AP7165 DIODES-AP7165_10 Datasheet
602Kb / 14P
   600mA LOW DROPOUT REGULATOR WITH POK
DS31270 Rev. 6 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com