Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DDH9PWBT Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # DDH9PWBT
Description  PCB layouts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DDH9PWBT Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  DDH9PWBT Datasheet HTML 1Page - List of Unclassifed Manufacturers DDH9PWBT Datasheet HTML 2Page - List of Unclassifed Manufacturers DDH9PWBT Datasheet HTML 3Page - List of Unclassifed Manufacturers DDH9PWBT Datasheet HTML 4Page - List of Unclassifed Manufacturers DDH9PWBT Datasheet HTML 5Page - List of Unclassifed Manufacturers DDH9PWBT Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Crimp D
FLEXIBLE AND FAST ASSEMBLY D SUB-MINIATURE
High Density D
INCREASED DENSITY D SUB-MINIATURE
FEATURES
Replaceable contacts – no
connector wastage.
Two contact performance
levels – Budget for
commercial and Standard for
industrial applications.
Accepts wire sizes of 20 to 28
AWG – offers greater
flexibility.
Tinned and dimpled shell
options – for effective
EMI/RFI shielding.
Complete selection of crimp
tooling enables quick
assembly.
Wire strip length 2.4
± 0.2mm.
FEATURES
Tinned and dimpled shell as
standard for enhanced
electrical continuity and
effective EMI/RFI shielding.
Threaded inserts – enable
quick assembly of mounting
hardware to 90° p.c. versions.
Solder bucket, straight p.c.
90° p.c. and crimp
termination styles.
Optional screwlocks and
solderable boardlocks fitted
to 90° p.c. versions.
Compatible with Standard D
range accessories.
All ranges: female
No.of
contacts
9
15
25
37
50
A
31.19
30, 43
39.52
38.76
53.42
52.65
69.70
68.94
67.34
66.55
B
16.46
16.21
24.79
24.54
38.51
38.25
54.97
54.71
52.56
52.30
C
25.12
24.87
33.45
33.20
47.17
46.91
63.63
63.37
61.24
60.99
D
8.03
7.77
8.03
7.77
8.03
7.77
8.03
7.77
10.87
10.62
E
12.93
12.17
12.93
12.17
12.93
12.17
12.93
12.17
15.75
14.99
F
6.30
6.05
6.30
6.05
6.30
6.05
6.30
6.05
6.30
6.05
Maximum flexibility and
reduced assembly costs
are achieved through full
or partial loading of
selectively plated
stamped and formed
contacts.
Increased contact
density is provided in five
industry standard shell
sizes providing up to 78
contacts. A choice of
four termination styles
including crimp are
available making this
range one of the most
versatile.
ASSEMBLY TOOLS AND HAND TOOLS
r: 1.04 max
F
A
B
C
r: 2.54
D
E
10º
FRONT FACE
11
max
12.5
9.1
2.3
4.3
10.5
9.5 5.3
Ø 0.6
9.0
11.5
14.0
Ø 0.6
3.3
11
max
Crimp
Hand Crimp Tool MP600-D/HD
Insertion/extraction tool MP601-D or MP601-HD
Solder Bucket
Straight P. C.
90º P. C.
Crimp
r: 1.30
0.75


Similar Part No. - DDH9PWBT

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DDH-CJS-P1 DOMINANT-DDH-CJS-P1 Datasheet
804Kb / 16P
   LED AlInGaP
DDH-CJS-P2 DOMINANT-DDH-CJS-P2 Datasheet
804Kb / 16P
   LED AlInGaP
DDH-CJS-PQ2-1 DOMINANT-DDH-CJS-PQ2-1 Datasheet
804Kb / 16P
   LED AlInGaP
DDH-CJS-Q1 DOMINANT-DDH-CJS-Q1 Datasheet
804Kb / 16P
   LED AlInGaP
DDH-CJS-Q2 DOMINANT-DDH-CJS-Q2 Datasheet
804Kb / 16P
   LED AlInGaP
More results

Similar Description - DDH9PWBT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DB25SN ETC2-DB25SN Datasheet
745Kb / 6P
   PCB layouts
logo
Winchester Electronics ...
RM21WA4S-50-ZB WINCHESTER-RM21WA4S-50-ZB Datasheet
48Kb / 1P
   D-SUB HOUSING MIXED LAYOUTS
RM21WA4P-50-ZB WINCHESTER-RM21WA4P-50-ZB Datasheet
101Kb / 1P
   D-SUB HOUSING - MIXED LAYOUTS
logo
ITT Industries
051527-0006 ITT-051527-0006 Datasheet
35Kb / 1P
   Combo D Series: D-Subminiature offering mixed layouts
053515-1372 ITT-053515-1372 Datasheet
41Kb / 1P
   Combo D Series: D-Subminiature offering mixed layouts
053512-1270 ITT-053512-1270 Datasheet
35Kb / 1P
   Combo D Series: D-Subminiature offering mixed layouts
053513-1602 ITT-053513-1602 Datasheet
35Kb / 1P
   Combo D Series: D-Subminiature offering mixed layouts
053515-1144 ITT-053515-1144 Datasheet
34Kb / 1P
   Combo D Series: D-Subminiature offering mixed layouts
DBME-17W2P-K87 ITT-DBME-17W2P-K87 Datasheet
34Kb / 1P
   combo D Series: D-Subminiature offering mixed layouts
051523-0116 ITT-051523-0116 Datasheet
35Kb / 1P
   Combo D Series: D-Subminiature offering mixed layouts
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com